Part Number Hot Search : 
EDZ15B SE556 2STA1943 C1510 Q0270R C68HC05 ACTF8100 A48M2
Product Description
Full Text Search
  single output ldo 200ma fixed1 Datasheet PDF File

For single output ldo 200ma fixed1 Found Datasheets File :: 150+       Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PEAK[PEAK electronics GmbH]
Part No. PN6CU-4812E PN6CU-0505E PN6CU-0512E PN6CU-1205E PN6CU-1212E PN6CU-2405E PN6CU-2412E PN6CU-243R3E PN6CU-4805E
Description Input voltage: 48V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output
Input voltage: 48V, output voltage 5V (200ma), 1KV isolated 1W unregulated single output
Input voltage: 24V, output voltage 3.3V (303mA), 1KV isolated 1W unregulated single output
Input voltage: 24V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output
Input voltage: 24V, output voltage 5V (200ma), 1KV isolated 1W unregulated single output
Input voltage: 12V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output
Input voltage: 12V, output voltage 5V (200ma), 1KV isolated 1W unregulated single output
Input voltage: 5V, output voltage 12V (84mA), 1KV isolated 1W unregulated single output
Input voltage: 5V, output voltage 5V (200ma), 1KV isolated 1W unregulated single output
PN6CU-XXXXE 1KV ISOLATED 1W UNREGULATED single output SIP7 PN6CU - XXXXE 1KV交隔W的未稳压单输出SIP7

File Size 170.45K  /  2 Page

View it Online

Download Datasheet





    P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P4SMA75 P4SMA60 P4SMA7.0 P4SMA7.0A P4SMA7.0C P4SMA7.0CA P4SMA7.5C P4SMA

ON Semiconductor
Won-Top Electronics Co., Ltd.
WTE[Won-Top Electronics]
http://
Part No. P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P4SMA75 P4SMA60 P4SMA7.0 P4SMA7.0A P4SMA7.0C P4SMA7.0CA P4SMA7.5C P4SMA7.5CA P4SMA78 P4SMA10 P4SMA100 P4SMA100C P4SMA10C P4SMA10CA P4SMA11 P4SMA22A P4SMA20 P4SMA20A P4SMA20C P4SMA20CA P4SMA22 P4SMA22C P4SMA40 P4SMA40C P4SMA40CA P4SMA43 P4SMA43A P4SMA43C P4SMA43CA P4SMA45 P4SMA45C P4SMA45CA P4SMA8.0C P4SMA8.0CA P4SMA8.5 P4SMA8.5A P4SMA8.5C P4SMA8.5CA P4SMAJ P4SMA100A P4SMA100CA P4SMA10A P4SMA110 P4SMA110A P4SMA110C P4SMA110CA P4SMA11A P4SMA11C P4SMA11CA P4SMA12 P4SMA120 P4SMA120A P4SMA120C P4SMA120CA P4SMA12A P4SMA12C P4SMA12CA P4SMA13 P4SMA130 P4SMA130A P4SMA130C P4SMA130CA P4SMA13A P4SMA13C P4SMA13CA P4SMA14 P4SMA14A P4SMA14C P4SMA14CA P4SMA15 P4SMA150 P4SMA150A P4SMA150C P4SMA150CA P4SMA15A P4SMA15C P4SMA15CA P4SMA16 P4SMA160 P4SMA160A P4SMA160C P4SMA160CA P4SMA16A P4SMA16C P4SMA16CA P4SMA17 P4SMA170 P4SMA170A P4SMA170C P4SMA170CA P4SMA17A P4SMA17C P4SMA17CA P4SMA18 P4SMA18A P4SMA18C P4SMA18CA P4SMA22CA P4SMA24 P4SMA24A P4SMA24C P4SMA24CA P4SMA26 P4SMA26A P4SMA26C P4SMA26CA P4SMA28 P4SMA28A P4SMA28C P4SMA28CA P4SMA30 P4SMA30A P4SMA30C P4SMA30CA P4SMA33 P4SMA33A P4SMA33C P4SMA33CA P4SMA36 P4SMA36A P4SMA36C P4SMA36CA P4SMA40A P4SMA45
Description Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor
single output ldo, 200ma, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器
single output ldo, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器
single output ldo, 200ma, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器
single output ldo, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器
single output ldo, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器
single output ldo, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125
IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A
single output ldo, 200ma, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85
single output ldo, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85

File Size 62.97K  /  5 Page

View it Online

Download Datasheet

    PEAK electronics
Part No. P6DG-054R8E P6DG-244R8E P6DG-124R8E
Description Input voltage:5V, output voltage 4.85V (200ma), 1KV isolated 0.6-1.5W regulated single output
Input voltage:24V, output voltage 4.85V (200ma), 1KV isolated 0.6-1.5W regulated single output
Input voltage:12V, output voltage 4.85V (200ma), 1KV isolated 0.6-1.5W regulated single output

File Size 89.09K  /  2 Page

View it Online

Download Datasheet

    http://
PEAK[PEAK electronics GmbH]
Part No. P6MU-2415EH52 P6MU-0505EH52 P6MU-0512EH52 P6MU-1205EH52 P6MU-1212EH52 P6MU-2405EH52 P6MU-2412EH52
Description Input voltage:5V, output voltage 5V (200ma), 5.2KV isolated 1W unregulated single output
Input voltage:12V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output
Input voltage:5V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output
Input voltage:24V, output voltage 15V (67mA), 5.2KV isolated 1W unregulated single output
Input voltage:12V, output voltage 5V (200ma), 5.2KV isolated 1W unregulated single output
Input voltage:24V, output voltage 5V (200ma), 5.2KV isolated 1W unregulated single output
Input voltage:24V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output
5.2 KV ISOLATED 1W UNREGULATED single output DIP14 5.2千伏隔震1W的未稳压单输出DIP14

File Size 179.49K  /  2 Page

View it Online

Download Datasheet

    PEAK[PEAK electronics GmbH]
Part No. P6LU-2415EH52 P6LU-0505EH52 P6LU-0512EH52 P6LU-1205EH52 P6LU-1212EH52 P6LU-2405EH52 P6LU-2412EH52
Description Input voltage:12V, output voltage 12V (84mA), 5.2KV isolated 1W unregulated single output
Input voltage:24V, output voltage 5V (200ma), 5.2KV isolated 1W unregulated single output
Input voltage:12V, output voltage 5V (200ma), 5.2KV isolated 1W unregulated single output
5.2KV ISOLATED 1W UNREGULATED single output SIP7 5.2KV隔震1W的未稳压单输出SIP7

File Size 150.41K  /  2 Page

View it Online

Download Datasheet

    PEAK electronics
Part No. P6CG-124R8E P6CG-054R8E P6CG-244R8E P6CG-0512E P6CG-123R3E P6CG-053R3E P6CG-1209E P6CG-1203E P6CG-0509E P6CG-1212E
Description Input voltage:12V, output voltage 4.85V (200ma), 1KV isolated 0.6-1.5W regulated single output
Input voltage:5V, output voltage 4.85V (200ma), 1KV isolated 0.6-1.5W regulated single output
Input voltage:24V, output voltage 4.85V (200ma), 1KV isolated 0.6-1.5W regulated single output
Input voltage:5V, output voltage 12V (100mA), 1KV isolated 0.6-1.5W regulated single output
Input voltage:24V, output voltage 3.3V (200ma), 1KV isolated 0.6-1.5W regulated single output
Input voltage:12V, output voltage 9V (150mA), 1KV isolated 0.6-1.5W regulated single output
Input voltage:12V, output voltage 3V (200ma), 1KV isolated 0.6-1.5W regulated single output
Input voltage:5V, output voltage 9V (150mA), 1KV isolated 0.6-1.5W regulated single output
Input voltage:12V, output voltage 12V (100mA), 1KV isolated 0.6-1.5W regulated single output

File Size 90.10K  /  3 Page

View it Online

Download Datasheet

    PEAK[PEAK electronics GmbH]
Part No. P8SG-247R2EM P8SG-0505EM P8SG-1205EM P8SG-1212EM P8SG-2405EM P8SG-2415EM
Description Input voltage:24V, output voltage 7.2V (200ma), 1KV isolated 1.5W regulated single output
1 KV ISOLATED 1.5 W REGULATED single output DIP24 1千伏隔震1.5糯稳压单输出DIP24

File Size 126.82K  /  2 Page

View it Online

Download Datasheet

    PEAK[PEAK electronics GmbH]
Part No. P8SG-247R2EH30 P8SG-0505EH30 P8SG-1205EH30 P8SG-1212EH30 P8SG-2405EH30 P8SG-2415EH30
Description Input voltage:24V, output voltage 7.2V (200ma), 3KV isolated 1.5W regulated single output
3 KV ISOLATED 1.5 W REGULATED single output DIP24 3千伏隔震1.5糯稳压单输出DIP24

File Size 114.36K  /  2 Page

View it Online

Download Datasheet

    PEAK[PEAK electronics GmbH]
Part No. P8SG-247R2E P8SG-0505E P8SG-1205E P8SG-1212E P8SG-2405E P8SG-2415E
Description Input voltage:24V, output voltage 7.2V (200ma), 1KV isolated 1.5W regulated single output
1 KV ISOLATED 1.5 W REGULATED single output DIP24 1千伏隔震1.5糯稳压单输出DIP24

File Size 113.89K  /  2 Page

View it Online

Download Datasheet

    PEAK[PEAK electronics GmbH]
Part No. P8SG-XXXXEH30M P8SG-0505EH30M P8SG-1205EH30M P8SG-1212EH30M P8SG-2405EH30M P8SG-2415EH30M P8SG-247R2EH30M
Description Input voltage:24V, output voltage 7.2V (200ma), 3KV isolated 1.5W regulated single output
3 KV ISOLATED 1.5 W REGULATED single output DIP24 3千伏隔震1.5糯稳压单输出DIP24

File Size 127.26K  /  2 Page

View it Online

Download Datasheet

For single output ldo 200ma fixed1 Found Datasheets File :: 150+       Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of single output ldo 200ma fixed1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.8456120491028