PART |
Description |
Maker |
COM117HVT |
Hi-Rel Adjustable Voltage 3-Terminal Positive Regulator COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR, HIGH VOLTA G E COMMERCIAL OFF-THE-SHELF 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR, HIGH VOLTAGE
|
International Rectifier ETC N.A. List of Unclassifed Manufacturers
|
LM317BD2TG LM317D2TR4G LM317TG |
1.5 A Adjustable Output, Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 5.0 AMP POSITIVE VOLTAGE REGULATOR 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2 1.5 A Adjustable Output, Positive Voltage Regulator 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSFM3
|
ON Semiconductor
|
OM1850STM OM1850 OM1850NKM OM1850NMM OM1850SRM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator 3 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-88646
|
International Rectifier Omnirel ETC[ETC] List of Unclassifed Manufacturers
|
LT1038 LT1038C LT1038CK LT1038M LT1038MK |
10Amp Positive Adjustable Voltage Regulator 10 Amp Positive Adjustable Voltage Regulator From old datasheet system
|
Linear Technology
|
OMR186STM OMR183 OMR183NC OMR183NCM OMR183NH OMR18 |
30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS Hi-Rel Adjustable Voltage 3-Terminal Positive Radiation Hardened Regulator Hi-Rel Fixed Voltage 3-Terminal Positive Radiation Hardened Regulator 高可靠性的固定电压三端稳压器的积极抗辐 ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, CSFM3 ISOLATED, HERMETIC SEALED, TO-258, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MSFM3 TO-258AA, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, CBCC3
|
IRF[International Rectifier] Aimtec International Rectifier, Corp. IRC Advanced Film
|
SGR117AK SGR117AK_883B SGR117A SGR117AT_883B SGR11 |
RAD HARD 1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR 1.22 V-1.275 V ADJUSTABLE POSITIVE REGULATOR, MBFM2 JT 23C 21#20 2#16 SKT PLUG From old datasheet system
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
BYV34-500 BYV34 BYV34-300 BYV34-400 BYV34SERIES BY |
Dual rectifier diodes ultrafast Low drop fixed and adjustable positive voltage regulators 5.0 AMP POSITIVE VOLTAGE REGULATOR
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
SHD526050 |
POSITIVE ADJUSTABLE 1.5 AMP REGULATOR
|
Sensitron
|
SHD526013A |
POSITIVE FIXED 15 VOLT 1.5 AMP REGULATOR
|
Sensitron
|
LX8580-00CDD LX8580 LX8580-00CP LX8580-00 LX8580-0 |
Positive Adjustable Voltage Regulator From old datasheet system 7A VERY LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR Low Drop Out Regulator - Positive Adjustable
|
MICROSEMI[Microsemi Corporation]
|