PART |
Description |
Maker |
SPC-03-ELR-43CDFM SPC-03-ELR-55CDFM SPC-03-ELR-51C |
FIBER OPTIC TRANSCEIVER, 1425-1438nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1545-1558nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1505-1518nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1465-1478nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1525-1538nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1565-1578nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1485-1498nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1585-1598nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1305-1318nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1445-1458nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE FIBER OPTIC TRANSCEIVER, 1605-1618nm, 155Mbps(Tx), 155Mbps(Rx), SURFACE MOUNT, LC CONNECTOR ROHS COMPLIANT PACKAGE
|
Infineon Technologies AG SPC Technology
|
C-159-2500-FDFB-SLC2 C-159-2500-FDFB-SLC4 C-159-25 |
2.5 Gbps Single Mode SFF LC Transceiver FIBER OPTIC TRANSCEIVER, 1585-1598nm, 2488Mbps(Tx), 2488Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1365-1378nm, 2488Mbps(Tx), 2488Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR
|
Source Photonics, Inc.
|
B-15-1250-TDPM-SSC-60 B-13-1250-TDPM-SSC-60 B-15-1 |
FIBER OPTIC TRANSCEIVER, 1500-1600nm, 1250Mbps(Tx), 1250Mbps(Rx), THROUGH HOLE MOUNT, MU CONNECTOR ROHS COMPLIANT PACKAGE-20 1.25 Gbps Bi-directional Single Fiber Transceiver
|
Source Photonics, Inc.
|
B-15-155-TPM3-S B-13-155-TPM3-S B-13-155-TPM3-SMU3 |
155 Mbps Bi-directional Single Fiber Transceiver FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, MU CONNECTOR FIBER OPTIC TRANSCEIVER, 1260-1360nm, 155Mbps(Tx), 155Mbps(Rx), THROUGH HOLE MOUNT, FC CONNECTOR
|
Source Photonics, Inc. HIROSE ELECTRIC Co., Ltd.
|
11015A41 11015AX1 |
FIBER OPTIC TRANSCEIVER, TRANSPONDER, 1530-1565nm, 10000Mbps(Tx), 10000Mbps(Rx), SC/UPC CONNECTOR FIBER OPTIC TRANSCEIVER, 10000Mbps(Tx), 10000Mbps(Rx), PANEL MOUNT, THROUGH HOLE MOUNT, SC/UPC CONNECTOR
|
INTEL CORP
|
OTOLS-BI53SC-40 OTOLS-BI53SC-20 OTOLS-BI35SC-40 OT |
FIBER OPTIC TRANSCEIVER, 1530-1570nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, SC CONNECTOR FIBER OPTIC TRANSCEIVER, 1270-1350nm, 1250Mbps(Tx), 1250Mbps(Rx), SURFACE MOUNT, SC CONNECTOR
|
Olson Technology, Inc.
|
V23826-K15-C13 V23826-K15-C313 V23826-K15-C353 V23 |
FIBER OPTIC TRANSCEIVER SM 1.0625 GBd FC Transceiver
|
INFINEON TECHNOLOGIES AG
|
V23826-K305-C73 |
FIBER OPTIC TRANSCEIVER
|
INFINEON TECHNOLOGIES AG
|
HFBR-5805 |
FIBER OPTIC TRANSCEIVER
|
Agilent
|
|