PART |
Description |
Maker |
DMMT5401-7-F |
MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 200 mA, 150 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
2SC1740SLNTP/S 2SA933ASLNTP/RS 2SA933ALNT93/RS 2SC |
150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 50 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 5000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Lattice Semiconductor, Corp. MERITEK Electronics, Corp.
|
DMMT3906W-7-F |
MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Inc.
|
DMMT5401 |
MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
MMBZ5230BL MMBZ5230BLT1 MMBZ5254BL MMBZ5263BL MMBZ |
Small Signal 4.7V 5% Small Signal 27V 5% 56V Zener Small Signal 33V 5% Small Signal 12V 5% Small Signal 13V 5% Small Signal 15V 5% Small Signal 20V 5%
|
ON Semiconductor
|
MAT03 MAT03FH |
Low Noise / Matched Dual PNP Transistor Low Noise, Matched Dual PNP Transistor 20 mA, 36 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78
|
Analog Devices, Inc.
|
JANS2N2906A JAN2N2907A JANTX2N2907A JANTX2N2907AL |
PNP SMALL SIGNAL SILICON TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR 64 x 18 asynchronous FIFO memory 56-SSOP 0 to 70 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Transistor
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
DDTA115EE-7 144EE-13 DDTA123EE-13 DDTA114EE-13 DTA |
20 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC PACKAGE-3 30 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR 50 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES INC
|
DDA122LU-7-F DDA122TU-7-F DDA142TU-7-F DDA142JU-7- |
PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR 100 mA, 40 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc.
|
2SB1516F5/NP 2SA1727F5/NP 2SD1918F5/NP 2SD1767T101 |
3000 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, NPN, Si, SMALL SIGNAL TRANSISTOR 0.7 A, 80 V, NPN, Si, POWER TRANSISTOR 3000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5 A, 20 V, PNP, Si, POWER TRANSISTOR 1 A, 32 V, NPN, Si, POWER TRANSISTOR 2000 mA, 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
International Rectifier, Corp. Dielectric Laboratories, Inc.
|
DDTA143FCA-7 DDTA113ZCA-7 |
100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC PACKAGE-3 TRANS PREBIASED PNP 200MW SOT-23 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc.
|
|