PART |
Description |
Maker |
BT236X-600 BT236X-600F BT236X-600G BT236X-800 BT23 |
6 A Four-quadrant triacs 6 A Four-quadrant triacs - I<sub>GT</sub>: 25 mA; I<sub>T</sub> (R<sub>MS</sub>): 6 A; V<sub>DRM</sub>: 600 V; Package: SOT186A (TO-220F); Container: Horizontal, Rail Pack 6 A Four-quadrant triacs
|
http:// NXP Semiconductors
|
BTA208B BTA208B-800C NXPSEMICONDUCTORS-BTA208-600C |
Three quadrant triacs high commutation Three quadrant triacs high commutation(三象限双向高换向可控 800 V, 8 A, SNUBBERLESS TRIAC, TO-263
|
NXP Semiconductors N.V. Philips Semiconductors
|
BTA208-600B BTA208-600C BTA208B BTA208B-800E BTA20 |
Three quadrant triacs guaranteed commutation Three quadrant triacs high commutation
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
BT136M-500 BT136M-500F BT136M-500G BT136M-600 BT13 |
Triacs 双向可控 Octal Registered Transceivers with 3-State Outputs 24-SSOP/QSOP -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs(双向可控 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Octal Registered Transceivers with 3-State Outputs 24-SSOP/QSOP -40 to 85 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 DIODE ZENER DUAL COMMON-ANODE 300mW 8.2Vz 5mA-Izt 0.05 0.1uA-Ir 6 SOT-23 3K/REEL RECTIFIER SCHOTTKY SINGLE 0.5A 20V 5.5A-Ifsm 0.385Vf 0.25A-IR SOD-123 3K/REEL Octal Registered Transceivers with 3-State Outputs 24-SOIC -40 to 85 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTA208MSERIES |
Three quadrant triacs high commutation
|
Philips
|
BTA312X-600D BTA312X-600E BTA312X-800E |
12 A Three-quadrant triacs high commutation
|
NXP Semiconductors
|
BTA312-600D BTA312-600E BTA312-800E BTA3121 |
12 A Three-quadrant triacs high commutation
|
NXP Semiconductors
|
BTA201 BTA201-600B BTA201-600E BTA201-800B BTA201- |
1 A Three-quadrant triacs high commutation
|
NXP Semiconductors N.V.
|
BTA212-800F BTA212SERIESD.EANDF BTA212SERIESDEANDF |
Three quadrant triacs guaranteed commutation(涓?薄?????‘淇??????х?) Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 800 V, 12 A, TRIAC, TO-220AB TRIAC|600V V(DRM)|12A I(T)RMS|TO-220AB Transient Voltage Suppressor Diodes
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BT138X-500 BT138X-500F BT138X-500G BT138X-600 BT13 |
Triacs(双向可控 500 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC Triacs sensitive gate
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors] http://
|