PART |
Description |
Maker |
MBM29DL323BE90PBT MBM29DL323BE90TN MBM29DL323BE90T |
2M X 16 FLASH 2.7V PROM, 120 ns, PBGA63 32M (4M x 8/2M x 16) BIT Dual Operation 2M X 16 FLASH 3V PROM, 80 ns, PBGA63 32M (4M x 8/2M x 16) BIT Dual Operation 2M X 16 FLASH 3V PROM, 120 ns, PBGA63 TVS UNIDIRECT 600W 51V SMB 2M X 16 FLASH 3V PROM, 120 ns, PDSO48 MICRO SINGLE MODE FIBER TRANCEIVER, ST 32M的(4米8/2M × 16)位双操 32M (4M x 8/2M x 16) BIT Dual Operation 2M X 16 FLASH 3V PROM, 120 ns, PDSO48 32M (4M x 8/2M x 16) BIT Dual Operation 32M的(4米8/2M × 16)位双操 KPT 6C 6#20 SKT PLUG 2M X 16 FLASH 3V PROM, 90 ns, PDSO48 16 PORT MODULAR SWITCH ROHS VERSION LE1416A BLANK FACE PLATE 4 PORT 100 MB SINGLE-MODEFIBER XSNT SUPPR,ESD,060.00V,0603 MULTI-WAY IEC PANEL OUTLET 8 PORT MODULAR SWITCH PCI 10BASE T/10 BASE FL NIC, S TVS UNI-DIR 43V 600W SMB
|
Fujitsu, Ltd. Fujitsu Limited http:// Fujitsu Component Limited.
|
S29GL512N S29GL256N90FFI010 S29GL256N90FFIV20 S29G |
MirrorBit Flash Family 16M X 16 FLASH 3V PROM, 100 ns, PBGA64 3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBitProcess Technology 32M X 16 FLASH 3V PROM, 100 ns, PBGA64 JT 13C 13#22M PIN PLUG 16M X 16 FLASH 3V PROM, 100 ns, PDSO56 MirrorBit Flash Family 16M X 16 FLASH 3V PROM, 80 ns, PDSO56 MirrorBit Flash Family MirrorBit闪存系列 Replaced by PTB48520W : 16M X 16 FLASH 3V PROM, 100 ns, PBGA64 JT 13C 13#22D SKT PLUG
|
Spansion, Inc. Spansion Inc. ETC
|
HY27US08121A HY27US16121A HY27SS08121A HY27SS16121 |
512Mbit (64Mx8bit / 32Mx16bit) NAND Flash 64M X 8 FLASH 1.8V PROM, 40 ns, PDSO48 12 X 20 MM, 1.20 MM HEIGHT, TSOP1-48 64M X 8 FLASH 1.8V PROM, 40 ns, PDSO48 12 X 20 MM, 1.20 MM HEIGHT, LEAD FREE, TSOP1-48 64M X 8 FLASH 1.8V PROM, 40 ns, PBGA63 9 X 11 MM, 1 MM HEIGHT, 0.80 MM PITCH, LEAD FREE, FBGA-63 64M X 8 FLASH 1.8V PROM, 40 ns, PDSO48 12 X 17 MM, 0.65 MM HEIGHT, USOP1-48 64M X 8 FLASH 1.8V PROM, 40 ns, PBGA63 9 X 11 MM, 1 MM HEIGHT, 0.80 MM PITCH, FBGA-63 32M X 16 FLASH 1.8V PROM, 40 ns, PBGA63 9 X 11 MM, 1 MM HEIGHT, 0.80 MM PITCH, FBGA-63 64M X 8 FLASH 1.8V PROM, 40 ns, PDSO48 12 X 17 MM, 0.65 MM HEIGHT, LEAD FREE, USOP1-48 32M X 16 FLASH 1.8V PROM, 40 ns, PBGA63 9 X 11 MM, 1 MM HEIGHT, 0.80 MM PITCH, LEAD FREE, FBGA-63 32M X 16 FLASH 1.8V PROM, 40 ns, PDSO48 12 X 17 MM, 0.65 MM HEIGHT, USOP1-48 64M X 8 FLASH 3.3V PROM, 30 ns, PBGA63
|
Hynix Semiconductor, Inc. HYNIX SEMICONDUCTOR INC
|
HY27SS08121M-FCP HY27SS08121M-FPCP |
64M X 8 FLASH 1.8V PROM, 12000 ns, PBGA63 8.50 X 15 MM, 1.20 MM HEIGHT, 0.80 MM PITCH, FBGA-63 64M X 8 FLASH 1.8V PROM, 12000 ns, PBGA63 8.50 X 15 MM, 1.20 MM HEIGHT, 0.80 MM PITCH, LEAD FREE, FBGA-63
|
Hynix Semiconductor, Inc.
|
AM29LV800DB-70EF AM29LV800DB-90EF AM29LV800DB-70WC |
Flash Memory IC; Memory Size:8Mbit; Package/Case:48-TSOP; Supply Voltage Max:3V; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Access Time, Tacc:70nS; Series:AM29 RoHS Compliant: Yes 512K X 16 FLASH 3V PROM, 70 ns, PDSO48 512K X 16 FLASH 3V PROM, 90 ns, PDSO48 512K X 16 FLASH 3V PROM, 70 ns, PBGA48 512K X 16 FLASH 3V PROM, 90 ns, PBGA48 512K X 16 FLASH 3V PROM, 120 ns, PDSO48 512K X 16 FLASH 3V PROM, 120 ns, PDSO44 512K X 16 FLASH 3V PROM, 90 ns, PDSO44
|
Spansion, Inc. SPANSION LLC
|
K8S1315EBC-DC1C0 K8S1315EBC-SC1C0 K8S1315EBC-DC1E0 |
32M X 16 FLASH 1.8V PROM, 100 ns, PBGA64 9 X 11 MM, 1 MM HEIGHT, 0.50 MM PITCH, LEAD FREE, FBGA-64 32M X 16 FLASH 1.8V PROM, 100 ns, PBGA64 9 X 11 MM, 1 MM HEIGHT, 0.50 MM PITCH, FBGA-64
|
KOA Speer Electronics,Inc.
|
HY27US08121B-TIS HY27US16121B-TIP HY27US08121B-FPC |
64M X 8 FLASH 3.3V PROM, 18 ns, PDSO48 32M X 16 FLASH 3.3V PROM, 18 ns, PDSO48 64M X 8 FLASH 3.3V PROM, 18 ns, PBGA63
|
HYNIX SEMICONDUCTOR INC
|
AM29DL323GB70WMI AM29DL322GT70WMI AM29DL322GT90EI |
32 megabit CMOS 3.0 volt-only, simultaneous operation flash memory 2M X 16 FLASH 3V PROM, 70 ns, PBGA48 IC Flash Mem PARL 2.7v To 3.6v 32-MBit 2M x 16/4mx8 70ns 48FBGA 2M X 16 FLASH 3V PROM, 70 ns, PBGA48 IC,MEM,FLASH,2MX16,3V,90NS,SIMUL 2M X 16 FLASH 3V PROM, 90 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
KFG1216U2M-DIB00 KFG1216D2M-DCB00 |
32M X 16 FLASH 2.7V PROM, 76 ns, PBGA63
|
|
MBM29F033C-90 MBM29F033C-90PTN MBM29F033C-70PTR MB |
32M (4M X 8) BIT 4M X 8 FLASH 5V PROM, 120 ns, PDSO40
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
S29CD032J0MFAM033 S29CD016J0MQFM130 S29CD016J0PQFM |
32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O 1M X 32 FLASH 2.7V PROM, 54 ns, PBGA80 512K X 32 FLASH 2.7V PROM, 54 ns, PQFP80 1M X 32 FLASH 3.3V PROM, 54 ns, PBGA80
|
Spansion, Inc. SPANSION LLC
|
|