PART |
Description |
Maker |
BTA208-800 BTA208-800E BTA208-800B BTA208-800F BTA |
TRIAC|800V V(DRM)|8A I(T)RMS|TO-220AB Transient Voltage Suppressor Diodes THREE QUADRANT TRIACS HIGH COMMUTATION Three quadrant triacs guaranteed commutation
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
BTA204SERIESBANDC BTA204-600E BTA204 BTA204-800C B |
Three quadrant triacs high commutation(三象限双向高换向可控 三象限晶闸管高减刑(三象限双向高换向可控硅) Three quadrant triacs guaranteed commutation Threequadranttriacshighcommutation
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
PHILIPS
|
BT136M-500 BT136M-500F BT136M-500G BT136M-600 BT13 |
Triacs 双向可控 Octal Registered Transceivers with 3-State Outputs 24-SSOP/QSOP -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs(双向可控 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Octal Registered Transceivers with 3-State Outputs 24-SSOP/QSOP -40 to 85 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 DIODE ZENER DUAL COMMON-ANODE 300mW 8.2Vz 5mA-Izt 0.05 0.1uA-Ir 6 SOT-23 3K/REEL RECTIFIER SCHOTTKY SINGLE 0.5A 20V 5.5A-Ifsm 0.385Vf 0.25A-IR SOD-123 3K/REEL Octal Registered Transceivers with 3-State Outputs 24-SOIC -40 to 85 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTA212-800F BTA212SERIESD.EANDF BTA212SERIESDEANDF |
Three quadrant triacs guaranteed commutation(涓?薄?????‘淇??????х?) Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 800 V, 12 A, TRIAC, TO-220AB TRIAC|600V V(DRM)|12A I(T)RMS|TO-220AB Transient Voltage Suppressor Diodes
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTA208X-800B BTA208X-800C BTA208X-800F BTA208X BTA |
Three quadrant triacs guaranteed commutation Three quadrant triacs high commutation
|
http:// NXP Semiconductors PHILIPS[Philips Semiconductors]
|
MAC99706 MAC997B8RLRP MAC997 MAC997A6 MAC997A6RL1 |
400 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ONSEMI[ON Semiconductor]
|
BT138 BT138-600D BT138-600E BT138-800E BT138-600E1 |
4Q Triac 4Q双向可控 12 A four-quadrant triacs, sensitive gate - I<sub>GT</sub>: 10 mA; I<sub>T</sub> (R<sub>MS</sub>): 12 A; V<sub>DRM</sub>: 600 V; Package: SOT78 (TO-220AB); Container: Tube pack 12 A four-quadrant triacs, sensitive gate; Package: SOT78 (TO-220AB); Container: Tube pack
|
NXP Semiconductors N.V.
|
BTA216XSERIESD BTA216XSERIESE BTA216XSERIESF |
Three quadrant triacs guaranteed commutation
|
Philips
|
BTA208S-800B BTA208S-600B |
Three-quadrant triacs high commutation
|
NXP Semiconductors
|
BTA208X-1000C |
Three quadrant triacs high commutation
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|