PART |
Description |
Maker |
DF14-3030SCF DF14-3030SCFA DF14-3031SCF DF14-3031S |
8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Silver Mica Capacitor; Capacitance:43pF; Capacitance Tolerance: 5%; Series:MIN; Voltage Rating:300VDC; Capacitor Dielectric Material:Mica; Package/Case:Surface Mount (SMD, SMT); Termination:SMD; Leaded Process Compatible:No RoHS Compliant: No Single/Dual/Quad, 10MHz Single-Supply Op Amps 1.25mm Pitch Super Low profile Crimping Connector 1.25mm间距超低配置压着连接 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
http:// HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
NUP4201DR2-D |
Low Capacitance Surface Mount TVS for High-Speed Data Interfaces
|
ON Semiconductor
|
CTLTVS5-4 |
SURFACE MOUNT SILICON LOW CAPACITANCE QUAD TVS DIODE ARRAY
|
Central Semiconductor C...
|
CMXTVS5-4 |
SURFACE MOUNT LOW CAPACITANCE QUAD SILICON TVS/DIODE ARRAY
|
Central Semiconductor Corp
|
CMPLC1V510 CMPLC1V5D |
SURFACE MOUNT LOW CAPACITANCE SILICON ESD TRANSIENT DATA LINE PROTECTOR
|
Central Semiconductor Corp
|
UUD1H470MCL1GS UUD1V4R7MCL1GS UUD1C270MCL1GS |
Aluminum Electrolytic SMT Low Impedance Capacitor; Capacitance: 47uF; Voltage: 50V; Case Size: 6.3x7.7 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 47 uF, SURFACE MOUNT Aluminum Electrolytic SMT Low Impedance Capacitor; Capacitance: 4.7uF; Voltage: 35V; Case Size: 4x5.8 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 4.7 uF, SURFACE MOUNT Aluminum Electrolytic SMT Low Impedance Capacitor; Capacitance: 27uF; Voltage: 16V; Case Size: 5x5.8 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 27 uF, SURFACE MOUNT
|
Nichicon, Corp.
|
SRDA05-4R2 |
Low Capacitance Surface Mount TVS for High-Speed Data Interfaces(低电容,表面安装的TVS,用于高速数据接
|
ON Semiconductor
|
UCD1K3R3MCL1GS UCD1C270MCL1GS |
Aluminum Electrolytic SMT Low Impedance Capacitor; Capacitance: 3.3uF; Voltage: 80V; Case Size: 5x5.8 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 3.3 uF, SURFACE MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 27 uF, SURFACE MOUNT CHIP, ROHS COMPLIANT
|
Nichicon, Corp.
|
SI-3025KS |
Surface Mount Linear Regulator IC Surface-Mount / Low Current Consumption / Low Dropout Voltage Dropper Type
|
Sanken ETC
|
GS-R4840NV |
; Capacitance:1.2pF; Capacitance Tolerance: /- 0.1 pF; Working Voltage, DC:150V; Package/Case:0605; Series:SQ; Dielectric Material:Ceramic; Leaded Process Compatible:Yes; Mounting Type:PCB Surface Mount 36糯负开关稳压器 36 W NEGATIVE SWITCHING REGULATOR
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
SA48 SA75 SA78 SA9.0 SA8.5 SA110 SA7.0A SA6.0A SA5 |
Transient Voltage Suppressor Diodes 瞬态电压抑制二极管 Enclosed Switches Series LS: Side Plunger; 1NC 1NO DPDT Snap Action, Double Break; 0.5 in - 14NPT conduit; Compact/Non Plug-in /Case:1206; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount Ceramic Multilayer Capacitor; Capacitance:270000pF; Capacitance Tolerance: /- 20 %; Working Voltage, DC:25V; Dielectric Characteristic:X7R; Package Ceramic Multilayer Capacitor; Capacitance:22000pF; Capacitance Tolerance: /- 10 %; Working Voltage, DC:100V; Dielectric Characteristic:X7R; Package/Case:0805; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount
|
Taiwan Semiconductor Compan... Taiwan Semiconductor Co., Ltd. Taiwan Semiconductor Company, Ltd Taiwan Semiconductor Co...
|
BL-HUBGEBE36T BL-HKCGEBE36T BL-HJCGEB336T BL-HJCGK |
Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 3300uF; Voltage: 10V; Case Size: 12.5x25 mm; Packaging: Bulk SURFACE MOUNT TRI COLOR LED LAMPS
|
早安股份有限公司 Yellow Stone Corp
|