PART |
Description |
Maker |
CMLT5551HC |
SURFACE MOUNT PICOmini HIGH CURRENT SILICON NPN TRANSISTOR From old datasheet system High Current NPN Transistor in the SOT-563 package
|
Central Semiconductor Corporation
|
IHSM-7832 IHSM-7832-RG3R9L IHSM-7832RG3R9L IHSM-78 |
High Current, Flame Retardant Encapsulated Inductor High Current Surface Mount Inductor High Current, Surface Mount Inductor 高电流,表面贴装电感 1 ELEMENT, 1.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc. VISHAY DALE
|
CXT5551HC10 |
SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
|
Central Semiconductor Corp
|
CYT5551HCD |
SURFACE MOUNT DUAL, ISOLATED NPN HIGH CURRENT SILICON TRANSISTORS
|
CENTRAL[Central Semiconductor Corp]
|
PZT651T1 ON2780 PZT65 |
From old datasheet system HIGH CURRENT NPN SILICON TRANSISTOR SURFACE MOUNT
|
ONSEMI[ON Semiconductor]
|
BCP56-10T1 BCP56-16T1 ON0172 BCP56-10T3 |
1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-261AA From old datasheet system MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
|
MOTOROLA INC ON Semiconductor
|
MSK5275-1.8H MSK5275-1.9 MSK5275-1.7E MSK5275-1.9H |
JO75LOW DROPOUT MICROPOWER VOLTAGE REGULATOR 1300 mA, Low Dropout Voltage Regulator with On/Off Control 175 175 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1 Commercial Wire; FLT01VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3
|
M.S. Kennedy, Corp. MS KENNEDY CORP
|
IMCH-1812 |
Surface Mount, High Current Molded Inductors Surface Mount, Molded Inductors SMD High-current molded Inductor;
up to IDC = 1 Amp; up to 330 µH;
|
Vishay Intertechnology,Inc.
|
HM65-H7R2LF HM65-H2R8LF HM65-H5R6LF HM65-M0R8LF HM |
High Current Low Profile Surface Mount Inductors 高电流超薄表面贴装电感器 High Current Low Profile Surface Mount Inductors 1 ELEMENT, 2.5 uH, GENERAL PURPOSE INDUCTOR, SMD
|
BI Technologies Corporation BI Technologies, Corp.
|
MMBT489LT1G-16 |
High Current Surface Mount NPN Silicon Switching Transistor
|
ON Semiconductor
|