PART |
Description |
Maker |
LMX1622-12-01 LMX1622-12-02 LMX1622-12-03 |
DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE W的数字调光CCFL逆变模块 DUAL 5W / DIGITAL DIMMING CCFL INVERTER MODULE
|
Microsemi, Corp.
|
LMX1622-05-01 LMX1622-05-02 LMX1622-05-03 |
DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
|
Microsemi Corporation
|
LXM1622-05-XX |
DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE DUAL 5W/ DIGITAL DIMMING CCFL INVERTER MODULE
|
MICROSEMI[Microsemi Corporation]
|
LMX1622-05-01 LMX1622-05-02 LMX1622-05-03 |
DUAL 5W / DIGITAL DIMMING CCFL INVERTER MODULE
|
Microsemi
|
LXMG1611-01 |
Digital Dimming CCFL Inverter Module 数字调光CCFL逆变器模
|
Microsemi, Corp.
|
LXMG1612-05-03 LXMG1612-05-01 LXMG1612-05-XX LXMG1 |
5V Highly-Integrated, Digital Dimming CCFL Inverter Module
|
MICROSEMI[Microsemi Corporation]
|
LXMG1614E-14-11 |
DUAL DIMMING, EXTENDED TEMPERATURE CCFL INVERTER MODULE
|
MICROSEMI[Microsemi Corporation]
|
IR21592 IR21592S IR21592IR21593 IR21593 IR21593S I |
From old datasheet system DIMMING BALLAST CONTROL IC Dimming Ballast Control, Brown-out Protection, Programmable Preheat Time, 1.8us Deadtime in a 16-pin DIP package Dimming Ballast Control, Brown-out Protection, Programmable Preheat Time, 1.8us Deadtime in a 16-lead SOIC Narrow package Dimming lighting ballast, IR2159, European version, 230VAC line, 36W/T8 lamp Dimming lighting ballast down to 1%, IR2159, U.S. version, 120VAC line, 32W/T8 lamp Digital dimming DALI (Digital Addressable Lighting Interface) compliant lighting linear ballast with 1% dimming, IR2159, European ... Digital dimming DALI (Digital Addressable Lighting Interface) compliant lighting linear ballast with 1% dimming, IR2159, U.S. version, ...
|
IRF[International Rectifier]
|
IRPLDIM2E |
Digital Dimming DALI Ballast for 36W/T8 220V input
|
International Rectifier
|
MSC1205 |
32-Bit Duplex Controller/Driver with Digital Dimming Function From old datasheet system
|
OKI[OKI electronic componets]
|
ML9228GA ML9228 |
82-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, Keyscan
|
OKI[OKI electronic componets]
|
LT1768CGNPBF |
High Power CCFL Controller for Wide Dimming Range and Maximum Lamp Lifetime; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 1.5 A FLUORESCENT LIGHT CONTROLLER, 410 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|