PART |
Description |
Maker |
XC3090L XC3000L XC3020L XC3030L XC3042L XC3064L |
Part of the ZERO family of 3.3 V FPGAs XC3000L Low Voltage Logic Cell Array Family
|
XILINX[Xilinx, Inc]
|
GS-R400V GS-R424 GS-R400VB GS-R405 GS-R405S GS-R41 |
20 W TO 140 W STEP-DOWN SWITCHING REGULATOR FAMILY 20W TO 140W STEP-DOWN, SWITCHING REGULATOR FAMILY 20 W TO 140 W STEP-DOWN SWITCHING REGULATOR FAMILY 20W TO 140W STEP-DOWN SWITCHING REGULATOR FAMILY From old datasheet system 1-OUTPUT DC-DC REG PWR SUPPLY MODULE
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
AMD-K6-166ALR AMD-K6233AFR AMD-K6200AFR AMD-K6300A |
Processor AMD-K6 family, operating voltage=3.1V.3V, 166MHz Processor AMD-K6 family, operating voltage=2.1V.3V, 233MHz Processor AMD-K6 family, operating voltage=2.1V.3V, 200MHz Processor AMD-K6 family, operating voltage=2.1V.3V, 300MHz
|
Advanced Micro Devices
|
ADSP-2100A ADSP-2101BG-100 ADSP-2101BG-66 ADSP-211 |
(666.40 k) 666.40十一 ADSP-2100 Family DSP Microcomputers ADSP - 2100系列DSP的微 PC MC 10MBPS UTP/BNC TRANS PNP 80VCEO .5A TO-92L PowerBlade Electricians Knife ADSP-2100 Family DSP Microcomputers ADSP-2100 Family DSP Microcomputers
|
ANALOG DEVICES INC TE Connectivity, Ltd. Analog Devices, Inc. http://
|
175T48 GS175T48-5E GS120 GS120T48-3.3 GS120T48-3.3 |
128 x 128 pixel format, LED or EL Backlight available 120W/175W的DC - DC转换器家 120W/175W DC-DC CONVERTERS FAMILY 120W/175WDC - DC转换器家 120W/175W DC-DC CONVERTERS FAMILY 120W/175W的DC - DC转换器家 120 W / 175 W DC-DC CONVERTERS FAMILY
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
EP20K100EQ EP20K100QC EP20K100EQC240-2 |
Apex 20KE Device Family (1.8V, LVDS Apex 20K Device Family (2.5V)
|
ALTERA
|
E28F004BVT80 E28F004BVB80 E28F004BVT60 E28F004BVT1 |
4-MBIT (256K X 16/ 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16. 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Dual-Slot, PCMCIA Analog Power Controller Evaluation Kit for the MAX5943A/B/C/D/E 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO48 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO56
|
Intel Corporation Intel Corp. Intel, Corp.
|
LT1460HCS3-10 LT1460HCS3-2.5 LT1460HCS3-3 LT1460HC |
Family of Micropower Series References in SOT-23 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO3 Family of Micropower Series References in SOT-23 家庭的微系列参考采用SOT - 23
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp. LINER[Linear Technology]
|
EP2S5F1508I5ES EP2S5F1508I4ES EP2S5F1508I3ES EP2S5 |
Section I. Stratix II Device Family Data Sheet The Stratix II family offers the following features Section I. Stratix II Device Family Data Sheet
|
Altera Corporation
|
ATF2500C ATF2500C-20JI ATF2500C-20PC ATF2500C-15JC |
ATF2500C CPLD Family Datasheet ATF2500C CPLD Family Datasheet High-performance, High-density, Electrically-erasable Programmable Logic Device
|
ATMEL Corporation 聚兴科技股份有限公司
|