Part Number Hot Search : 
D1750 G1116 GC9005 19001 218630 HT7550 TDA8359 BA6200AL
Product Description
Full Text Search
  0.21 Datasheet PDF File

For 0.21 Found Datasheets File :: 8496    Search Time::1.328ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    187-021

Glenair, Inc.
Part No. 187-021
OCR Text ...m e-mail: sales@glenair.com 187-021 fiber optic cleaning swab 1.25 mm cletop product series basic number 187-021 4.00 (101.6) 187-021 is supplie d with 5 swabs/bag .50 (12.7) 1.25 mm cletop application notes 1. bag & tag with manufacturers ...
Description Fiber Optic Cleaning Swab

File Size 182.66K  /  1 Page

View it Online

Download Datasheet





    Sanyo Semiconductor
Part No. DL-3147-021
OCR Text 021 Red Laser Diode DL-3147-021 Red Laser Diode Features * Short wavelength * Low threshold current * Low operating voltage * Small package : 645 nm (Typ.) : Ith = 30 mA (Typ.) : Vop = 2.3 V (Typ.) : o 5.6 mm Package Dimensions ...
Description Red Laser Diode Index Guided AlGaInP Laser Diode

File Size 21.84K  /  3 Page

View it Online

Download Datasheet

    Power Systems GmbH Co.KG
Part No. PS-LD0602-021-B PS-LD0602-021-BS
OCR Text 021-b(s) (3 w) power systems ? the power solution web: www.power-systems.de address: hauptstr. 48 ; 74360 ilsfeld-auenstein / germany email: info@power-systems.de tel. : + 49 / 70...
Description LED-CONVERTER UNIT 3W

File Size 106.00K  /  3 Page

View it Online

Download Datasheet

    SANYO
Part No. DL-4038-021
OCR Text 021 Red Laser Diode DL-4038-021 High Power AlGaInP Laser Diode Overview DL-4038-021 is a high power 635 nm (Typ.) AlGaInP laser diode with low threshold current. High output power and low threshold current are achieved by use of ...
Description Red Laser Diode High Power AlGaInP Laser Diode

File Size 42.10K  /  3 Page

View it Online

Download Datasheet

    1MD04-021-08 1MD04-021-12 1MD04-021-15 1MD04-021-10 1MD04-021-03 1MD04-021-05

RMT Ltd.
Part No. 1MD04-021-08 1MD04-021-12 1MD04-021-15 1MD04-021-10 1MD04-021-03 1MD04-021-05
OCR Text ... module datasheet rmt ltd 1md04-021-xx performance data are given at 300k, vacuum c. ceramics surface options 1. blank ceramics 2. metallized: 2.1 ni / sn(bi) 2.2 gold plating 3. metallized and pre-tinned: 3.1 solder ...
Description Thermoelectric Module

File Size 532.72K  /  5 Page

View it Online

Download Datasheet

    2MC04-021-15 2MC04-021-05 2MC04-021-08 2MC04-021-10 2MC04-021-12

RMT Ltd.
Part No. 2MC04-021-15 2MC04-021-05 2MC04-021-08 2MC04-021-10 2MC04-021-12
OCR Text ... module datasheet rmt ltd 2mc04-021-xx performance data are given at 300k, vacuum type t max k q max w i max a u max v ac r ohm h mm h mm 2mc04-021- xx (n=6+15) 2mc04-021-05 94 0.66 1.2 1.9 1.35 2...
Description Thermoelectric Module

File Size 239.06K  /  4 Page

View it Online

Download Datasheet

    SD100-12-22-021

Advanced Photonix, Inc.
Part No. SD100-12-22-021
OCR Text 021 PACKAGE DIMENSIONS INCH [mm] PACKAGE DIMENSIONS INCH [mm] .169 [4.29] .157 [3.99] .075 [1.91] 3X O.018 [0.46] 1 O.264 [6.70] O.256 [6.50] O.330 [8.38] O.320 [8.13] O.200 [5.08] PIN CIRCLE 2 45 82 VIEWING ANGLE .010 [0.25] MAX ...
Description Blue Enhanced Silicon Photodiode

File Size 95.75K  /  1 Page

View it Online

Download Datasheet

    SD100-14-21-021

Advanced Photonix, Inc.
Part No. SD100-14-21-021
OCR Text 021 PACKAGEDIMENSIONS INCH [mm][mm] DIMENSIONS INCH PACKAGE .169 [4.29] .157 [3.99] .075 [1.91] 3X O.018 [0.46] 1 O.264 [6.70] O.256 [6.50] O.330 [8.38] O.320 [8.13] O.200 [5.08] PIN CIRCLE 2 45 82 VIEWING ANGLE .010 [0.25] MAX GL...
Description Red Enhanced High Performance Silicon Photodiode

File Size 93.41K  /  1 Page

View it Online

Download Datasheet

    Agilent (Hewlett-Packard)
Part No. HSDL-3208-021
OCR Text ...formation Part Number HSDL-3208-021 HSDL-3208-S21 Packaging Type Tape and Reel Tape and Reel Package Front View Front View Quantity 2500 2500 Marketing Information The unit is marked with yww on the back of the PCB. y=year ww=work week I...
Description HSDL-3208-021 · Infrared IrDA 1.4 Data Compliant 115kb/s 3V Transceiver

File Size 223.17K  /  22 Page

View it Online

Download Datasheet

    Optoway Technology, Inc.
Agilent (Hewlett-Packard)
Part No. HSDL-3203-021
OCR Text ...formation Part Number HSDL-3203-021 Packaging Type Tape and Reel Package Front View Quantity 2500 VCC R1 LED A 8 LED DRIVER TXD 7 VCC C1 6.8 F VCC 6 RXD 5 SHIELD GND 4 AGND 3 VCC SD 2 RX PULSE SHAPER C...
Description IrDA 1.4 Data Compliant 115.2Kb/s 3V Infrared Transceiver 红外1.4数据符合115.2Kb / sV的红外收发器
HSDL-3203-021 · IrDA 1.4 Data Compliant 115.2Kb/s 3V Infrared Transceiver

File Size 275.11K  /  19 Page

View it Online

Download Datasheet

For 0.21 Found Datasheets File :: 8496    Search Time::1.328ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 0.21

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
4.7570309638977