PART |
Description |
Maker |
SC2446A |
Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
|
Semtech Corporation
|
BUZ72L BUZ72LC67078-S1327-A2 BUZ72LSMD |
Power MOSFET, 100V, D²PAK , RDSon=0.2 Ohm, 10A, LL Low Voltage MOSFETs - Power MOSFET, 100V, TO-220, RDSon=0.2 Ohm, 10A, LL SIPMOS Power Transistor Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply SIPMOS Power Transistor
|
Infineon Technologies AG
|
FEC40 FEC40-24T0512 FEC40-48D3305 FEC40-12S05 FEC4 |
OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT 40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
|
List of Unclassifed Manufacturers Volgen Kaga Electronics Inc.
|
RP60-483.3SE RP60-1205DE RP60-1205SE RP60-1212DE R |
60 Watt Single, Dual & Positive Dual Output D-Subminiature Connector; Gender:Male; No. of Contacts:51; Contact Termination:Solder; D Sub Shell Size:DB51; Body Material:Thermoplastic; Leaded Process Compatible:No; Mounting Type:Jackpost; Peak Reflow Compatible (260 C):No RoHS Compliant: No 60 Watt Single, Dual & Positive Dual Output
|
RECOM Power Inc. RECOM[Recom International Power]
|
NMV0515S NMV1215SA NMV0505D NMV0505DA NMV0505S NMV |
3kVDC Isolated 1W Single & Dual Output DC-DC Converters 3kVDC隔离1W的单 3kVDC Isolated 1W Single & Dual Output DC-DC Converters 2-OUTPUT 1 W DC-DC REG PWR SUPPLY MODULE 3kVDC Isolated 1W Single & Dual Output DC-DC Converters
|
CANDD[C&D Technologies] http://
|
LTC3548-1 LTC3548EDD-1-PBF LTC3548EDD-1-TRPBF LTC3 |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
FEC40-12T3315 FEC40 FEC40-12D12 FEC40-12D15 FEC40- |
OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT 提供单,双,双阳性(总输出电A)及三路输出
|
Electronic Theatre Controls, Inc. ETC[ETC] Power Mate Technology
|
FW1309G00 SF5302Y00 SF5309G00 SF5309W00 SF5A5120J0 |
RF RELAY, DPDT, MOMENTARY, 0.039A (COIL), 26.5VDC (COIL), 1040mW (COIL), 3A (CONTACT), 28VDC (CONTACT), 1000MHz, PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.004A (COIL), 40VDC (COIL), 160mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT-THREADED RF RELAY, DPDT, MOMENTARY, 0.011A (COIL), 16.5VDC (COIL), 182mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.005A (COIL), 26.5VDC (COIL), 140mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.01A (COIL), 26.5VDC (COIL), 281mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.008A (COIL), 40VDC (COIL), 320mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT
|
|
R573.302.280 |
RF COAXIAL RELAY, SP12T, MOMENTARY, 0.25A (COIL), 12VDC (COIL), 3000mW (COIL), 3000MHz, PANEL MOUNT
|
RADIALL S A
|
1811-1E-0500 |
OFF-DELAY RELAY, SPST, MOMENTARY, 0.01A (COIL), 31VDC (COIL), 310mW (COIL), 0.05s, PANEL MOUNT
|
HI-G ITALIA SRL
|
|