PART |
Description |
Maker |
M24256-W M24128-W M24128-MN5T M24128-MN6T M24128-M |
256KBIT AND 128KBIT SERIAL I²C BUS EEPROM WITHOUT CHIP ENABLE LINES 256KBIT AND 128KBIT SERIAL I²C BUS EEPROM WITHOUT CHIP ENABLE LINES 256/128 Kbit Serial I2C Bus EEPROM Without Chip Enable Lines 256KBIT AND 128KBIT SERIAL I2C BUS EEPROM WITHOUT CHIP ENABLE LINES 256/128 Kbit Serial I?C Bus EEPROM Without Chip Enable Lines RECTIFIER SCHOTTKY DUAL 16A 60V 250A-ifsm 0.7V-vf 0.5mA-ir TO-220AB 50/TUBE RECTIFIER SCHOTTKY SINGLE 16A 60V 275A-ifsm 0.75V-vf 1mA-ir TO220AC 50/TUBE 256/128 Kbit Serial IC Bus EEPROM Without Chip Enable Lines RECTIFIER SCHOTTKY DUAL 16A 45V 250A-ifsm 0.55V-vf 0.5mA-ir TO-220AB 50/TUBE RECTIFIER SCHOTTKY SINGLE 16A 45V 275A-ifsm 0.57V-vf 1mA-ir TO220AC 50/TUBE 32K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 256/128 Kbit Serial I?? Bus EEPROM Without Chip Enable Lines
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
BR24G1MF-3AGTE2 BR24G256-3A BR24G256F-3AGTE2 BR24G |
I2C BUS 1024Kbit(131072x8bit) EEPROM I2C BUS 256Kbit(32768x8bit) EEPROM I2C BUS 128Kbit(16384x8bit) EEPROM
|
ROHM
|
M95128 M95256-WMN6_A M95256-WMN6_V M95256-RMN6_A M |
256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock 256 Kbit Serial SPI bus EEPROM with high speed clock
|
STMICROELECTRONICS[STMicroelectronics]
|
NM24C32 NM24C32FN NM24C32FVM8 NM24C32FLVM8 NM24C32 |
I2C Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 I2C Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 32K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
CAT24C04YI-GT3 CAT24C08YI-GT3 CAT24C04ZI-GT3 CAT24 |
4 kb I<sup>2</sup>C Serial EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 8 kb I<sup>2</sup>CSerial EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 8 kb I<sup>2</sup>C Serial EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1 kb I<sup>2</sup>C Serial EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO5 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO5
|
ON Semiconductor
|
AT24C04A-10PU-2.7 AT24C02AN-10SU-2.7 |
10MS, 8 PDIP, IND TEMP, GREEN, 2.7V(SERIAL EE) 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
Atmel, Corp. ATMEL CORP
|
AT24C02AY1-10YI-2.7 AT24C04AY1-10YI-2.7 AT24C04AY1 |
256 X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 4.90 X 3 MM, MSOP-8 512 X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 4.90 X 3 MM, MSOP-8 2K X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 4.90 X 3 MM, MSOP-8 2K X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 2 X 3 MM, 0.50 MM PITCH, LEAD AND HALOGEN FREE, MO-229, DFN-8
|
Atmel, Corp.
|
CAT24WC08WETE13F CAT24WC08WATE13F CAT24WC01PATE13F |
1K/2K/4K/8K/16K-Bit Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 GREEN, MO-187AA, MSOP-8 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 0.150 INCH, MS-012, SOIC-8 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 0.150 INCH, MS-012, SOIC-8 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 TSSOP-8 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
CATALYST[Catalyst Semiconductor] NXP Semiconductors N.V. TE Connectivity, Ltd.
|
CAT24C08J14-2.5TE13 CAT24C08J14-2.7TE13 CAT24C08J- |
1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 0.150 INCH, SOIC-14 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 0.150 INCH, SOIC-8 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 0.300 INCH, PLASTIC, DIP-8 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
Stackpole Electronics, Inc. HIROSE ELECTRIC Co., Ltd.
|
CAT34RC02UITE13REV-E CAT34RC02YITE13REV-E 34RC02 C |
2-kb I2C Serial EEPROM, Serial Presence Detect The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 2-kb I2C Serial EEPROM/ Serial Presence Detect
|
CATALYST[Catalyst Semiconductor]
|
AT24C64CY6-YH-T AT24C64CN-SH-B AT24C32C-TH-B |
8 ULTRA THIN SAP, PB/HALO FREE, 1.8V(SERIAL EE) 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 8 SOIC, PB/HALO FREE,1.8V(SERIAL EE) 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 8 TSSOP, PB/HALO FREE, 1.8V(SERIAL EE) 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
Atmel, Corp.
|