PART |
Description |
Maker |
74802 GS1117CE GS1117CE-2.5 GS1117CE-2.85 GS1117CE |
800mA Low Dropout Positive Adjustable Regulator 800mA Low Dropout Positive Adjustable Regulator 800mA的低压差可调稳压器正 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250, Pin Plunger Actuator, 6,12 N - 7,78 N [22 oz - 28 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, UL
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
IRU1117-33PBF |
800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
|
International Rectifier
|
TS1117S |
800mA Low Dropout Positive Voltage Regulator
|
Taiwan Semiconductor Company
|
LT1117IST LT1117_02 LT1117 LT1117-2.85 LT1117-3.3 |
800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V,3.3V, 5V; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C 2.85 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V,3.3V, 5V; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V,3.3V, 5V; Package: SOT; No of Pins: 3; Temperature Range: -40°C to 85°C 2.85 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4
|
http:// LINER[Linear Technology] Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
TC2117 TC2117-3.3VDBTR TC2117-3.3VEBTR TC2117-1.8V |
The TC2117 is a fixed, high accuracy (typically ±0.5%) CMOS low dropout regulator. Designed specifically for battery-operated ... 800mA Fixed Low Dropout Positive Regulator
|
Microchip Technology
|
APL1087 APL1087-DC-TR APL1087-DC-TU APL1087-DC-TUL |
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
|
ANPEC[Anpec Electronics Coropration]
|
LX8384 LX8384-00 LX8384-00CDD LX8384-00CP LX8384-0 |
5A LOW DROPOUT POSITIVE REGULATORS 5A LOW DROPOUT POSITIVE REGULATORS 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 5A LOW DROPOUT POSITIVE REGULATORS 5A条阳性率低压差调节器 5A LOW DROPOUT POSITIVE REGULATORS 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3 5A LOW DROPOUT POSITIVE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3 SINGLEMODE FIBER PATCH CABLE, PLEM ST-SC 15M 1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP
|
LT1118CS8-5PBF LT1118CST-5TRPBF LT1118CST-5PBF LT1 |
Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO8 Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 2.1 V-6.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT1118CST-2.5 LT1118CST-2.85 LT1118-2.5 LT1118-5 L |
LED 570NM GREEN DIFF 1206 SMD Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output Low I Q , Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output Low IQ/ Low Dropout/ 800mA/ Source and Sink Regulators Adjustable and Fixed 2.5V/ 2.85V/ 5V Output From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
ADP3339AKCZ-2.5-R7 ADP3339AKCZ-1.5-R7 ADP3339AKCZ- |
High-Accuracy Ultralow Iq, 1.5 A, anyCAP® Low Dropout Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.48 V DROPOUT, PDSO3 High-Accuracy Ultralow Iq, 1.5 A, anyCAP® Low Dropout Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 0.48 V DROPOUT, PDSO3 High-Accuracy Ultralow Iq, 1.5 A, anyCAP® Low Dropout Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.48 V DROPOUT, PDSO3 High-Accuracy Ultralow Iq, 1.5 A, anyCAP® Low Dropout Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.48 V DROPOUT, PDSO3
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AP1115AYG-13R AP1115BYG-13R AP1115AY33L-13 AP1115A |
1.25 V-5 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3 GREEN, SOT-89, 3 PIN IC REG LDO 0.6A 3.3V SOT89-3L 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3 IC REG LDO 0.6A ADJ SOT89-3L 1.25 V-5 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3 1.8 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3
|
Diodes, Inc. Analog Devices, Inc. DIODES INC
|
|