PART |
Description |
Maker |
2SK3524 |
N-CHANNE SILLCON POWER MOSFET N-CHANNE SILLCON POWER MOSFET - CHANNE SILLCON功率MOSFET
|
Fuji Electric Electronic Theatre Controls, Inc.
|
MTD1P50E |
TMOS POWER FET 1.0 AMPERES 500 VOLTS 15 OHM 1 A, 500 V, 15 ohm, P-CHANNEL, Si, POWER, MOSFET
|
Motorola, Inc
|
1N659 1N660 FDLL659 1N661 1N746 1N963 1N3600 FDLL6 |
Ultra fast low capacitance diode. Working inverse voltage 50 V. High speed high conductance diode. Working inverse voltage 175 V. General purpose low diode. Working inverse voltage 100V. 500 mW silicon linear diode. Max zener impedance 6.0 Ohm, max zener voltage 7.5 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 17.0 Ohm, max zener voltage 5.1 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 7.0 Ohm, max zener voltage 6.2 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 23.0 Ohm, max zener voltage 3.9 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 11.0 Ohm, max zener voltage 5.6 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 24.0 Ohm, max zener voltage 3.6 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 22.0 Ohm, max zener voltage 4.3 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 5.0 Ohm, max zener voltage 6.8 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 8.0 Ohm, max zener voltage 8.2 V (Iz 20mA). 500 mW silicon linear diode. Max zener impedance 17.0 Ohm, max zener voltage 10.0 V (Iz 20mA). General purpose low diode. Working inverse voltage 200V. General Purpose Diodes
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
IRF840 IRF820 IRFE430-JQR-B IRF741 IRFE210-JQR-BE4 |
8 A, 500 V, 0.85 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 2.5 A, 500 V, 3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 2.5 A, 500 V, 1.725 ohm, N-CHANNEL, Si, POWER, MOSFET 10 A, 350 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 1.8 A, 200 V, 1.725 ohm, Si, POWER, MOSFET 1.2 A, 400 V, 4.15 ohm, N-CHANNEL, Si, POWER, MOSFET 3.1 A, 100 V, 0.69 ohm, N-CHANNEL, Si, POWER, MOSFET 28 A, 100 V, 0.077 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220
|
SEMELAB LTD
|
PDTD113E PDTD113ET PDTD113EK PDTD113ES |
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 k-ohm, R2 = 1 k-ohm
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
IRF9620 FN2283 |
3.5A/ 200V/ 1.500 Ohm/ P-Channel Power MOSFET 3.5A, 200V, 1.500 Ohm, P-Channel Power MOSFET 3.5A 200V 1.500 Ohm P-Channel Power MOSFET From old datasheet system
|
INTERSIL[Intersil Corporation]
|
PPF450M |
N Channel MOSFET; Package: TO-254; ID (A): 8; RDS(on) (Ohms): 0.42; PD (W): 150; BVDSS (V): 500; Rq: 0.83; 12 A, 500 V, 0.42 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-254AA
|
Microsemi, Corp.
|
IRF610 FN1576 |
3.3A/ 200V/ 1.500 Ohm/ N-Channel Power MOSFET 3.3A, 200V, 1.500 Ohm, N-Channel Power MOSFET From old datasheet system
|
INTERSIL[Intersil Corporation]
|
IRFP9240 FN2294 |
From old datasheet system 12A 200V 0.500 Ohm P-Channel Power MOSFET 12A, 200V, 0.500 Ohm, P-Channel Power MOSFET
|
INTERSIL[Intersil Corporation]
|
STP6NB50 STP6NB50FP |
3.4 A, 500 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 5.8 A, 500 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-CHANNEL ENHANCEMENT MODE POWERMESH MOSFET
|
STMICROELECTRONICS ST Microelectronics
|
|