PART |
Description |
Maker |
IDT6167 IDT6167LA IDT6167LA100D IDT6167LA100DB IDT |
CMOS STATIC RAM 16K (16K x 1-BIT) 16K的的CMOS静态RAM6K的1位) CABLE SMA/BNC 24 RG-142 16K的的CMOS静态RAM6K的1位) Quad Enhanced JFET Precision Operational Amplifier 14-SOIC -40 to 85 16K的的CMOS静态RAM6K的1位) Enhanced-JFET Precision Dual Operational Amplifier 8-PDIP -40 to 85 16K的的CMOS静态RAM6K的1位) CMOS STATIC RAM 16K (16K x 1-BIT) 16K X 1 STANDARD SRAM, 25 ns, PDSO20 CMOS STATIC RAM 16K (16K x 1-BIT) 16K X 1 STANDARD SRAM, 25 ns, CDIP20 CMOS STATIC RAM 16K (16K x 1-BIT) 16K X 1 STANDARD SRAM, 35 ns, CDIP20 CMOS STATIC RAM 16K (16K x 1-BIT) 16K X 1 STANDARD SRAM, 15 ns, CDIP20 CMOS STATIC RAM 16K (16K x 1-BIT) 16K X 1 STANDARD SRAM, 35 ns, PDIP20 CMOS STATIC RAM 16K (16K x 1-BIT) 16K X 1 STANDARD SRAM, 15 ns, PDIP20 CMOS STATIC RAM 16K (16K x 1-BIT) 16K X 1 STANDARD SRAM, 45 ns, CDIP20 CABLE SMA/BNC 36 RG-142 Enhanced-JFET Precision Dual Operational Amplifier 8-SOIC 0 to 70 Quad Enhanced JFET Precision Operational Amplifier 14-SOIC 0 to 70 16K X 1 STANDARD SRAM, 70 ns, PDSO20
|
Integrated Device Techn... INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
93LC76 93LC76-IP 93LC76-ISN 93LC76-P 93LC76-SN 93L |
16-Bit Registered Transceivers With 3-State Outputs 56-TSSOP -40 to 85 8K/16K 2.5V的微型导线串行EEPROM 8K/16K 2.5V Microwire Serial EEPROM 8K/16K 2.5V的微型导线串行EEPROM 8K/16K 2.5V Microwire Serial EEPROM
|
Microchip Technology, Inc. MICROCHIP[Microchip Technology]
|
IDT6198L IDT6198L15D IDT6198L15DB IDT6198L15L IDT6 |
CMOS STATIC RAM 64K (16K x 4-BIT) with Output Control 16K X 4 STANDARD SRAM, 70 ns, CQCC28 LED PNL MT 9MM 6V BLACK GREEN 64K的的CMOS静态RAM6K的4位带输出)控 CABLE SMA/SMA 24 RG-142 64K的的CMOS静态RAM6K的4位带输出)控 CMOS STATIC RAM 64K (16K x 4-BIT) with Output Control 16K X 4 STANDARD SRAM, 25 ns, CDIP24 Dual Low-Power JFET-Input General-Purpose Operational Amplifier 8-TSSOP 0 to 70 64K的的CMOS静态RAM6K的4位带输出)控
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT[Integrated Device Technology] INTEGRATED DEVICE TECHNOLOGY INC
|
P4C198-15JC P4C198-15JI P4C198-15JM P4C198-15JMB P |
ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS 16K X 4 STANDARD SRAM, 20 ns, PDSO24 16K X 4 STANDARD SRAM, 45 ns, CDIP24 16K X 4 STANDARD SRAM, 12 ns, PDSO24 16K X 4 STANDARD SRAM, 25 ns, CQCC28
|
Pyramid Semiconductor C... Pyramid Semiconductor Corporation
|
CAT28C16AKI-20 CAT25C03U-1.8 CAT25040YI-GT3 CAT24W |
EEPROM (256x8) 2K 1.8-6.0 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS EEPROM (4kx8) 32K 1.8-6.0 EEPROM (2048x8) 16K EEPROM (256x8) 2K 2.5-6.0 EEPROM 64K X 8 512K 5V EEPROM (256x8) (128x16) 2K EEPROM (8kx8) 64K 3V EEPROM (512x8) (256x16) 4K EEPROM (2048x8)(1024x16)16K EEPROM (128x8) 1k 1.8-6.0 EEPROM (8kx8) 64K 1.8-6.0 EEPROM 16K-Bit CMOS PARA EEPROM EEPROM (512x8) 4k 2.5-6.0 EEPROM (4096x8) 32k 1.8-6.0 EEPROM (384x8) 128k 16 EEPROM (2Kx8) 16K 5V 90ns
|
Electronic Theatre Controls, Inc. ON Semiconductor Qualtek Electronics, Corp. Lumex, Inc. Vicor, Corp. EPCOS AG NXP Semiconductors N.V. Atmel, Corp. Linear Technology, Corp. Amphenol, Corp. Bourns, Inc. TE Connectivity, Ltd. Integrated Silicon Solution, Inc. Anpec Electronics, Corp.
|
IS24C08A-3PLA3 IS24C02A-3SLA3 |
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
Integrated Silicon Solution, Inc.
|
CY7C251 7C251 CY7C254 |
16K x 8 Power Switched and Reprogrammable PROM(16K x 8功率转换可重复编程的PROM) 16K的8电源开关和可再编程胎膜早破6K的8功率转换和可重复编程的可编程 16K x 8 Power Switched and Reprogrammable PROM(16K x 8功率转换可重复编程的 PROM) From old datasheet system 16K x 8 Power Switched andReprogrammable PROM
|
Cypress Semiconductor Corp.
|
P87C58X2FA P87C52 P87C54 80C52 80C52X2 P80C31X2 P8 |
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PQFP44 80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz 80C51位单片机系列4K/8K/16K/32K的ROM / RAM的检察官办公28B/256B低电.7.5 V,低功耗,高33分之30兆赫 80C51 8-bit microcontroller family 4K-8K-16K-32K ROM-OTP 128B-256B RAM low voltage (2.7 to 5.5 V), low power, high speed (30-33 MHz)
|
存储 NXP Semiconductors N.V.
|
25LC160-I_P 25LC160-I_SN 25LC160T-I_P 25LC160T-I_S |
16K SPI Bus Serial EEPROM The 25AA160 is a 16K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... The 25C160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... The 25LC160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ...
|
MICROCHIP[Microchip Technology]
|
93C86 93C86-EP 93C86-ESN 93C86-IP 93C86-ISN 93C86- |
8K/16K 5.0V Microwire Serial EEPROM 16K 5.0V Microwire Serial EEPROM(4.5~5.5V,16K10M次擦写周具上掉电数据保护电路,EEPROM) 8K/16K 5.0V Microwire Serial EEPROM 8K/16K 5.0V Microwire串行EEPROM Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:400V; Forward Current Avg Rectified, IF(AV):300A; Non Repetitive Forward Surge Current Max, Ifsm:6500A; Forward Voltage Max, VF:1.4V; Package/Case:DO-205 8K/16K 5.0V Microwire串行EEPROM
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
BR9016RFV BR9016F BR9016 BR9080F BR9080RFV BR9080 |
8k, 16k bit EEPROMs for direct connection to serial ports 8k 16k bit EEPROMs for direct connection to serial ports 8k, 16k bit EEPROMs for direct connection to serial ports 分为8K6K,可直接连接到串行端口位的EEPROM
|
ROHM[Rohm] Rohm Co., Ltd.
|