PART |
Description |
Maker |
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
MC33269ST MC33269ST-12 MC33269ST-3.3 MC33269ST-5.0 |
800 mA LOW DROPOUT THREE-TERMINAL VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PDSO4 800 mA LOW DROPOUT THREE-TERMINAL VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 1.35 V DROPOUT, PSFM3
|
Motorola, Inc Motorola Mobility Holdings, Inc.
|
UPC24M12AHF UPC24M05AHF UPC24M10AH UPC24M09AHF UPC |
8 V FIXED POSITIVE LDO REGULATOR, 1 V DROPOUT, PSFM3 THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
|
NEC[NEC]
|
AS1322 AS1322A-BTTT AS1322-13 AS1322B-BTTT |
Low Vol tage, Micropower, DC-DC Step-Up Conver ters
|
ams AG
|
OM1830SCM OM1830NCM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator 7.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89520
|
International Rectifier ETC[ETC] List of Unclassifed Manufacturers
|
RC1584 RC1584T-1.5 RC1584M-1.5 |
7A Adjustable/Fixed Low Dropout Linear Regulator From old datasheet system 7A Adjustable/Fixed Low Dropout Linear Regulator 7A可调/固定低压差线性稳压器 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 1.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 1.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2
|
Fairchild Semiconductor, Corp.
|
OM185-5ST OM186-5 OM183-5 OM184-5 OM185-12 OM185-1 |
15 V FIXED POSITIVE LDO REGULATOR, 17.5 V DROPOUT, MSFM3 HERMETIC SEALED, TO-258, 3 PIN 15 V FIXED POSITIVE LDO REGULATOR, 17.5 V DROPOUT, MSFM3 HERMETIC SEALED, TO-257, 3 PIN Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator 7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS 7.5A 5A 3A 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS Insulation Displacement (IDC) Connector; No. of Contacts:30; Contact Termination:IDC; Gender:Male RoHS Compliant: Yes
|
Omnirel International Rectifier ETC[ETC] List of Unclassifed Manufacturers http:// Electronic Theatre Controls, Inc.
|
AMS1585 AMS1585CM AMS1585CM-15 AMS1585CM-25 AMS158 |
5.0V 4.6A low dropout voltage regulator 3.5V 4.6A low dropout voltage regulator 3.3V 4.6A low dropout voltage regulator 3.0V 4.6A low dropout voltage regulator 2.85V 4.6A low dropout voltage regulator 2.5V 4.6A low dropout voltage regulator 1.5V 4.6A low dropout voltage regulator Hex Schmitt-Triggered Inverters 14-SOIC -55 to 125
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
ADP3300ART-3-REEL ADP3300ART-3-REEL7 ADP3300ART-5- |
0.3-16V; high accuracy anyCAP 50mA low dropout linear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulators, bar code scanners, camcoders, cameras High Accuracy anyCAP 50 mA Low Dropout Linear Regulator High Accuracy anyCAP? 50 mA Low Dropout Linear Regulator High Accuracy anyCAP® 50 mA Low Dropout Linear Regulator High Accuracy anyCAP50 mA Low Dropout Linear Regulator THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.7 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN 3.3 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN 3.2 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 LEAD FREE, ULTRA SMALL, SOT-23, 6 PIN 3.2 V FIXED POSITIVE LDO REGULATOR, 0.17 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN
|
Analog Devices, Inc. ANALOG DEVICES INC
|
UPC29M00 UPC29M03HB UPC29M03HF UPC29M03T UPC29M05H |
THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
|
NEC[NEC]
|
TA78DM05S |
Three-Terminal Low Dropout Voltage Regulator 5V
|
TOSHIBA
|
UPC2925T UPC2925 UPC2926T UPC2926 UPC2918 UPC2918T |
THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
|
NEC[NEC]
|