PART |
Description |
Maker |
CY53150 |
Neuron Chip Network Processor(Neuron 芯片网络处理 From old datasheet system
|
Cypress Semiconductor Corp.
|
CY53120 |
Neuron Chip Network Processor(Neuron 芯片网络处理 From old datasheet system Neuron Chip Network Processor
|
Cypress Semiconductor Corp.
|
TMPN3120E1 TMPN3120E1M |
Neuron ?Chip For Distributed Intelligent Control Networks (LONWORKS ?) TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
|
Toshiba Semiconductor
|
TMPN3120FE3M TMPN3120FE3U |
TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 东芝的CMOS数字集成电路硅单 Neuron ?Chip For Distributed Intelligent Control Networks (LONWORKS ?)
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
ACZ16NBR5E-15FA1-12 ACZ16NBR5E-15FA1-12C ACZ16NBR5 |
mec hanic al incr emen tal encoder
|
CUI INC,
|
ACC701-000 |
10/100Mb/s Electrical-to-Electrical Ethernet Demarcation Device.
|
JDS Uniphase Corporation
|
JQ1A-12V JQ1P-XX JQ1AP-12V JQ1AP-18V JQ1AP-24V JQ1 |
Spacer; Spacing Height:2"; Thread Size:6-32; Body Diameter:0.375"; Internal Thread Depth:0.375"; Leaded Process Compatible:Yes; MIL SPEC:NL-523W01-016; Pack Quantity:1 RoHS Compliant: Yes 高电继电器机械噪声免 HIGH ELECTRICAL MECHANICAL NOISE IMMUNITY RELAY 高电继电器机械噪声免 HIGH ELECTRICAL MECHANICAL NOISE IMMUNITY RELAY (JQ Relays) HIGH ELECTRICAL MECHANICAL NOISE IMMUNITY RELAY
|
Panasonic, Corp. NAIS[Matsushita Electric Works(Nais)] NAIS[Nais(Matsushita Electric Works)] http://
|
MB9750USB-4 |
Electrical Characteristics Test Condition (Vs= 1 . 5 V, RL= 0 . 6 8 k ohm, Ta=20隆?C, RH=65%) Electrical Characteristics Test Condition (Vs= 1 . 5 V, RL= 0 . 6 8 k ohm, Ta=20°C, RH=65%)
|
Knowles Electronics
|
MB6052ASC-1 |
Electrical Characteristics Test Condition (Vs= 2 . 0 V, RL= 2 . 2 k ohm, Ta=20掳C, RH=65%) Electrical Characteristics Test Condition (Vs= 2 . 0 V, RL= 2 . 2 k ohm, Ta=20°C, RH=65%)
|
Knowles Electronics
|
MB6022NSC-2 |
Electrical Characteristics Test Condition (Vs= 2 . 0 V, RL= 2 . 2 k ohm, Ta=20°C, RH=65%) Electrical Characteristics Test Condition (Vs= 2 . 0 V, RL= 2 . 2 k ohm, Ta=20隆?C, RH=65%)
|
Knowles Electronics
|
MB4015NSC-3 |
Electrical Characteristics Test Condition (Vs= 2 . 0 V, RL= 2 . 2 k ohm, Ta=20隆?C, RH=65%) Electrical Characteristics Test Condition (Vs= 2 . 0 V, RL= 2 . 2 k ohm, Ta=20°C, RH=65%)
|
Knowles Electronics
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|