PART |
Description |
Maker |
IRG4PC50S IRG4PC50SPBF |
600V DC-1 kHz (Standard) Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TANSISTOR(Vces=600V, Vce(on)typ.=1.28V, @Vge=15V, Ic=41A) INSULATED GATE BIPOLAR TRANSISTOR
|
IRF[International Rectifier]
|
IRG4BC40S |
INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V Vce(on)typ.=1.32V @Vge=15V Ic=31A) INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.=1.32V, @Vge=15V, Ic=31A) 600V DC-1 kHz (Standard) Discrete IGBT in a TO-220AB package
|
IRF[International Rectifier]
|
IRGB6B60KD IRGS6B60KD IRGSL6B60KD |
600V UltraFast 10-30 kHz Copack IGBT in a TO-220AB package 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package
|
International Rectifier
|
IRG4BC40WS IRG4BC40WL |
600V Warp 60-150 kHz Discrete IGBT in a TO-262 package 600V Warp 60-150 kHz Discrete IGBT in a D2Pak package INSULATED GATE BIPOLAR TRANSISTOR
|
IRF[International Rectifier]
|
IRG4PC30U IRG4PC30UPBF |
600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
|
IRF[International Rectifier]
|
IRG4PC30K IRG4PC30KPBF |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
|
IRF[International Rectifier]
|
IRG4BC30U |
600V UltraFast 8-60 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
|
IRF[International Rectifier]
|
IRGS30B60KPBF IRGSL30B60KPBF |
600V UltraFast 10-30 kHz IGBT in a D2-Pak package 600V UltraFast 10-30 kHz IGBT in a TO-262 package
|
International Rectifier
|
IRG4PC30UD |
600V UltraFast 8-60 kHz Copack IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
|
IRF[International Rectifier]
|
IRG4RC10 IRG4RC10K IRG4RC10KTR IRG4RC10KTRL IRG4RC |
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.39V, @Vge=15V, Ic=5.0A) 600V UltraFast 8-25 kHz Discrete IGBT in a D-Pak package
|
International Rectifier
|
IRG4BC10UD IRG4BC10UDPBF |
600V UltraFast 8-60 kHz Copack IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
|
International Rectifier
|
IRG4RC10UD IRG4RC10UDTR IRG4RC10UDTRL IRG4RC10UDTR |
600V UltraFast 8-60 kHz Copack IGBT in a D-Pak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
|
International Rectifier
|