PART |
Description |
Maker |
APL1085-33UC-TR APL1085-33UC-TU APL1085-UC-TR APL1 |
3.3 V, 3 A low dropout fast response positive adjustable regulator and fixed 3.3 V Adj, 3 A low dropout fast response positive adjustable regulator and fixed 3.3 V
|
ANPEC Electronics Corporation
|
APL1541-33KC-TUL APL1541-33KC-TRL APL1541-KC-TRL |
3.3 V, 1 A low dropout fast response positive adjustable regulator and fixed Adj, 1 A low dropout fast response positive adjustable regulator and fixed
|
ANPEC Electronics Corporation
|
APL1086 APL1086-18FC-TR APL1086-18FC-TU APL1086-18 |
3.3 V, 1.5 A low dropout fast response positive adjustable regulator and fixed 1.8 V, 1.5 A low dropout fast response positive adjustable regulator and fixed Adj, 1.5 A low dropout fast response positive adjustable regulator and fixed 2.85 V, 1.5 A low dropout fast response positive adjustable regulator and fixed 2.5 V, 1.5 A low dropout fast response positive adjustable regulator and fixed 1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration]
|
NCP4545 |
NCP4545 Datasheet - ecoSWITCH™ Advanced Load Management: 10.5A Integrated Load Switch w/ Ultra-Low R<sub>ON</sub>, V<sub>IN</sub> Range= 0.5V-6V, Adj. Slew Rate, Adj. Discharge, Adj. Turn-On Delay
|
ON Semiconductor
|
MSK5970HRHL |
RAD HARD POSITIVE, 1.5 AMP, LOW DROPOUT ADJ VOLTAGE REGULATOR
|
Anaren Microwave
|
APL1087-25VC-TR APL1087-18VC-TU APL1087-33VC-TU AP |
2.5 V, 800 mA low dropout fast response positive adjustable regulator and fixed 1.8 V, 800 mA low dropout fast response positive adjustable regulator and fixed 3.3 V, 800 mA low dropout fast response positive adjustable regulator and fixed Adj, 800 mA low dropout fast response positive adjustable regulator and fixed
|
ANPEC Electronics Corporation
|
MSK5115-5.0BTU MSK5115-5.0BZD MSK5115-5.0BTS MSK51 |
Adj, High current, low dropout voltage regulator HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS 大电流,低降稳压 12V, High current, low dropout voltage regulator
|
Electronic Theatre Controls, Inc. M.S. Kennedy Corp.
|
IRU1030CD IRU1030CM IRU1030CT IRU1030 IRU1030CDTR |
3A Adj LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 3A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
|
IRF[International Rectifier]
|
P4SMA75A P4SMA7.5CA P4SMA8.2A P4SMA480CA P4SMA7.5A |
Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors 硅雪崩二极管- 400W表面贴装瞬态电压Supressors Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 硅雪崩二极管- 400W表面贴装瞬态电压Supressors Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 Single Output LDO, 250mA, Adj.(1.22 to 5.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 Enhanced Product Ultralow-Noise High Psrr Fast Rf 200-Ma Low-Dropout Linear Regulators 5-SOT-23 -40 to 125 Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
|
http:// Won-Top Electronics Co., Ltd. Littelfuse, Inc.
|
NCP565D2T NCP565D2T12 NCP565 NCP565D2TR4G NCP565D2 |
1.5 A Low Dropout Linear Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.5A Adjustable Low Dropout Linear Regulator with Fast Transient Response
|
ONSEMI[ON Semiconductor]
|
AS2815YU-X AS2815AU-3-3 AS2815 AS2815YR-X AS2815YT |
3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2 Analog IC 模拟IC 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output,Fast Response 1.5A Low Dropout Voltage Regulator
Adjustable & Fixed Output,
Fast Response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
|
BCD Semiconductor Manufacturing, Ltd. Sipex Corporation
|
SPX1085T-3.3 SPX1085AU-3.3 SPX1085U-5.0 SPX1085 SP |
5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response CONNECTOR ACCESSORY 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A低压差线性稳压器可调 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2
|
SIPEX[Sipex Corporation] EXAR CORP
|