PART |
Description |
Maker |
APL1084 APL1084-33FC-TR APL1084-33FC-TRL APL1084-3 |
Adj V, 5 A low dropout fast response positive adjustable regulator and fixed 3.3 V Adj, 5 A low dropout fast response positive adjustable regulator and fixed 3.3 V 5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V 3.3 V, 5 A low dropout fast response positive adjustable regulator and fixed 3.3 V
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration]
|
LT1585-1.5 LT1585A-1.5 LT1585CT-1.5 LT1585ACM-1.5 |
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C Fixed 1.5V/ 4.6A and 5A Low Dropout/ Fast Response GTL Regulators Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators Fixed 1.5V/ 4.6A and 5A Low Dropout/ Fast Response GTL Regulators
|
Linear Technology Corporation LINER[Linear Technology]
|
IRU1050CD IRU1050CM IRU1050CP IRU1050CT IRU1050 IR |
5A Adj LDO Linear Regulator in a TO-263 3-Leads package 5A Adj LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 5A Adj LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
|
IRF[International Rectifier]
|
IRU1160CP IRU1160CM IRU1160 IRU1160CMTR IRU1160CPT |
6A Adj LDO Linear Regulator in a ULTRA THIN-PAK 5-Leads package 6A Adj LDO Linear Regulator in a TO-263 5-Leads package 6A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
|
IRF[International Rectifier]
|
LP3965EMP-1.8 LP3965EMP-2.5 |
1.5A Fast Ultra Low Dropout Linear Regulators LP3965 - 1.5A Fast Ultra Low Dropout Linear Regulator, Package: SOT-223, Pin Nb=5
|
NSC
|
IRU1075CM IRU1075CP IRU1075CT IRU1075 |
7.5A Adj LDO Linear Regulator in a TO-220 3-Leads package 7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
|
IRF[International Rectifier]
|
CLM2815AU-X CLM2815 CLM2815A CLM2815AAT CLM2815AAT |
3.3 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response 1.5 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:19; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight 2.5 V, 1.5A low dropout voltage regulator adjustable and fixed output fast response
|
CALOGIC[Calogic, LLC] Calogic LLC
|
SPX29150 SPX29150T SPX29150T-1.8 SPX29150T-2.5 SPX |
1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 1.5A的高电流低压差稳压器可调 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time 1.5A的低压差线性稳压器可调 128 x 128 pixel format, LED or EL Backlight available 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time 1.5A Low Dropout Voltage Regulator, 1%
|
Electronic Theatre Controls, Inc. SIPEX[Sipex Corporation]
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
SPX1587 SPX1587AR SPX1587AR-1.5 SPX1587AR-2.5 SPX1 |
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response A低压差线性稳压器可调 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response(3A,低压差稳压器(可调和固定输快速响) ER 22 24 D/C PLAS 3A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response
|
SIPEX[Sipex Corporation]
|
NCP45560 |
NCP45560 Datasheet - ecoSWITCH™ Advanced Load Management: 23A Integrated Load Switch w/ Ultra-Low R<sub>ON</sub>, V<sub>IN</sub> Range= 0.5V-13.5V, Power Good Out, Adj. Slew Rate, Adj. Discharge, & Fault Protection
|
ON Semiconductor
|