PART |
Description |
Maker |
L8231 L8231-21 L8231-22 L8231-23 L8231-32 L8231-44 |
2V; 0.2mW; laser diode: repectacle type, 1.3um, 1.25, 2.5Gbps. For optical fiber communications, fiber channel, gigabit ethernet, HDTV, SDH Receptacle type, 1.3 レm, 1.25, 2.5 Gbps 插座类型.3レ米.25.5 Gbps CAP 1.5PF 50V /-0.25PF C0G SMD-0402 TR-7-PA SN100 插座类型.3レ米.25.5 Gbps Receptacle type/ 1.3 m/ 1.25/ 2.5 Gbps Receptacle type, 1.3 m, 1.25, 2.5 Gbps Receptacle type 1.3 m 1.25 2.5 Gbps Receptacle type, 1.3 μm, 1.25, 2.5 Gbps FIBER OPTIC LASER DIODE EMITTER, 1250Mbps, PANEL MOUNT, SC CONNECTOR
|
Hamamatsu Photonics K.K. HAMAMATSU[Hamamatsu Corporation]
|
03-09-1011-P 03-09-6011 |
1 CKT. HOUSING RECEPTACLE .093/(2.36) DIAMETER RECEPTACLE, 0.093" 1WAY 1 CONTACT(S), MALE OR FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE 1 CONTACT(S), FEMALE AND MALE, POWER CONNECTOR, CRIMP, RECEPTACLE
|
Molex Electronics Ltd. Molex, Inc. MOLEX INC
|
39-01-3105 |
10CKT MINFIT RECEPTACLE T 555710RBL 10 CONTACT(S), FEMALE, POWER CONNECTOR, RECEPTACLE
|
Molex, Inc.
|
03-06-1157 |
062 Pwr Conn Receptacle Lock 15Ckt 15 CONTACT(S), FEMALE, POWER CONNECTOR, RECEPTACLE
|
NXP Semiconductors N.V.
|
91804-0411 91804-0413 91804-0415 91804-0417 91804- |
LaneLink垄芒 4x Receptacle LaneLink 4x Receptacle
|
Molex Electronics Ltd.
|
51065-1300 51065-1000 |
2MM 13CKT RECEPTACLE HOUS 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:10; Series:50165; Body Material:PBT Polyester; No. of Rows:1; Pitch Spacing:0.079" RoHS Compliant: Yes 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
71231-0021 71231-0113 71231-0013 71231-0107 71231- |
MINI FIT 12 CKT HEADER 712310021 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit IDT Vert Hdr SR W/Peg 8Ckt 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE MINI FIT 8CKT HDER 712310013 8 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE 5CKT 30G MINIFIT HDR VT 712310107 5 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE MINI FIT 4CKT HDER 712310105 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE 7CKT TIN MINIFIT HDR VT 712310011 7 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit IDT Vert Hdr SR Tin 12Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit IDT Vert Hdr SR Au 12Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE CONN HEADER 3POS .165 VERT TIN 3 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit IDT Vert Hdr Tin 5Ckt 5 CONTACT(S), MALE, POWER CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
HCHR005-128 HCHR024-224 HCHR005-206 HCHR007-205 HC |
Receptacle With No Tail Receptacle With A Wire Wrap Tail Analog IC 模拟IC
|
TE Connectivity, Ltd. Delta Electronics, Inc.
|
51067-1000 51067-1500 51067-0300 51067-1100 |
10CKT 3.5MM W TO B HOUS 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 3.5 W TO B CONN HOUSING 15 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:3; Series:51067; Body Material:PBT Polyester; No. of Rows:1; Pitch Spacing:0.138" RoHS Compliant: Yes 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 3.5MM WTB HSG 11CKT 510671100 11 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
4N55/883B 4N55/883B200 HCPL-5531 HCPL-5501 HCPL553 |
Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits Receptacle With No Tail npn型输出DC -输入光耦合 NPN-OUTPUT DC-INPUT OPTOCOUPLER npn型输出DC -输入光耦合 Receptacle With A Turret
|
Avago Technologies, Ltd.
|
|