PART |
Description |
Maker |
HI3-674AKN-5 HI1-574AJD-5 HI1-574AKD-5 HI1-574ASD_ |
A/D Converter, 50KSPS, 150ns, Reference and Clock, Full 8/12/16-Bit Microprocessor Bus Interface A/D Converter, 83KSPS, Bus Access Time 150ns, Reference and Clock, Full 8/12/16-Bit Microprocessor Bus Interface, 883 Compliant Complete, 12-Bit A/D Converters with Microprocessor Interface
|
INTERSIL[Intersil Corporation]
|
CYWB0224ABM-BVXI CYWB0224ABS-BVXI CYWB0226ABM-BVXI |
SPECIALTY MICROPROCESSOR CIRCUIT, PBGA100 6 X 6 MM, 1 MM HEIGHT, LEAD FREE, MO-195C, VFBGA-100 West Bridge(R): Astoria(TM) USB and Mass Storage Peripheral Controller.; Clock Input Freq.: 19.2, 24, 26, 48 MHz; Interfaces Supported: HS-USB, SLC NAND, Dual-SD/MMC ; SPECIALTY MICROPROCESSOR CIRCUIT, PBGA100 Bridge IC; Clock Input Freq.: 19.2, 24, 26, 48 MHz; Interfaces Supported: HS-USB, SLC NAND, Dual-SD/MMC ; SPECIALTY MICROPROCESSOR CIRCUIT, PBGA100
|
Cypress Semiconductor, Corp.
|
VCC1-A3O-34M368 VCC1-A3O-34M816 VCC1-A3O-34M56 VCC |
VCXO, CLOCK, 34.368 MHz, CMOS OUTPUT VCXO, CLOCK, 34.816 MHz, CMOS OUTPUT VCXO, CLOCK, 34.56 MHz, CMOS OUTPUT VCXO, CLOCK, 70.626 MHz, CMOS OUTPUT VCXO, CLOCK, 69.632 MHz, CMOS OUTPUT VCXO, CLOCK, 34.45 MHz, CMOS OUTPUT VCXO, CLOCK, 70 MHz, CMOS OUTPUT VCXO, CLOCK, 97.776 MHz, CMOS OUTPUT VCXO, CLOCK, 53.33 MHz, CMOS OUTPUT VCXO, CLOCK, 19.53 MHz, CMOS OUTPUT VCXO, CLOCK, 53.125 MHz, CMOS OUTPUT VCXO, CLOCK, 89.97804 MHz, CMOS OUTPUT VCXO, CLOCK, 89.472 MHz, CMOS OUTPUT VCXO, CLOCK, 89.512 MHz, CMOS OUTPUT VCXO, CLOCK, 48.33008 VCXO, CLOCK, 8.192 MHz, CMOS OUTPUT VCXO, CLOCK, 14.4 MHz, CMOS OUTPUT VCXO, CLOCK, 125.01 MHz, CMOS OUTPUT VCXO, CLOCK, 106.25 MHz, CMOS OUTPUT VCXO, CLOCK, 125 MHz, CMOS OUTPUT VCXO, CLOCK, 39.497 MHz, CMOS OUTPUT VCXO, CLOCK, 103.68 MHz, CMOS OUTPUT VCXO, CLOCK, 35.5 MHz, CMOS OUTPUT VCXO, CLOCK, 12.222 MHz, CMOS OUTPUT VCXO, CLOCK, 51.156 MHz, CMOS OUTPUT VCXO, CLOCK, 52.5 MHz, CMOS OUTPUT VCXO, CLOCK, 78 MHz, CMOS OUTPUT VCXO, CLOCK, 72 MHz, CMOS OUTPUT VCXO, CLOCK, 27 MHz, CMOS OUTPUT VCXO, CLOCK, 36.5 MHz, CMOS OUTPUT VCXO, CLOCK, 42.4 MHz, CMOS OUTPUT VCXO, CLOCK, 112.5 MHz, CMOS OUTPUT VCXO, CLOCK, 115.2 MHz, CMOS OUTPUT VCXO, CLOCK, 127 MHz, CMOS OUTPUT VCXO, CLOCK, 116.64 MHz, CMOS OUTPUT VCXO, CLOCK, 110 MHz, CMOS OUTPUT VCXO, CLOCK, 16.61 MHz, CMOS OUTPUT VCXO, CLOCK, 50 MHz, CMOS OUTPUT VCXO, CLOCK, 10.24 MHz, CMOS OUTPUT VCXO, CLOCK, 114 MHz, CMOS OUTPUT VCXO, CLOCK, 20 MHz, CMOS OUTPUT VCXO, CLOCK, 100 MHz, CMOS OUTPUT VCXO, CLOCK, 20.516 MHz, CMOS OUTPUT VCXO, CLOCK, 128 MHz, CMOS OUTPUT VCXO, CLOCK, 12.5 MHz, CMOS OUTPUT VCXO, CLOCK, 21.71055 MHz, CMOS OUTPUT VCXO, CLOCK, 21.504 MHz, CMOS OUTPUT VCXO, CLOCK, 36.86 MHz, CMOS OUTPUT VCXO, CLOCK, 33.3 MHz, CMOS OUTPUT VCXO, CLOCK, 12 MHz, CMOS OUTPUT VCXO, CLOCK, 41.472 MHz, CMOS OUTPUT VCXO, CLOCK, 67.5 MHz, CMOS OUTPUT VCXO, CLOCK, 41.657 MHz, CMOS OUTPUT VCXO, CLOCK, 42.5 MHz, CMOS OUTPUT VCXO, CLOCK, 42 MHz, CMOS OUTPUT VCXO, CLOCK, 47.404 MHz, CMOS OUTPUT VCXO, CLOCK, 47.197 MHz, CMOS OUTPUT VCXO, CLOCK, 47.40437 MHz, CMOS OUTPUT VCXO, CLOCK, 12.2725 MHz, CMOS OUTPUT VCXO, CLOCK, 28.8 MHz, CMOS OUTPUT VCXO, CLOCK, 12.352 MHz, CMOS OUTPUT VCXO, CLOCK, 28 MHz, CMOS OUTPUT VCXO, CLOCK, 120 MHz, CMOS OUTPUT VCXO, CLOCK, 2.048 MHz, CMOS OUTPUT VCXO, CLOCK, 2 MHz, CMOS OUTPUT VCXO, CLOCK, 24.54 MHz, CMOS OUTPUT VCXO, CLOCK, 17.734 MHz, CMOS OUTPUT VCXO, CLOCK, 15.974 MHz, CMOS OUTPUT
|
Vectron International, Inc.
|
ZTA50MX |
This specification is applied to the ceramics resonator used for the clock Oscillation of Microprocessor
|
SHENZHEN YONGERJIA INDUSTRY CO.,LTD
|
Z8S18033VEC Z8S18006VEC Z8S18020VEC Z8S18010PEC Z8 |
ENHANCED Z180 MICROPROCESSOR CONN HDR INVERSE 30POS 5ROW R/A ENHANCED Z180 MICROPROCESSOR 强化Z180微处理器 CONN POWER HEADER 4ROW 8POS P-F 8-BIT, MICROPROCESSOR, PQCC68 Moldable Putty Stick; Pack Quantity:1 RoHS Compliant: Yes 8-BIT, 10 MHz, MICROPROCESSOR, PDIP64
|
ZiLOG, Inc.
|
XPC604ERX200PD XPC604ERX180PD |
32-Bit Microprocessor(32浣?井澶???? PowerPC 604e? RISC Microprocessor Family: 32-Bit Microprocessor(32位微处理 32位微处理器(32位微处理器)
|
Motorola, Inc. Motorola Mobility Holdings, Inc.
|
X1227S8IZ-4.5A X1227V8IZ-4.5A X1227V8-2.7 X1227S8Z |
2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM Microprocessor Support IC; Processor Reset Type:Active Low; Supply Voltage Max:5.5V; Package/Case:16-MLP; Leaded Process Compatible:Yes; Packaging:Tape And Reel; Peak Reflow Compatible (260 C):Yes 1 TIMER(S), REAL TIME CLOCK, PDSO8 REAL TIME CLOCK, PDSO8 ROHS COMPLIANT, PLASTIC, TSSOP-8 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor 1 TIMER(S), REAL TIME CLOCK, PDSO8 REAL TIME CLOCK, PDSO8 ROHS COMPLIANT, PLASTIC, SOIC-8 RTC Module With CPU Supervisor 1 TIMER(S), REAL TIME CLOCK, PDSO8 DIO SUP SM SL05 (SEMT) R
|
http:// Intersil, Corp. Intersil Corporation
|
MC100H646FN MC10H646FN |
PENTIUM MICROPROCESSOR PECL/TTL-TTL CLOCK DRIVER
|
Motorola, Inc
|
HD6417750SVF133 HD6417750VF128 HD6417750SBP200 HD6 |
1.5V; 133MHz; 32-bit RISC microprocessor 1.5V; 128MHz; 32-bit RISC microprocessor 1.95V; 200MHz; 32-bit RISC microprocessor 1.8V; 167MHz; 32-bit RISC microprocessor 1.5V; 200MHz; 32-bit RISC microprocessor
|
Hitachi Semiconductor
|
80C88/883 80C88 |
Microprocessor, 8/16 Bit, CMOS, 883 Compliant, Process Speed 8MHz Microprocessor, 8/16 Bit, CMOS, Process Speed 5 and 8MHz Microprocessor 3.08V Reset Monitor, -40C to 125C, 3-SC-70, T/R 16位产品的CMOS微处理器
|
Intersil
|
MCF5272VM66 MCF5272CVF66 |
This document provides an overview of the MCF5272 microprocessor features, including the major functional components. MCF5272 Integrated Microprocessor Product Brief
|
Freescale Semiconductor, Inc
|
|