PART |
Description |
Maker |
MSM7533V MSM7533H MSM7534 MSM7533H_MSM7533V_MSM753 |
MU-LAW, PCM CODEC, PDSO24 (MSM7533) 2ch Single Rail CODEC From old datasheet system 2ch single CODEC
|
OKI ELECTRIC INDUSTRY CO LTD OKI[OKI electronic componets] OKI electronic components
|
24101 24100 24S101 24S100 24680 24220 24S6R8 2400 |
IC CODEC SPKRPHONE 2CH 20-SOIC 1 ELEMENT, 15 uH, GENERAL PURPOSE INDUCTOR, SMD Bobbin Wound Surface Mount Inductors 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR, SMD Receiver IC; Supply Voltage:5V; Package/Case:28-TSSOP; Frequency:192GHz; Leaded Process Compatible:No; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Peak Reflow Compatible (260 C):No; Supply Voltage Max:5V RoHS Compliant: Yes Receiver IC; Supply Voltage:5V; Package/Case:28-SOIC; Frequency:192GHz; Leaded Process Compatible:No; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Peak Reflow Compatible (260 C):No; Supply Voltage Max:5V RoHS Compliant: Yes :108GHz; Frequency Min:8GHz; Leaded Process Compatible:No; No. of Channels:2 RoHS Compliant: Yes ; Frequency Min:8GHz; Interface Type:Serial; Leaded Process Compatible:No RoHS Compliant: No A/D Converter (A-D) IC; Resolution (Bits):24; Sample Rate:4000SPS; Input Channels Per ADC:2; Input Channel Type:Differential; Data Interface:Serial Full Duplex Analog to Analog Spkrphone Codec -free Transceiver IC; Transceiver Type:Digital Audio; Supply Voltage:5V; Package/Case:28-TSSOP; Frequency:96GHz; Leaded Process Compatible:Yes; No. of Receivers:1; Operating Temp. Max:85 C; Operating Temp. Min:-40 C RoHS Compliant: Yes BobbinWoundSurfaceMountInductors
|
C&D TECHNOLOGIES INC C&DTechnologies CANDD[C&D Technologies]
|
AD1819 AD1819B AD1819BJST AD1819BJST-REEL 2751 |
From old datasheet system AC97 SoundPort Codec AC’97 SoundPort Codec AC’97 SoundPort® Codec AC?7 SoundPort?Codec AC?7 SoundPort Codec
|
AD[Analog Devices]
|
ML7204-001 ML7204V-001TB |
A/MU-LAW, PCM CODEC, PQFP100 VoIP Codec The ML7204-001 is a speech CODEC for VoIP.
|
LAPIS SEMICONDUCTOR CO LTD OKI Semiconductor OKI electronic componets
|
R1280D002A-TR R1280D002B R1280D002B-TR R1280D002C |
2CH PWM DC/DC Controller 0.05 A DUAL SWITCHING CONTROLLER, 805 kHz SWITCHING FREQ-MAX, PDSO10 2CH PWM DC/DC Controller 2声道的PWM DC / DC控制
|
Ricoh Co., Ltd. RICOH electronics devic...
|
TP3067 TP13064AJ |
u-Law CODEC IC,PCM CODEC,SINGLE,CMOS,DIP,20PIN,CERAMIC
|
ti
|
AKD4538 AK4538VN AK4538 |
Low-power codec for portables, PDA 16Bit DS CODEC with MIC/HP/SPK-AMP
|
AKM Asahi Kasei Microsystems
|
MC145557 MC145557P MC145567DW MC145557DWNBSP MC145 |
From old datasheet system A-Law CODEC PCM Codec-Filter
|
MOTOROLA[Motorola, Inc] Motorola Semiconductor Products Inc MOTOROLA[Motorola Inc]
|
CS42888 CS42888-CQZ CS42888-DQZ CS42888-DQZR CIRRU |
108 dB, 192 kHz 4-In, 8-Out CODEC PCM CODEC, PQFP64 108 dB, 192 kHz 4-In, 8-Out CODEC 108分贝192千赫4年,8输出解码
|
Cirrus Logic, Inc. CIRRUS LOGIC INC
|
AD1887 AD1887JST |
AC?7 SoundMAX Codec AC7 SoundMAX Codec AC97 SoundMAX Codec AC’97 SoundMAX Codec
|
AD[Analog Devices] Analog Devices, Inc.
|
AK452804 AK4528 |
24-bit 96kHz 110dB codec with DATT, soft mute High Performance 24Bit 96kHz Audio CODEC
|
AKM Asahi Kasei Microsystems
|
WM9705 WM9705SEFL_RV WM9705SEFT_V XWM9705EFL_RV XW |
From old datasheet system TOUCHSCREEN CONTROLLER WITH AC'97 INTERFACE AND AUDIO CODEC. Multimedia AC97 CODEC with Integrated Touch Screen Controller
|
WOLFSON[Wolfson Microelectronics plc]
|