PART |
Description |
Maker |
P6KE200 P6KE7.5 P6KE440A P6KE82 P6KE33 P6KE68C P6K |
Single Output LDO, 1.0A, Fixed(2.8V), Low Noise, High PSRR 6-SOT-223 -40 to 125 硅雪崩二极管-硅雪崩二极管 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Silicon Avalanche Diodes - Silicon Avalanche Diodes 硅雪崩二极管-硅雪崩二极管 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-DSBGA -40 to 85
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
1N5665A 1N56 1N5629 1N5629A 1N5630 1N5630A 1N5631 |
MSTBA 2,5/14-G Interfaces: --; 16-bit Timers: --; Memory Size (KB): --; Package: SOIC; I/O: 14 MSTBA 2,5/20-G Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors 硅雪崩二极管- 1500瓦特金属轴向引线瞬态电压抑制器 Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
|
http:// LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
1N5546 1N5518 1N5518B 1N5519 1N5520 1N5521 1N5522 |
5.1 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Low Voltage Avalanche Zener Low Voltage Avalanche 500 mW Zener Diodes DO-35 surface mount silicon Zener diodes 17 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
P4KE10A-B P4KE P4KE47A-B P4KE12A-B P4KE82CA-B P4KE |
Transient Voltage Suppression Diodes 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AL 400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-204AL
|
Littelfuse
|
BYP60A05 BYP60A1 BYP60A2 BYP60A3 BYP60A4 BYP60A5 B |
Silicon Press-Fit-Diodes 60 A, 400 V, SILICON, RECTIFIER DIODE
|
Semikron International
|
P4KE350A P4KE91CA P4KE100A P4KE100CA P4KE10A P4KE1 |
Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
|
LITTELFUSE[Littelfuse]
|
TGL41-6.807 TGL41-520 TGL41-68 TGL41-10 TGL41-100A |
400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-213AB
|
Diotec Semiconductor AG
|
1N4100 1N4120 1N4620 1N4110 1N4099 1N4627 1N4108 1 |
400 MILLIWATT HERMETICALLY SEALED GLASS SILICON ZENER DIODES
|
New Jersey Semi-Conductor Products, Inc. New Jersey Semi-Conductor P... New Jersey Semi-Conduct...
|
KYZ25A6 KYZ25K6 KYZ25A05 KYZ25A1 KYZ25A2 KYZ25A3 K |
Fuses, Field replaceable 2410 size, in clips 25 A, 400 V, SILICON, RECTIFIER DIODE Silicon Press-Fit-Diodes 25 A, 100 V, SILICON, RECTIFIER DIODE
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
BYP35A6 BYP35A05 BYP35A1 BYP35A2 BYP35A3 BYP35A4 B |
Silicon Press-Fit-Diodes 35 A, 300 V, SILICON, RECTIFIER DIODE Silicon Press-Fit-Diodes 35 A, 400 V, SILICON, RECTIFIER DIODE Silicon Press-Fit-Diodes 35 A, 100 V, SILICON, RECTIFIER DIODE Silicon Press-Fit-Diodes 35 A, 50 V, SILICON, RECTIFIER DIODE Silicon Press-Fit-Diodes 35 A, 200 V, SILICON, RECTIFIER DIODE
|
SEMIKRON[Semikron International]
|
SMCJ33CA SMCJ150CA SMCJ24A SMCJ440A SMCJ48A SMCJ28 |
Transient Voltage Suppression Diodes Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors Transient Voltage Suppression Diodes
|
Littelfuse http://
|