PART |
Description |
Maker |
LT1033 LT1033C LT1033CK LT1033M LT1033MK |
Dual J-K Positive-Edge-Triggered Flip-Flops With Clear and Preset 16-SO 0 to 70 3A. Negative Adjustable Regulator 3A, Negative Adjustable Regulator From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
LM337BD2TR4G LM337D2TR4G |
1.5 A, Adjustable Output, Negative Voltage Regulator 1.2 V-37 V ADJUSTABLE NEGATIVE REGULATOR, PSSO2
|
ON Semiconductor
|
OM7636SM |
Hi-Rel Adjustable Voltage 3-Terminal Negative Regulator SURFACE MOUNT NEGATIVE ADJUSTABLE 1.0 AMP VOLTAGE REGULATOR
|
International Rectifier List of Unclassifed Manufacturers
|
LM137HVH IP137MAH IP137MAHVH IP137MH IP137MHVH LM1 |
0.5A Adjustable Negative Voltage Regulator Voltage Regulator ADJUSTABLE NEGATIVE REGULATOR, MBCY3 0.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR 1.2 V-47 V ADJUSTABLE NEGATIVE REGULATOR, MBCY3
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited TT electronics Semelab, Ltd.
|
LT1033CT LT103302 LT1033 LT1033CP |
VOLT REGULATOR|ADJUSTABLE|-1.2 TO -32V|BIPOLAR|SIP|3PIN|PLASTIC 3A Negative Adjustable Regulator
|
Linear Technology
|
ADSP-2195MBST-140X ADSP-2195MKST-160X ADSP-2195MBC |
DSP Microcomputer LM2991 Negative Low Dropout Adjustable Regulator; Package: TO-263; No of Pins: 5; Qty per Container: 45; Container: Rail LM2991 Negative Low Dropout Adjustable Regulator; Package: CERDIP; No of Pins: 16; Container: Rail ADSP-2195M: 16-bit Fixed-Point DSP for Telecommunications Applications Preliminary Data Sheet (Rev. PrA. 9/01) LM2991 Negative Low Dropout Adjustable Regulator; Package: CERDIP; No of Pins: 16; Qty per Container: 25; Container: Rail
|
Analog Devices, Inc.
|
LT137A1 |
Negative Adjustable Regulator
|
Linear Technology
|
SHD526060 |
NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
|
Sensitron
|
SHD526040 |
NEGATIVE ADJUSTABLE 1.5 AMP REGULATOR
|
SENSITRON[Sensitron]
|
LM337AHVK LM337AK |
NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
|
Seme LAB
|
LM7905 IP120AIG-05 IP120R-05 LM7915 LM7912 LM7905A |
1.5 AMP NEGATIVE VOLTAGE REGULATOR 5 V FIXED NEGATIVE REGULATOR, PSFM3 1.5 AMP NEGATIVE VOLTAGE REGULATOR 5 V FIXED NEGATIVE REGULATOR, MBFM2 5 V FIXED NEGATIVE REGULATOR, CBCC3 12 V FIXED NEGATIVE REGULATOR, MBFM2 FIXED NEGATIVE REGULATOR, SFM3
|
Seme LAB TT electronics Semelab, Ltd. SEMELAB LTD
|
RH1185MK |
Negative Regulator with Adjustable Current Limit
|
Linear Dimensions Semiconductor
|