PART |
Description |
Maker |
LT1813HVCS8 LT1813HVIS8 LT1814CGN LT1814IGN LT1813 |
Dual/Quad 3mA, 100MHz, 750V/µs Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL OP-AMP, 3000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO8 Dual/Quad 3mA, 100MHz, 750V/µs Operational Amplifier; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL OP-AMP, 3000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO8 Dual/Quad 3mA, 100MHz, 750V/刁 Operational Amplifiers Dual/Quad 3mA, 100MHz, 750V/庐 Operational Amplifiers Dual/Quad 3mA, 100MHz, 750V/? Operational Amplifiers
|
Linear Technology, Corp.
|
EL2245CN EL2445CS EL2445CN EL2245CS |
Dual/Quad Low-Power 100MHz Gain-of-2 Stable Op Amp
|
Elantec Semiconductor
|
LT6205 LT6206CMS8 LT6206IMS8 LT6205IS5 LT6207IGN L |
Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
|
LINER[Linear Technology]
|
R1005250L |
Si Reverse, low current, 5 - 100MHz, 25.4dB typ. Gain @ 100MHz, 140mA max. @ 24VDC
|
PDI[PREMIER DEVICES, INC.]
|
SM802109 SM802109UMGTR |
ClockWorks PCI-e Quad 100MHz Ultra-Low Jitter, HCSL Frequency Synthesizer
|
Micrel Semiconductor
|
SL523 SL523CCM |
100MHz DUAL WIDEBAND LOG AMPLIFIER
|
Zarlink Semiconductor Inc.
|
SL523BCM SL523CCM SL523CBCM SL523 |
100MHz DUAL WIDEBAND LOG AMPLIFIER
|
ZARLINK[Zarlink Semiconductor Inc]
|
W83194R-17 W83194R-17/-17A W83194R-17A |
100MHZ AGP CLOCK FOR SIS CHIPSET 100MHz SiS 5595, 5598 Clock Gen.
|
Winbond Electronics
|
ALD1108E ALD1108EDC ALD1108EPC ALD1108ESC ALD1110E |
QUAD/DUAL EPADPRECISION MATCHED PAIR N-CHANNEL MOSFET ARRAY QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD⑩) QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD) QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD? QUAD/DUAL ELECTRICALLY PROGRAMMABLE ANALOG DEVICE (EPAD 双电可编程模拟器件(EPAD⑩)
|
ALD[Advanced Linear Devices] Advanced Linear Devices, Inc.
|
LT1230CSTR |
Quad 100MHz Current Feedback Amplifiers; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C
|
LINEAR TECHNOLOGY CORP
|
PDR5K |
PDR5K - Industry first 5A/750V rectifier in a PowerDi-5 package
|
Diodes Incorporated
|
PC10XS3435BPNA MC10XS3435 |
Quad High Side Switch (Dual 10m楼?, Dual 35m楼?) Quad High Side Switch (Dual 10mΩ, Dual 35mΩ)
|
Freescale Semiconductor, Inc
|