|
|
|
Linear Technology, Corp.
|
Part No. |
LT1814 LT1813 LT1813HV LT1813DMS8PBF LT1813HVCS8TRPBF LT1814IGNTRPBF
|
Description |
Dual/Quad 3mA, 100MHz, 750V/µs Operational Amplifier; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C QUAD OP-AMP, 3000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO16 Dual/Quad 3mA, 100MHz, 750V/µs Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 2000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO8 Dual/Quad 3mA, 100MHz, 750V/µs Operational Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 2000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO8 Quad 3mA, 100MHz, 750V/us Op Amp Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifier Dual/Quad 3mA, 100MHz, 750V/µs Operational Amplifier
|
File Size |
276.63K /
16 Page |
View
it Online |
Download Datasheet |
|
|
|
Analog Devices |
Part No. |
LT1813DMS8#PBF
|
Description |
2x 3mA, 100MHz, 750V/µs Op Amp
|
Tech specs |
|
|
|
Official Product Page
|
|
Bom2Buy.com
Price and Availability
|
JITONG
TECHNOLOGY
(CHINA HK & SZ)
Datasheet.hk's Sponsor |
Part: LT1813DMS8 |
Maker: Linear Technology |
Pack: ETC |
Stock: Reserved |
Unit price
for : |
50: $0.00 |
100: $0.00 |
1000:
$0.00 |
Email: oulindz@gmail.com |
Contact us |
|
|