PART |
Description |
Maker |
LT1469 |
Dual 90MHz, 22V/s 16-Bit Accurate Operational Amplifier
|
Linear Technology
|
LT1468CDD-2PBF LT1468CDD-2TRPBF LT1468-209 LT1468A |
16-Bit DAC Current-to-Voltage Converter 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C OP-AMP, 400 uV OFFSET-MAX, 88 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp.
|
PFH-M5-12 PFH-M4-12 PFH-M5-8 PFH-M5-10 PFH-M5-16 P |
Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower Precision Low Dropout Series Voltage Reference Family; Package: SO; No of Pins: 8; Temperature Range: -40° to 125°C EINSCHLAGSCHRAUBE PASSIVIERT M5X8 Inhalt pro Packung: 50 Stk. Dual/Quad Micropower, 260µW C-Load Picoampere Bias Current JFET Input Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C EINSCHLAGSCHRAUBE PASSIVIERT M5X16 Inhalt pro Packung: 50 Stk. Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C EINSCHLAGSCHRAUBE PASSIVIERT M5X20 Inhalt pro Packung: 50 Stk. EINSCHLAGSCHRAUBE PASSIVIERT M3X12 Inhalt pro Packung: 50 Stk. EINSCHLAGSCHRAUBE PASSIVIERT M3X16 Inhalt pro Packung: 50 Stk. EINSCHLAGSCHRAUBE PASSIVIERT M3X14 Inhalt pro Packung: 50 Stk. EINSCHLAGSCHRAUBE PASSIVIERT M3X8 Inhalt pro Packung: 50 Stk. Micropower Precision Low Dropout Series Voltage Reference Family; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C EINSCHLAGSCHRAUBE PASSIVIERT M3X20 Inhalt pro Packung: 50 Stk. EINSCHLAGSCHRAUBE PASSIVIERT M3X10 Inhalt pro Packung: 50 Stk. Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual/Quad Micropower, 260µW C-Load Picoampere Bias Current JFET Input Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amp; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C EINSCHLAGSCHRAUBE PASSIVIERT M6X18 Inhalt pro Packung: 50 Stk. 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C EINSCHLAGSCHRAUBE PASSIVIERT M4X14 Inhalt pro Packung: 50 Stk. EINSCHLAGSCHRAUBE PASSIVIERT M4X16 Inhalt pro Packung: 50 Stk. Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C EINSCHLAGSCHRAUBE PASSIVIERT M6X12 Inhalt亲Packung0沙头角 Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C EINSCHLAGSCHRAUBE PASSIVIERT M6X10 Inhalt亲Packung0沙头角
|
HIROSE ELECTRIC Co., Ltd.
|
ZXRE1004FF ZXRE1004FN8 ZXRE1004FR ZXRE1004 ZXRE100 |
Micropower 1.22 V voltage reference SOT23 MICROPOWER (4uA) 1.22V VOLTAGE REFERENCE IC-SM 1.22V PRECISION REFERENCE 集成电路1.22V的高精度参 IC REF VOLT 1.22V 20MA 1% 8-SOIC 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.22 V, PDSO8
|
ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
MAX466 MAX470 MAX465 |
Quad RGB Switch & Buffer(90MHz,四组RGB带AV=2V/V缓冲器视频开 Quad Video Buffer(90MHz,四组视频缓冲 Triple RGB Switch & Buffer(90MHz,三组RGB带AV=2V/V缓冲器视频开
|
Maxim Integrated Products, Inc.
|
F1206C0R20FSTR F1206C0R20FWTR F1206A0R20FSTR F1206 |
Accu-Guard, SMD Thin-Film Fuse
|
AVX Corporation
|
1022-6 |
Accessories, 0.205 (5.21mm) and 0.250 (6.35mm) Accu-Pak Receptacles
|
Zierick Manufacturing
|
LBN09016 |
90MHz SAW Filter 13MHz Bandwidth
|
SIPAT Co,Ltd
|
LBN09012 |
90MHz SAW Filter 9MHz Bandwidth
|
SIPAT Co,Ltd
|
LBT09031 |
90MHz SAW Filter 5MHz Bandwidth
|
SIPAT Co,Ltd
|
LBN09010 |
90MHz SAW Filter 24MHz Bandwidth
|
SIPAT Co,Ltd
|
LBS09035 |
90MHz SAW Filter 0.2MHz Bandwidth
|
SIPAT Co,Ltd
|