PART |
Description |
Maker |
CY23FS08OXC CY23FS08OXCT CY23FS08OXIT CY23FS0811 C |
Failsafe 2.5 V/3.3 V Zero Delay Buffer Failsafe™ 2.5V/ 3.3V Zero Delay Buffer 166.7 MHz, OTHER CLOCK GENERATOR, PDSO28 Failsafe?2.5 V/3.3 V Zero Delay Buffer
|
Cypress Semiconductor, Corp.
|
NB2308AC1DTR2 NB2308AC1HD NB2308AC1DTG NB2308AC1DG |
3.3V Eight Output Zero Delay Buffer 2308 SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 3.3V Eight Output Zero Delay Buffer; Package: SOIC 16 LEAD; No of Pins: 16; Container: Rail; Qty per Container: 48 2308 SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 3.3 V Zero Delay Clock Buffer 2308 SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16
|
Rectron Semiconductor
|
IDT2309B-1DCGBLANK IDT2309B-1HDCGBLANK IDT2309B-1H |
3.3V ZERO DELAY CLOCK BUFFER
|
http:// Integrated Device Technology
|
2305B-1HPGG 2305B-1HPGGI 2305B-1DCG 2305B-1DCGI 23 |
3.3V ZERO DELAY CLOCK BUFFER
|
Integrated Device Technology http://
|
IDT2305B-1HDC IDT2305B-1HDCG IDT2305B-1HDCGI IDT23 |
3.3V ZERO DELAY CLOCK BUFFER
|
Integrated Device Technology, Inc.
|
PI6C2409-1HWIEX PI6C2409-1HLIE PI6C2409-1HLE |
Zero-Delay Clock Buffer
|
Pericom Semiconductor C...
|
NB2309AI1DG NB2309AI1DR2G NB2309AI1DTG NB2309AI1DT |
3.3 V Zero Delay Clock Buffer(3.3V零延迟时钟缓冲器)
|
ONSEMI[ON Semiconductor]
|
FS612510-01 FS612510-02 |
1:10 sero-delay clock buffer IC
|
AMI Semiconductor
|
CY28343 CY28343OC CY28343OCT |
Zero Delay SDR/DDR Clock Buffer
|
CYPRESS[Cypress Semiconductor]
|
ISPPACCLK5610AV-01TN48C ISPPACCLK5610AV-01TN48I IS |
In-System Programmable, Enhanced Zero-Delay, Clock Generator with Universal Fan-Out Buffer 5600 SERIES, PLL BASED CLOCK DRIVER, 20 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP100 TQFP-100 5600 SERIES, PLL BASED CLOCK DRIVER, 10 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP48 TQFP-48 CLOCK GENERATOR, ISP, SMD, TQFP48; Frequency, clock:10MHz; Temp, op. min:0(degree C); Temp, op. max:70(degree C); Pins, No. of:48; Case style:TQFP / 48; Base number:5610; Packaging type:Peel Pack; Voltage, Vcc:3.3V; Temperature, RoHS Compliant: Yes In-System Programmable, Enhanced Zero-Delay, Clock Generator with Universal Fan-Out Buffer
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
NB2304AI1DG |
3.3 V Zero Delay Clock Buffer 2304 SERIES, PLL BASED CLOCK DRIVER, 4 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO8
|
ON Semiconductor
|