PART |
Description |
Maker |
MC912DG128PMPV MC912DT128PMPV MC912DG128X MC912DG1 |
Microcontrollers The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit 16-BIT, FLASH, 8 MHz, MICROCONTROLLER, PQFP112 The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit 该MC68HC912DT128A微控制器单元(MCU)是一6位设备的标准组成的片上外设包括一6位中央处理单
|
Motorola, Inc. Motorola Mobility Holdings, Inc. MOTOROLA INC
|
VL-CBR-0201 VL-CBR-0701 VL-CBR-0702 VL-CBR-0804 VL |
Embedded Processing Unit
|
List of Unclassifed Manufacturers
|
HD6800 |
Micro Processing Unit
|
Hitachi
|
F3850 |
Central Processing Unit (CPU)
|
Fairchild Semiconductor
|
C10459-C10460-KACC1135E04 |
Signal processing unit for PSD module
|
Hamamatsu Corporation
|
HD641180X |
CMOS 8-Bit Micro Processing Unit
|
ETC
|
HD6303RCG |
1MHz CMOS micro processing unit (MPU)
|
Hitachi Semiconductor
|
TMS9980A TMS9981 TMS9980 |
SINGE-CHIP 16-BIT CENTRAL PROCESSING UNIT (CPU) WHICH HAS AN 8-BIT DATA BUS,ON-CHIP AND IS PACKAGED 40-PIN PACKAGE
|
ETC
|
P89C51RD P89C51RDIB P89C51RDIN P89C51RDIA P89C51RD |
80C51 Central Processing Unit 80C51 8-bit Flash microcontroller family 32K/64K ISP FLASH with 512.1K RAM
|
NXP Semiconductors Philips Semiconductors
|
AD1954 AD1954YS AD1954YSRL AD1954YST AD1954YSTRL A |
SigmaDSP™ Digital Audio Processor with On-Board Converters SigmaDSP 3-Channel/ 26-Bit Signal Processing DAC SigmaDSP 3-Channel, 26-Bit Signal Processing DAC SigmaDSP??3-Channel, 26-Bit Signal Processing DAC SigmaDSP⑩ 3-Channel, 26-Bit Signal Processing DAC
|
AD[Analog Devices]
|
80960MC A80960MC-25 |
Embedded 32-bit microprocessor with integrated floating-point unit and memory management unit, 25 MHz
|
INTEL[Intel Corporation]
|