Part Number Hot Search : 
L6919E 2420FB SB1040 LBN12041 KS0071B 531012 NE556DT 20NM50
Product Description
Full Text Search
  unit Datasheet PDF File

For unit Found Datasheets File :: 301842    Search Time::1.625ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Vishay Semiconductors
Part No. VLMY322U2V2-GS08
OCR Text ... color categorized per packing unit ? luminous intensity ratio per packing unit i vmax. /i vmin. 1.6 ? esd-withstand voltage: up to 2 kv according to jesd22-a114-b ? suitable for all soldering methods according to cecc 00802 and j-s...
Description Visible LED, SINGLE COLOR LED, YELLOW, 2.4 mm, ROHS COMPLIANT, PLASTIC, SMD, LCC-4

File Size 245.18K  /  12 Page

View it Online

Download Datasheet





    22SC5405 2SC5405

PANASONIC[Panasonic Semiconductor]
PanasonicSemiconductor
Panasonic Corporation
Part No. 22SC5405 2SC5405
OCR Text ...gh current amplification ratio unit: mm s Features q q 9.90.3 3.00.5 4.60.2 2.90.2 q High-speed switching High forward current transfer ratio hFE which has satisfactory linearity Dielectric breakdown voltage of the package...
Description    Silicon NPN triple diffusion planar type
SiliconNPNtriplediffusionplanartype

File Size 35.55K  /  2 Page

View it Online

Download Datasheet

    2764A M27C64A-30C1TR M27C64A-30C1X M27C64A-30C6TR M27C64A-30C6X M27C64A-30F1TR M27C64A-30F1X M27C64A-30F6TR M27C64A-30F6

ST Microelectronics
STMICROELECTRONICS[STMicroelectronics]
意法半导
STMicroelectronics N.V.
Part No. 2764A M27C64A-30C1TR M27C64A-30C1X M27C64A-30C6TR M27C64A-30C6X M27C64A-30F1TR M27C64A-30F1X M27C64A-30F6TR M27C64A-30F6X M27C64A-20C1TR M27C64A-20C1X M27C64A-20C6TR M27C64A-20C6X M27C64A-25C1TR M27C64A-25F6X M27C64A-25F6TR M27C64A-15C6X M27C64A-15F1X M27C64A-15F6X M27C64A-15C1TR M27C64A-15F6TR M27C64A-15C6TR M27C64A-15F1TR M27C64A-20F1TR M27C64A-25F1X M27C64A-25F1TR M27C64A-25C1X M27C64A-25C6TR M27C64A-25C6X M27C64A-15C1X
OCR Text ... Voltage Program Supply Voltage unit C C C V V V V Notes: 1. Except for the rating "Operating Temperature Range", stresses above those listed in the Table "Absolute Maximum Ratings" may cause permanent damage to the device. These are str...
Description 64K (8K x 8) UV EPROM and OTP ROM 64K的(8K的8)紫外线EPROM和检察官办公室光

File Size 97.89K  /  11 Page

View it Online

Download Datasheet

    27C4001 M27C4001 M27C4001-10B1 M27C4001-10B1TR M27C4001-10B1X M27C4001-10B6TR M27C4001-10B6X M27C4001-10C1TR M27C4001-10

ST Microelectronics
STMicroelectronics
Part No. 27C4001 M27C4001 M27C4001-10B1 M27C4001-10B1TR M27C4001-10B1X M27C4001-10B6TR M27C4001-10B6X M27C4001-10C1TR M27C4001-10C1X M27C4001-10C6TR M27C4001-10C6X M27C4001-10F1TR M27C4001-10F1X M27C4001-10F6TR M27C4001-10F6X M27C4001-10L1TR M27C4001-10L1X M27C4001-10L6TR M27C4001-10L6X M27C4001-10N1TR M27C4001-10N1X M27C4001-10N6TR M27C4001-10N6X M27C4001-10XB1TR M27C4001-10XB1X M27C4001-10XB6TR M27C4001-10XB6X M27C4001-10XC1TR M27C4001-10XC1X M27C4001-10XC6TR M27C4001-10XC6X M27C4001-10XF1TR M27C4001-10XF1X M27C4001-10XF6TR M27C4001-10XF6X M27C4001-10XL1TR M27C4001-10XL1X M27C4001-10XL6TR M27C4001-10XL6X M27C4001-10XN1TR M27C4001-10XN1X M27C4001-10XN6TR M27C4001-10XN6X M27C4001-12B1TR M27C4001-12B1X M27C4001-12B6TR M27C4001-12B6X M27C4001-12C1TR M27C4001-12C1X M27C4001-12C6TR M27C4001-12C6X M27C4001-12F1TR M27C4001-12F1X M27C4001-12F6TR M27C4001-12F6X M27C4001-12L1TR M27C4001-12L1X M27C4001-12L6TR M27C4001-12L6X M27C4001-12N1TR M27C4001-12N1X M27C4001-12N6TR M27C4001-12N6X M27C4001-12XB1TR M27C4001-12XB1X M27C4001-12XB6TR M27C4001-12XB6X M27C4001-12XC1TR M27C4001-12XC1X M27C4001-12XC6TR M27C4001-12XC6X M27C4001-12XF1TR M27C4001-12XF1X M27C4001-12XF6TR M27C4001-12XF6X M27C4001-12XL1TR M27C
OCR Text ...o 7 -2 to 7 -2 to 13.5 -2 to 14 unit C C C V V V V Note: 1. Except for the rating "Operating Temperature Range", stresses above those listed in the Table "Absolute Maximum Ratings" may cause permanent damage to the device. These are stre...
Description From old datasheet system
4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
4 Mbit 512Kb x 8 UV EPROM and OTP EPROM

File Size 110.77K  /  16 Page

View it Online

Download Datasheet

    Vishay Semiconductors
Part No. VLMY322U1V2-GS08 VLMO322U1V2-GS08
OCR Text ... color categorized per packing unit ? luminous intensity ratio per packing unit i vmax. /i vmin. ? 1.6 ? esd-withstand voltage: up to 2 kv according to jesd22-a114-b ? suitable for all soldering methods according to cecc 00802 and j-...
Description Visible LED, SINGLE COLOR LED, YELLOW, 2.4 mm, ROHS COMPLIANT, PLASTIC, SMD, LCC-4
Visible LED, SINGLE COLOR LED, SOFT ORANGE, 2.4 mm, ROHS COMPLIANT, PLASTIC, SMD, LCC-4

File Size 221.37K  /  12 Page

View it Online

Download Datasheet

    2SA1010 2SA1010-AZ 2SA10102

NEC[NEC]
Part No. 2SA1010 2SA1010-AZ 2SA10102
OCR Text ...amplifiers. PACKAGE DRAWING (unit: mm) FEATURES * Low collector saturation voltage * Fast switching speed * Complementary transistor: 2SC2334 ABSOLUTE MAXIMUM RATINGS (Ta = 25C) Parameter Collector to base voltage Collector to e...
Description Silicon transistor
SILICON POWER TRANSISTOR
7 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-220AB SC-46, 3 PIN

File Size 115.28K  /  6 Page

View it Online

Download Datasheet

    2SA1018 2SC1473

PANASONIC[Panasonic Semiconductor]
Part No. 2SA1018 2SC1473
OCR Text unit: mm 4.00.2 q High collector to emitter voltage VCEO. s Absolute Maximum Ratings Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector powe...
Description Silicon PNP epitaxial planer type

File Size 35.59K  /  2 Page

View it Online

Download Datasheet

    2SA1022 2SC2295

PANASONIC[Panasonic Semiconductor]
Part No. 2SA1022 2SC2295
OCR Text unit: mm s Features q q 2.8 -0.3 0.650.15 +0.2 +0.25 1.5 -0.05 0.650.15 0.95 High transition frequency fT. Mini type package, allowing downsizing of the equipment and automatic insertion through the tape packing and th...
Description Silicon PNP epitaxial planer type

File Size 37.20K  /  2 Page

View it Online

Download Datasheet

For unit Found Datasheets File :: 301842    Search Time::1.625ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of unit

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.80599308013916