PART |
Description |
Maker |
VDSL6100I |
TVS 400W 45V UNIDIRECT SMA Integrated LR EoVDSL Modem-on-Chip
|
INFINEON[Infineon Technologies AG]
|
28F008C3 GT28F160C3B110 GT28F016C3B90 TE28F008C3T1 |
3 VOLT ADVANCED BOOT BLOCK 8- / 16- / 32-MBIT FLASH MEMORY FAMILY STANDOFF HEX 6-32THR 2.5L ALUM TVS, 6.5CA, BI, 6.5V, 400W, SMT 3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 3伏高级启动块8 - 6 - 32 - Mbit闪存家庭 3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 3伏高级启动块8 - 16 - 32 - Mbit闪存家庭 3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 3伏高级启动块8 - 6 - 2 - Mbit闪存家庭 TVS UNIDIRECT 7.5V 400W SMA
|
Intel Corp. Intel, Corp.
|
MMBZ15VAL MMBZ9V1AL MMBZ5V6AL10 MMBZ27VAL MMBZ6V2A |
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS TVS UNIDIRECT CA 40W 14.5V SOT23 40 W, UNIDIRECTIONAL, 2 ELEMENT, SILICON, TVS DIODE
|
Diodes Incorporated Diodes, Inc.
|
RD28F3208C3T70 RD28F3208C3B90 |
TVS BIDIRECT 400W 90V SMA 3 VOLT INTEL Advanced BootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye SPECIALTY MEMORY CIRCUIT, PBGA66
|
INTEL CORP Intel, Corp.
|
WM2331IDT/V WM2331CDT/V WM2331 |
TVS UNIDIRECT 600W 64V SMB TVS 600W 60V BIDIRECT SMB 10-bit 30MSPS ADC with PGA and Clamp
|
Wolfson Microelectronics plc
|
P4KE11 P4KE6.8A P4KE68 P4KE56A P4KE24 P4KE68A P4KE |
400W Peak Power / 1.0W Steady State 400W Peak Power TVS
|
SeCoS Halbleitertechnologie GmbH
|
SMAJ12A-13-F SMAJ22A-13-F SMAJ45A-13-F SMAJ15A-13- |
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 400 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Diodes Inc. Diodes, Inc.
|
ATV04A360JB-G ATV04A580J-G ATV04A580JB-G ATV04A7V0 |
Transient Voltage Suppressor (TVS), P<sub>PPM</sub>=400Watts, V<sub>RWM</sub>=36V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=58V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=7V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=7.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=140V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=110V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=160V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=170V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=100V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=300V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=30V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=33V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=10V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=11V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=9V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=60V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=64V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=6.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=14V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=15V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=16V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=17V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=18V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=20V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=51V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=400Watts, V-RWM=54V, Tolerance=5%
|
Comchip Technology
|
Z85230-20VSC Z85230-16VSC Z80230-10PSC Z85230-16PS |
FUSE - PTC 0.5/1A SMT 1812 DIODE TVS 7.5V 1.5KW BI-DIR Communications Controller 通信控制 TVS Diode; Diode Type:Bidirectional TVS; Stand-Off Voltage, VRWM:342V; Breakdown Voltage, Vbr:380V; Package/Case:DO-201; Leaded Process Compatible:Yes; No. of Lines Protected Max:1; Peak Pulse Current IPP @ 10x1000uS:2.8A RoHS Compliant: Yes 通信控制 DIODE TVS 100V 1500W 5% BI AXL 通信控制 TVS Diode; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
Microsemi, Corp.
|
400WSMAJ5.0 SMAJ5.0 |
Transient Voltage Suppressor(TVS)400W SMAJ5.0-SMAJ170A 瞬态电压抑制器(TVS00W SMAJ5.0 - SMAJ170A
|
LRC 乐山无线电股份有限公 Leshan Radio Company, Ltd.
|
|