Part Number Hot Search : 
ISL62 LD1010D P6SMB20 TYN612T UT134F BD235 ULC0524P TK17013S
Product Description
Full Text Search

SPG8640 - IC,CRYSTAL OSCILLATOR,1-CHANNEL,DIP,16PIN,PLASTIC SELECTABLE-OUTPUT CRYSTAL OSCILLATOR

SPG8640_213086.PDF Datasheet

 
Part No. SPG8640 SPG
Description IC,CRYSTAL OSCILLATOR,1-CHANNEL,DIP,16PIN,PLASTIC
SELECTABLE-OUTPUT CRYSTAL OSCILLATOR

File Size 106.27K  /  3 Page  

Maker


Epson Company



JITONG TECHNOLOGY
(CHINA HK & SZ)
Datasheet.hk's Sponsor

Part: SPG8640AN
Maker: EPSON
Pack: DIP
Stock: 22
Unit price for :
    50: $13.85
  100: $13.15
1000: $12.46

Email: oulindz@gmail.com

Contact us

Homepage http://www.epsondevice.com
Download [ ]
[ SPG8640 SPG Datasheet PDF Downlaod from Datasheet.HK ]
[SPG8640 SPG Datasheet PDF Downlaod from Maxim4U.com ] :-)


[ View it Online ]   [ Search more for SPG8640 ]

[ Price & Availability of SPG8640 by FindChips.com ]

 Full text search : IC,CRYSTAL OSCILLATOR,1-CHANNEL,DIP,16PIN,PLASTIC SELECTABLE-OUTPUT CRYSTAL OSCILLATOR


 Related Part Number
PART Description Maker
2SK3524    N-CHANNE SILLCON POWER MOSFET
N-CHANNE SILLCON POWER MOSFET - CHANNE SILLCON功率MOSFET
Fuji Electric
Electronic Theatre Controls, Inc.
CE2766 6-Channe Audio DAC
CEI
FCB20N60F12 600V N-Channe MOSFET 600V, 20A, 190mΩ
Fairchild Semiconductor
IRFZ46N-002 E-018 IRF540N-006 IRF540N-004 IRF540N- 46 A, 55 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
48 A, 60 V, 0.023 ohm, N-CHANNE
81 A, 60 V, 0.012 ohm, N-CHANNE
27 A, 100 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
72 A, 55 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
98 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
21 A, 150 V, 0.082 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
46 A, 100 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
Bourns, Inc.
VISHAY INTERTECHNOLOGY INC
HUF76407D3 HUF76407D3S HUF76407D3ST 11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFETPower MOSFET
11A,60V, 0.107 Ohm, N-Channe, Logic Level UltraFET Power MOSFET
Fairchild Semiconductor
NIMD6302R2 HDPlus Dual N-Channel Self-Protected Field Effect Transistor with 1:200 Current Sense FET
HDPlus Dual N-Channe Self-protected Field Effect Transistors with 1:200 Current Mirror FET
ONSEMI[ON Semiconductor]
AT90SC25672R AT90SC25672RT AT90SC320856 AT90SC3208 Low-power, High performance 8-bit/16-bit secure microcontroller with 256K Byte ROM, 72K Byte EEPROM. Security Features: MMU, MED, OTP (one time programmable) EEPROM area, RN (Random Number Generator), "out of bounds" detectors, side channe
Low-power, high-performance, 8-bit/16-bit secure microcontroller with 32K Byte ROM, 8K Byte FLASH and 56K Byte EEPROM.
Low-power, high-performance, 8-/16-bit secure microcontroller with 32K Byte FLASH and 32K Byte EEPROM.
Low-power, High performance 8-bit/16-bit secure microcontroller with 48K Byte ROM, 2K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co
Low-power, high-performance, 8-/16-bit secure microcontroller with 48K Byte ROM and 16K Byte EEPROM.
Low-power, High Performance 8-bit/16-bit secure microcontroller with 64K Byte ROM, 4K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co
Low-power, High performance 8-bit/16-bit secure microcontroller with 96K Byte ROM, 8K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co
Low-power, high-performance, 8-/16-bit secure microcontroller with 64K Byte ROM and 64K Byte EEPROM.
Low-power, high-performance, 8-/16-bit secure microcontroller with 64K Byte ROM and 32K Byte EEPROM.
Low-power, high-performance, 8-/16-bit secure microcontroller with 96K Byte ROM and 16K Byte EEPROM.
Atmel
 
 Related keyword From Full Text Search System
SPG8640 easy-on SPG8640 atmel SPG8640 pitch SPG8640 ac/dc eurocard SPG8640 ic查找网站
SPG8640 Corporation SPG8640 参数 封装 SPG8640 描述 SPG8640 image sensor SPG8640 接腳圖
 

 

Price & Availability of SPG8640

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.26817393302917