PART |
Description |
Maker |
P6KE200 P6KE7.5 P6KE440A P6KE82 P6KE33 P6KE68C P6K |
Single Output LDO, 1.0A, Fixed(2.8V), Low Noise, High PSRR 6-SOT-223 -40 to 125 硅雪崩二极管-硅雪崩二极管 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 Silicon Avalanche Diodes - Silicon Avalanche Diodes 硅雪崩二极管-硅雪崩二极管 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-DSBGA -40 to 85
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
NJM2248 NJM2248D NJM2248L NJM2248M NJM2248V |
Single Output LDO, 150mA, Fixed(5.0V), 1.0% Tolerance, Low Quiescent Current, Low Noise 5-SOT-23 -40 to 125 Single Output LDO, 150mA, Fixed(3.3V), 1.0% Tolerance, Low Quiescent Current, Low Noise 5-SOT-23 -40 to 125 3-INPUT VIDEO SUPER IMPOSER
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
GM71C4400ELJ-80 GM71C4400E-80 GM71C4400E-60 GM71C4 |
Replaced by TPS79630,REG104-A : Single Output LDO, 1.0A, Fixed(3.0V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 Single Output LDO, 1.0A, Fixed(3.3V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 1,048,576字×位组织 1,048,576 Words x Bit Organization 1,048,576字×位组织
|
LG Corp. LG, Corp.
|
MC3486P MC3486D |
QUAD EIA-422/3 LINE RECEIVER WITH THREE-STATE OUPUTS Single Output LDO, 100mA, Fixed(5.0V), Low Noise, Fast Transient Response 8-SOIC Single Output LDO, 100mA, Adj.(2.5 to 5.5V), Low Noise, Fast Transient Response 5-SOT-23
|
Motorola, Inc.
|
RT9167-30CB RT9167-30CBR RT9167-30CS RT9167A-15CB |
LOW NOISE FIXED OUTPUT VOLTAGE 200MA/500MA LDO REGULATOR
|
ETC
|
MC3363DW MC3363 ON1073 |
Single Output LDO, 400mA, Fixed(2.5V), Low Noise, Fast Transient Response 5-SOT-23 -40 to 85 LOW POWER DUAL CONVERSION FM RECEIVER From old datasheet system
|
Motorola, Inc. ON Semi MOTOROLA[Motorola, Inc]
|
P6KE440A P6KE200 P6KE6.8 P6KE100A P6KE82 P6KE33 P6 |
Single Output LDO, 1.0A, Fixed(2.8V), Low Noise, High PSRR 5-DDPAK/TO-263 -40 to 125 CASE INST STY GRY11.02X7.87X3.00 Single Output LDO, 500mA, Fixed(2.5V), Low Noise, High PSRR 6-SOT-223 -40 to 125 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP -40 to 85 16-Bit Edge-Triggered D-Type Flip-Flops with 3-State Output 48-TSSOP -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Quadruple 1-of-2 Data Selectors/Multiplexers with 3-State Outputs 16-SOIC -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp. Diodes, Inc. SEMIKRON Micro Commercial Compon...
|
ISL9000AIRPLZ ISL9000AIRPPZ ISL9000AIRCJZ ISL9000A |
Dual LDO with Low Noise, Very High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10 Dual LDO with Low Noise, Very High PSRR and Low IQ
|
Intersil, Corp. Intersil Corporation
|
ISL6414IRZ-TK ISL6414 ISL6414IR ISL6414IR-T5K ISL6 |
Hex Inverters 14-SO -40 to 85 TRIPLE OUTPUT, FIXED POSITIVE LDO REGULATOR, QCC16 Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
P6KE P6KE250 P6KE180 P6KE400 P6KE30 P6KE250A P6KE2 |
Multi-Standard Fully Integrated 13.56-MHz RFID AFE and Data Framing Reader System 32-QFN -40 to 110 玻璃钝化结瞬态电压抑制器 0.14 GHz to 1.5 GHz Quadrature Modulator 16-VQFN -40 to 85 玻璃钝化结瞬态电压抑制器 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, High PSRR 6-SOT-223 -40 to 125 玻璃钝化结瞬态电压抑制器 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 玻璃钝化结瞬态电压抑制器 Presettable Synchronous 4-Bit Up/Down Binary Counters 16-SOIC -40 to 85 玻璃钝化结瞬态电压抑制器 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 Automotive Catalog 10-mA, 3-V Micro-Power LDO Voltage Regulator in SC-70 5-SC70 -40 to 125 TRANSIENT VOLTAGE SUPPRESSOR BREAKDOWN VOLTAGE:6.8-440V PEAK PULSE POWER: 600W GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
|
TRSYS Transys Electronics, Ltd. Transys Electronics Ltd. Shanghai Sunrise Electronics
|
|