PART |
Description |
Maker |
SA43A-TP SA6.0A-TP SA150CA-TP SA8.0A-TP SCA45CA SA |
500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS TVS 500W 20V BIDIRECT DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 10V BIDIRECT DO-15 500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 20V UNIDIRECT DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 6.5V UNIDIRECT DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 5.0V UNIDIRECT DO-15 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 TVS 500W 6.0V BIDIRECT DO-15
|
http:// Micro Commercial Components, Corp. Micro Commercial Compon...
|
ICE3A0565Z ICE3B1565 ICE3A3565I ICE3B5065I |
Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS 离线式开关电源电流模式控制器,集成了650V启动单元/的CoolMOS TVS UNIDIRECT 400W 11V SMA
|
Infineon Technologies AG
|
MP02TT200-13-W12 |
360 A, 1300 V, SCR
|
DYNEX SEMICONDUCTOR LTD
|
SMAJ110CA-TP SMAJ14A-TP SMAJ43CA-TP MICROCOMMERCIA |
TVS 400W 110V BIDIRECT SMA 400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AC TVS 400W 14V UNIDIRECT SMA 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AC TVS 400W 43V BIDIRECT SMA 400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AC TVS 400W 100V BIDIRECT SMA TVS 400W 20V BIDIRECT SMA
|
Micro Commercial Components, Corp.
|
AGW25H3-HT01-55 AGW15H3-ET01-38 AGW15H3-ET01-50 |
BASE STATION/BROADCAST TRANSMISSION ANTENNA, 16.1 dBi GAIN, 360 deg 3dB BEAMWIDTH BASE STATION/BROADCAST TRANSMISSION ANTENNA, 360 deg 3dB BEAMWIDTH
|
ANDREW CORP
|
SZN5114BTXV SZN5114C SZN5114BS SZN5114CSMS SZN5114 |
360 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 120 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 240 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 260 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 33 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 27 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 270 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 91 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 75 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 220 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 30 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 18 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 51 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 330 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
SOLID STATE DEVICES INC
|
ISL9V5036S3STL86Z ISL9V5036S3SS62Z |
46 A, 360 V, N-CHANNEL IGBT, TO-263AB
|
FAIRCHILD SEMICONDUCTOR CORP
|
2854 |
360 MHz bandpass filter
|
KR Electronics, Inc.
|
SR360B |
360.00 MHz One-Port SAW Resonator
|
Vanlong Technology Co., Ltd...
|
KINECTSENSOR XBOX360KINECTSENSOR |
XBOX 360 Kinect sensor
|
Microsoft Corporation
|
HS360 |
(HS-360 Series) Crystal Clock Oscillators
|
NEL Frequency Controls
|
|