PART |
Description |
Maker |
PTRF4000LB |
Surface Mount Tip and Ring Filters
|
Coilcraft lnc.
|
F9033 |
Surface Mount Tip & Ring Ceramic Chip Capacitors
|
Kemet Corporation
|
TISP4XXXH3M3BJ |
LCAS RING AND TIP PROTECTION PAIRS BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
|
Bourns Inc.
|
TISP4125H3BJ TISP4125H3BJR TISP4125H3BJR-S TISP421 |
LCAS RING AND TIP PROTECTION PAIRS BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
|
BOURNS[Bourns Electronic Solutions]
|
L7581 L8581 |
Ringing / Tip/Ring and Line Card Access Switches Telecomm/Datacomm 电信/数据通信
|
Agere Systems Lineage Power, Corp.
|
MT88E45 |
Dual inputs (tip/ring and 4 wire) Extended Voltage Calling Number Identification Circuit for CLIP, CID and CIDCW applications (Type 2)
|
Zarlink Semiconductor
|
PTRF4000LD PTRF4000LB PTRF4000LC |
Surface Mount Tip and Ring Filters
|
Coilcraft lnc.
|
19073-0244 19073-0233 19193-0105 19193-0094 19069- |
RING AVIKRIMP EXPD (C-840-56X) 5 mm2, COPPER ALLOY, RING TERMINAL 190730233 5 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (C-328-06T) 5 mm2, COPPER ALLOY, RING TERMINAL 191930094 5 mm2, COPPER ALLOY, RING TERMINAL RING KRIMPTITE (C-128-08) SPM 5 mm2, COPPER ALLOY, RING TERMINAL CONN RING TERM 1/2 10-12AWG 5 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (C-328-06) 5 mm2, COPPER ALLOY, RING TERMINAL RING AVIKRIMP EXPD (C-830-56X) 5 mm2, COPPER ALLOY, RING TERMINAL RING INSULKRIMP TAPED (C-230-10XT) 5 mm2, COPPER ALLOY, RING TERMINAL
|
Molex, Inc.
|
191640306 191640844 191640845 191640419 19164-0003 |
RING TONGUE TERMINAL PERMA-SEAL NIAC 22-18 AWG CONN RING SEALABLE #10 18-22AWG 0.8 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL
|
Molex Electronics Ltd. Molex, Inc.
|
RD6.8UJ RD15UJ RD4.7UJ RD5.1UJ RD10UJ RD11UJ RD12U |
LOW NOISE SHARP BREAKDOWN CHARACTERISTICS ZENER DIODES 2PIN ULTRA SUPER MINI MOLD DIODE, SMA, 60V, 1A, SCHOTTKY CAT6 SOL PC PVC WHI 15FT PVC SOLID PATCH CORD surface mount silicon Zener diodes SCREWDRIVER, XONIC PH NO.1 X 80SCREWDRIVER, XONIC PH NO.1 X 80; Tip type:Phillips; Length, blade:80mm; Driver type:Phillips No 1; Handle type:Static diss; Tip Size:No.1 SCREWDRIVER, XONIC PH NO.000 X 60SCREWDRIVER, XONIC PH NO.000 X 60; Tip type:Phillips; Length, blade:60mm; Driver type:Phillips No 000; Handle type:SHATTERPROOF CELLULOSE ACETATE; Length:60mm; Tip Size:No.000 低噪声夏普稳压二极管击穿特PIN超超级迷你模 SCREWDRIVER, XONIC PH NO.00 X 60SCREWDRIVER, XONIC PH NO.00 X 60; Tip type:Phillips; Length, blade:60mm; Driver type:Phillips No 00; Handle type:Static diss.; Tip Size:No.00 低噪声夏普稳压二极管击穿特PIN超超级迷你模 6.8 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 4.7 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.6 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.1 V, 0.15 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
http:// NEC[NEC] NEC Corp. NEC, Corp.
|
19073-0085 19073-0096 19073-0094 19073-0087 19073- |
CONN RING TERM #8 14-16AWG 2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP TAPED (BB-839-08T) 2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP (BB-839-08) 2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL #10 RING TERMINAL 100/PKG 2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL BB-837-06T RING AVIKRIMP TAPED 2.5 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL
|
Molex, Inc.
|
19074-0004 19080-0003 19075-0014 19079-0011 19075- |
STAR RING KRIMPTITE (SRA-129-08) 1 mm2, BRASS, RING TERMINAL MULTI-STUD RING INSULKRIMP (B-2006-MSX) 2 mm2, COPPER ALLOY, RING TERMINAL STAR RING INSUL ON TAPE (SRB-229-06XT) 2 mm2, BRASS, RING TERMINAL MULTI-STUD RING (C-1006-MS) 6 mm2, COPPER ALLOY, RING TERMINAL STAR RING INSUL ON TAPE (SRA-229-06XT) 1 mm2, BRASS, RING TERMINAL STAR RING KRIMPTITE (SRA-129-06) 1 mm2, BRASS, RING TERMINAL 190770005 1 mm2, BRASS, RING TERMINAL STAR RING (STEEL) INSUL TAPED (SRA-S-229 1 mm2, STEEL, RING TERMINAL MULTI-STUD KRIMPTITE TAPED (C-1006-MST) STAR RING (STEEL) ON TAPE (SRB-S-129-10T 190740025
|
Molex, Inc. Littelfuse, Inc. MOLEX INC
|
|