PART |
Description |
Maker |
EL5370IU-T7 EL5170IYZT13 EL5170IYZ EL5170IY-T13 EL |
Intersil From old datasheet system 100MHz Differential Twisted-Pair Drivers 100MHz的差分双绞线驱动 100MHz Differential Twisted-Pair Drivers TRIPLE LINE DRIVER, PDSO24 100MHz Differential Twisted-Pair Drivers LINE DRIVER, PDSO8
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
EL5370IUZ-T7 EL5170 EL5170_06 EL5170IS EL5170IS-T1 |
100MHz Differential Twisted-Pair Drivers
|
INTERSIL[Intersil Corporation]
|
EL517308 EL5373 EL5173 EL5173IS-T13 |
450MHz Differential Twisted-Pair Drivers(450MHz差分驱动 450MHz Differential Twisted-Pair Drivers(450MHz宸??椹卞???
|
Intersil Corporation
|
EDI88512CA17MBRP EDI88512CA17MCRP EDI88512CA17MIRP |
100MHz Differential Twisted-Pair Drivers; Temperature Range: -40°C to 85°C; Package: 24-QSOP T&R x8的SRAM 650MHz, Gain of 5, Low Noise Amplifiers; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R x8的SRAM 200MHz Low-Power Current Feedback Amplifiers; Temperature Range: -40°C to 85°C; Package: 16-QSOP T&R 650MHz, Gain of 5, Low Noise Amplifiers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 12-Channel TFT-LCD Reference Voltage Generator with External Shutdown; Temperature Range: -40°C to 85°C; Package: 28-TSSOP T&R 200MHz Low-Power Current Feedback Amplifiers; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R 2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers; Temperature Range: -40°C to 85°C; Package: 20-TSSOP T&R 12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers; Temperature Range: -40°C to 85°C; Package: 20-TSSOP T&R x8 SRAM 100MHz Differential Twisted-Pair Drivers; Temperature Range: -40°C to 85°C; Package: 24-QSOP T&R 650MHz, Gain of 5, Low Noise Amplifiers; Temperature Range: -40°C to 85°C; Package: 10-MSOP x8SRAM
|
Moeller Electric, Corp. Atmel, Corp.
|
EL5172IS EL5172 EL5172IS-T13 EL5172IS-T7 EL5172IY |
Triple, 250MHz, Differential Twisted-Pair Receiver 250MHz Differential Line Receivers
|
Intersil Corporation
|
NB3N3011DTR2G NB3N3011DTG NB3N3011 |
3.3 V 100 MHz / 106.25 MHz PureEdge Clock Generator with LVPECL Differential Output(带LVPECL差分输出.3V 100MHz/106.25MHz PureEdge时钟生成 3.300兆赫/ 106.25 MHz的时钟发生器PureEdge与LVPECL差分输出(带的LVPECL差分输出.3 100MHz/106.25MHzPureEdge时钟生成器)
|
ONSEMI[ON Semiconductor]
|
EL5371 EL5371IU-T7 EL5171 EL5171IS EL5171IS-T13 EL |
250MHz Differential Twisted-Pair Drivers
|
INTERSIL[Intersil Corporation]
|
EL517807 EL5178IS EL5178IS-T13 EL5178IS-T7 EL5178I |
700MHz Differential Twisted-Pair Drivers(700MHz差分驱动
|
Intersil Corporation
|
EDI7P040FLE2402C15 EDI7P048FLE2402C15 EDI7P024FLE2 |
1.4GHz Current Feedback Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R 250MHz Differential Line Receivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Peripheral Miscellaneous Flash Memory Card 8 MB Through 64 MB (AMD Based)(8M字节-64M字节闪速存储器卡(基于AMD 450MHz Fixed Gain Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R 周边杂项 670MHz Low Noise Amplifiers; Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R 周边杂项 Super Sync Separator; Temperature Range: 0°C to 70°C; Package: 24-QSOP T&R 周边杂项 350MHz Fixed Gain Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R 周边杂项 250MHz Differential Twisted-Pair Drivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 周边杂项 200MHz Low-Power Current Feedback Amplifiers; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R 周边杂项 1.4GHz Current Feedback Amplifiers with Enable; Temperature Range: -40°C to 85°C; Package: 5-SC-70 T&R 周边杂项 Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding; Temperature Range: -40°C to 85°C; Package: 20-QFN T&R 周边杂项 Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding; Temperature Range: -40°C to 85°C; Package: 24-QSOP
|
Bourns, Inc. Sumida, Corp. Vicor, Corp. Vishay Intertechnology, Inc. 3M Company Sanyo Electric Co., Ltd.
|
W83194R-39/-39A W83194R-39A |
100MHz/133 MHz Intel BX/ZX, VIA PC133 Clock Gen., 3-DIMM, with S.S.T. 100MHZ 3-DIMM CLOCK
|
Winbond Electronics
|