PART |
Description |
Maker |
ST72T511R9T7S ST72T511R9T7 ST72T511R9T6S ST72T511R |
8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
|
STMicroelectronics
|
ST722311R6T6S ST722311R6T1 ST722311R7T3S ST722311R |
8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
|
ST Microelectronics
|
ST72321 ST723216 ST723217 ST723219 |
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
|
STMicroelectronics
|
ST72321J9 ST72F321J9 ST72F321J9T3 ST72F321J7 |
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
|
ST Microelectronics
|
ST72324K ST72324J 8336 |
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE From old datasheet system
|
STMicroelectronics
|
ST7FMC1N2B3 ST7PMC1N2B3 ST7PMC1N2B6 ST7FMC1K2B6 ST |
8-bit MCU with nested interrupts, Flash, 10-bit ADC, brushless motor control, five timers, SPI, LINSCI??/a> 8-bit MCU with nested interrupts, Flash, 10-bit ADC, brushless motor control, five timers, SPI, LINSCI?/a>
|
STMicroelectronics
|
BUV41 |
Bipolar NPN Device in a Hermetically sealed TO3 8-bit MCU for automotive with nested interrupts, Flash, 10-bit ADC, brushless motor control, 5 timers, SPI, LINSCI"
|
Seme LAB
|
ST72F324J6TC ST72P324J6TC ST72324BK2B5 ST72P324J4B |
5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE 8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
|
ST Microelectronics
|
ST72F321R7T6 ST72F321R7TA ST72321J9TA ST72F321J9T6 |
64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE ST72321 - 8-BIT MCU WITH NESTED INTERRUPTS, FLASH,10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
|
ST Microelectronics
|
UNR9216 UNR9213 UNR9215 UNR9214 UNR9210 UNR9211 UN |
Transistors with built-in Resistor ST72321 - 8-BIT MCU WITH NESTED INTERRUPTS, FLASH,10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | SOT-416 UNR921X Series (UN921X Series) - NPN Transistor with built-in Resistor DC-DC converter from 5 V to 12 V, 0.03 A for Flash memory programming supply 晶体管| 50V五(巴西)总裁| 100mA的一(c)|的SOT - 416
|
Matsshita / Panasonic Panasonic, Corp.
|
T89C51RD2-3CSIM ATMELCORP-AT89LP213-20PU TSC80251A |
8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 8-BIT, 12 MHz, MICROCONTROLLER, PQFP44 20MHZ, TQFP, IND TEMP, GREEN(MCU AVR) MCU AVR32 256K FLASH 100TQFP MCU AVR 2K FLASH 20MHZ 20VQFN 16MHZ, TQFP, IND TEMP, GREEN, 5.0(MCU AVR) -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 10MHZ, PDIP, IND TEMP, GREEN(MCU AVR) MCU AVR 256K FLASH 1.8V 64-TQFP MCU AVR 64K FLASH 1.6V 100-TQFP 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP64 MCU AVR 4K FLASH 15MHZ 20-QFN 8MHZ, MLF, IND TEMP, GREEN, 1.8V(MCU AVR) IC MCU 512KB FLASH 144TFBGA MCU AVR 32K FLASH 1.6V 44-QFN BGA,ROHS-A,IND TEMP(ARM) 20MHZ,3X3 QFN/MLF, IND.TEMP, GREEN, 5V(MCU AVR) MCU AVR 64K FLASH 1.8V 64-TQFP MCU AVR 16K FLASH 4MHZ 36-LGA MCU AVR32 128K FLASH 48-QFN 8-BIT, 60 MHz, MICROCONTROLLER, PDIP40
|
ATMEL CORP TEMIC SEMICONDUCTORS
|
ADUC824 ADUC824BCP ADUC824BCP-REEL ADUC824BS |
24-Bit ADC 16-Bit ADC 12-Bit DAC 8K-Byte Flash MCU Precision Analog Microcontroller: 1MIPS 8052 MCU 8kB Flash 16/24-Bit ADC 12-Bit DAC
|
Analog Devices
|
|