PART |
Description |
Maker |
BYT01-400 BYT01-400RL BYT01-40001 BYT01 |
Ultra low drop voltage regulators with inhibit low ESR output capacitors compatible HIGH EFFICIENCY ULTRAFAST DIODE FAST RECOVERY RECTIFIER DIODES FAST RECOVERY RECTIFIER DIODES
|
STMicroelectronics ST Microelectronics
|
DSEI60-12A |
Fast Recovery Diodes Fast Recovery Epitaxial Diode (FRED)
|
IXYS[IXYS Corporation]
|
SD1553C..KSERIES 2617 SD1553C18S20K SD1553C18S30K |
2800V Fast Recovery Diode in a DO-200AC (K-Puk) package 2500V Fast Recovery Diode in a DO-200AC (K-Puk) package 2200V Fast Recovery Diode in a DO-200AC (K-Puk) package 1800V Fast Recovery Diode in a DO-200AC (K-Puk) package From old datasheet system FAST RECOVERY DIODES
|
International Rectifier
|
BYW29FP-200 5011 BYW29G-200 BYW29-200 BYW29F-200 B |
Low noise low drop voltage regulator with shutdown function From old datasheet system HIGH EFFICIENCY FAST RECOVERY DIODES HIGH EFFICIENCY FAST RECOVERY DIODES
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
R9G20212CS R9G20412CS R9G20612CS R9G20812CS R9G210 |
200V, 1200A fast recovery single diode 400V, 1200A fast recovery single diode 600V, 1200A fast recovery single diode 800V, 1200A fast recovery single diode 1000V, 1200A fast recovery single diode 1200V, 1200A fast recovery single diode 1400V, 1200A fast recovery single diode 1600V, 1200A fast recovery single diode
|
Powerex Power Semiconductors
|
0263.375TX832 026301.5TX832 263.125 0263.125TX832 |
FUSE 375MA VERY FAST Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN FUSE 125MA VERY FAST FUSE 750MA VERY FAST FUSE 500MA VERY FAST FUSE 250MA VERY FAST FUSE 62MA VERY FAST FUSE 3.5A VERY FAST FUSE 5.0A VERY FAST FUSE 3.0A VERY FAST FUSE 2.0A VERY FAST FUSE 1.0A VERY FAST FUSE 4.0A VERY FAST FUSE 2.5A VERY FAST 特快速保险丝.5a FUSE 1.5A VERY FAST 保险.5A非常快
|
Littelfuse, Inc. KEMET Corporation
|
BYT12P-600 BYT12P/600A BYT12P-800 BYT12P/800A |
Fast Recovery Rectifier Diodes Ultra Fast Recovery Silicon Power Rectifier
|
ST Microelectronics Vishay Intertechnology
|
MURH860CT MURH805CT MURH810CT MURH820CT MURH840CT |
8.0A, 200V ultra fast recovery rectifier 8.0A, 100V ultra fast recovery rectifier 8.0A, 50V ultra fast recovery rectifier 8 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts 8 A, 50 V, SILICON, RECTIFIER DIODE, TO-220AB
|
MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
MUR110 MUR110S MUR120 MUR120S MUR140S MUR160S MUR1 |
Super Fast Recovery Pack: DO-15 Super Fast Recovery Pack: DO-41 Ultra Fast Recovery Pack: DO-41 ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER Voltage: 50 to 1000V Current: 1.0A
|
Gulf Semiconductor
|