PART |
Description |
Maker |
AU9360 |
USB Multiple Slots Flash Memory Card Reader Controller TRM
|
Alcor Micro Corp ETC[ETC] N.A.
|
AU6370 |
USB2.0 Multiple Slots Flash Memory Card Reader
|
List of Unclassifed Manufacturers
|
AU6370 |
USB2.0 Multiple Slots Flash Memory Card Reader
|
Alcor Micro
|
AT89C5131 AT89C5131-RFTIL |
USB C51-based Microcontroller with 32K Bytes Flash, 1K Byte Data EEPROM, 1280 bytes RAM, 7 USB Endpoints, TWI, SPI, UART, PCA 8-bit flash microcontroller with full speed USB device. Memory size 32 Kbytes. Supply voltage 3.0 to 3.6 V.
|
Atmel
|
SYS-4U4020-4H01-14 |
Compact Short-depth 4th Gen Intel? Core?i7/i5/i3 PICMIC1.3 System with 11 Expansion Slots,Front USB 3.0
|
Advantech Co., Ltd.
|
SYS-4U4020-4S01-14 |
4U Compact Short-depth Intel? Xeon? E3 Server with 2 x PCIex16 (x8 link), 1 PCIex4, 1 PCI Expansion Slots, Front USB 3.0
|
Advantech Co., Ltd.
|
MX26C2000BQI-15 MX26C2000BTC-10 MX26C2000BTI-10 MX |
DIODE SCHOTTKY 15V 2X35A TO247AD SWITCH PB SPST-NO .4VA SOLDERLUG CONNECTOR ACCESSORY 2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 256K X 8 FLASH 12V PROM, 90 ns, PDIP32 IC HALF BRIDGE DRVR HS 2A 16-DIP 256K X 8 FLASH 12V PROM, 90 ns, PQCC32 2M-BIT [256K x 8] CMOS MULTIPLE-TIME-PROGRAMMABLE-EPROM 256K X 8 FLASH 12V PROM, 90 ns, PDSO32
|
Macronix International Co., Ltd. MACRONIX INTERNATIONAL CO LTD
|
CY7C68023-56LTXC |
EZ-USB NX2LP USB 2.0 NAND Flash Controller 3.3 V NAND Flash Operation
|
Cypress Semiconductor
|
ASMB-584G2-00A1E |
LGA 1150 Intel? Xeon? E3 V3 Micro ATX Server Board with 2 PCIe x16 slots (x8 link), 1 PCIe x4, 1 PCI, USB 3.0, PCIe Gen III, Dual LANs
|
Advantech Co., Ltd.
|
CY7C68023 CY7C68023-56LFXC CY7C68024 CY7C68024-56L |
EZ-USB NX2LP USB 2.0 NAND Flash Controller
|
CYPRESS[Cypress Semiconductor]
|
STM32F102R6T6XXX STM32F102C6T6AXXX STM32F102C4 STM |
Low-density USB access line, ARM-based 32-bit MCU with 16/32 KB Flash, USB FS interface, 5 timers, ADC & 5 communication interfaces
|
STMicroelectronics
|