Part Number Hot Search : 
DTC144WS 0110J503 SEMIX HPR109WH MPL031 N2907A N2907A MT6L61AE
Product Description
Full Text Search
  slots Datasheet PDF File

For slots Found Datasheets File :: 2758    Search Time::2.547ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    BCM2121

ETC
Broadcom Corporation.
Part No. BCM2121
OCR Text ... * Data capability (one to five slots, up to four RX/4 TX slots) * GPRS (multislot Class 10) up to 84.4 Kbps * HSCSD (multislot Class 10) up to 57.6 Kbps * GSM single slot up to 14.4 Kbps * Multivoltage SIM, PCMCIA, and IrDA compliant inte...
Description GPRS/GSM Single-Chip Baseband Processor
GPRS/GSM SINGLE CHIP BASEBAND PROCESSOR

File Size 118.36K  /  2 Page

View it Online

Download Datasheet





    BCM3341

Broadcom Corporation.
ETC
Part No. BCM3341
OCR Text ...e packets with the DOCSIS grant slots, potentially saving 10-20 ms of VoIP packet delay, providing higher voice quality. * Integrated DOCSISTM system clock synchronization provides clock synchronization in the entire voice path for a sli...
Description SINGLE CHIP 2 LINE VOLP BROADBAND IC

File Size 154.16K  /  2 Page

View it Online

Download Datasheet

    DS18B20 DS18B20Z

MAXIM - Dallas Semiconductor
DALLAS[Dallas Semiconducotr]
Part No. DS18B20 DS18B20Z
OCR Text ...he master then issues read time slots. The DS18B20 will send back "0" on the 1-Wire bus if it is parasite powered; it will send back a "1" if it is powered from the VDD pin. If the master receives a "0," it knows that it must supply the str...
Description Programmable Resolution 1-Wire Digital Thermometer
From old datasheet system

File Size 389.32K  /  27 Page

View it Online

Download Datasheet

    DS2480 DS2480S 2480

MAXIM - Dallas Semiconductor
Dallas Semiconducotr
DALLAS[Dallas Semiconductor]
Part No. DS2480 DS2480S 2480
OCR Text ...haracter into eight 1-Wire time slots thereby increasing the data throughput significantly. In addition, the DS2480 can be set to communicate at four different data rates including 115.2 kbps, 57.6 kbps and 19.2 kbps with 9.6 kbps being the...
Description Serial 1.Wire Line Driver
Serial 1-WireTM Line Driver
From old datasheet system

File Size 186.04K  /  26 Page

View it Online

Download Datasheet

    MT8985 MT8985AE MT8985AL MT8985AP

MITEL[Mitel Networks Corporation]
Part No. MT8985 MT8985AE MT8985AL MT8985AP
OCR Text ...an access input and output time slots on a per channel basis to control devices such as the MITEL MT8972, ISDN Transceivers and T1/ CEPT trunk interfaces through the ST-BUS interface. Different digital backplanes can be accepted by the MT89...
Description CMOS ST-BUS⑩ FAMILY Enhanced Digital Switch
CMOS ST-BUS FAMILY Enhanced Digital Switch

File Size 173.65K  /  18 Page

View it Online

Download Datasheet

    PCF5078 PCF5078T PCF5078_1

PHILIPS[Philips Semiconductors]
Part No. PCF5078 PCF5078T PCF5078_1
OCR Text ...194 During the not used time slots in Time Division Multiple Access (TDMA) systems, the PCF5078 must be turned off by switching off the supply voltage on pin VDD. Initial conditions and start-up The PCF5078 has been designed to operate i...
Description Power amplifier controller for GSM and PCN systems
From old datasheet system

File Size 90.72K  /  20 Page

View it Online

Download Datasheet

    PCF5079 PCF5079HK PCF5079T PCF50B79HK PCF50B79T

PHILIPS[Philips Semiconductors]
Part No. PCF5079 PCF5079HK PCF5079T PCF50B79HK PCF50B79T
OCR Text ...to switch the IC on during time slots that are used in TDMA systems, and to switch the IC off during the unused slots to reduce current consumption. 7.3 OP4 (integrator) The operational amplifier OP4 (integrator) consists of a shared inp...
Description Dual-band power amplifier controller for GSM PCN and DCS
Dual-band power amplifier controller for GSM, PCN and DCS

File Size 139.72K  /  28 Page

View it Online

Download Datasheet

    ADM1014 ADM1014JRU

AD[Analog Devices]
Part No. ADM1014 ADM1014JRU
OCR Text ...IONS FEATURES Controls Two PCI slots Controls all Four PCI Supplies, +3.3V, +5V, +12V, -12V, plus 3.3V auxiliary supply Internal MOSFET Switches for +3.3V AUX, +12V and -12V outputs Adjustable Overcurrent Protection for all Outputs Undervo...
Description    Dual PCI Hot-PlugTM Controller

File Size 154.57K  /  12 Page

View it Online

Download Datasheet

    MAX890LESA MAX890L 1526 MAX890LC_D MAX890LC/D

MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Maxim Integrated Products, Inc.
Part No. MAX890LESA MAX890L 1526 MAX890LC_D MAX890LC/D
OCR Text ...___________Applications PCMCIA slots Access Bus slots Portable Equipment PART* MAX890LC/D MAX890LESA Ordering Information TEMP. RANGE 0C to +70C -40C to +85C PINPACKAGE Dice** 8 SO CURRENT LIMIT 1A 1A * To order this unit in tape a...
Description 1A / Current-Limited / High-Side P-Channel Switch with Thermal Shutdown
From old datasheet system
1A Current-Limited High-Side P-Channel Switch with Thermal Shutdown
1A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
2A / Current-Limited / High-Side P-Channel Switch with Thermal Shutdown

File Size 133.70K  /  8 Page

View it Online

Download Datasheet

    ICS9248-39 ICS9248YF-39 AV9248F-39

ICST[Integrated Circuit Systems]
Part No. ICS9248-39 ICS9248YF-39 AV9248F-39
OCR Text ...e I/O dual function pin for the slots (ISA, PIC, CPU, DIMM). The add on card might have a pull up or pull down. High drive PCICLK and SDRAM outputs typically provide greater than 1 V/ns slew rate into 30pF loads. CPUCLK outputs typically pr...
Description Frequency generator and integrated for Pentium/PRO
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Integrated Circuit Systems

File Size 290.92K  /  16 Page

View it Online

Download Datasheet

For slots Found Datasheets File :: 2758    Search Time::2.547ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of slots

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
4.7247281074524