PART |
Description |
Maker |
PSS-01-702 ASTM-D-1622-88 BS2011 DEFSTAN59-103 MIL |
GORE-SHIELD? GS2100 EMI Gasket is a conductive, adhesive backed, EMI gasketing material that is moderately soft and is approved for spacefl ight and military applications.
|
List of Unclassifed Manufacturers
|
JANS1N5806 JANS1N5805 1N5805 |
ULTRA FAST MILITARY RECTIFIERS
|
MICROSEMI[Microsemi Corporation]
|
JAN1N4249 1N4245 JAN1N4247 1N4247 JANTX1N4247 1N42 |
Standard Rectifier (trr more than 500ns) MILITARY RECTIFIERS
|
MICROSEMI[Microsemi Corporation]
|
MI-27T-IV MI-27T-IW MI-27T-IX MI-27T-IY MI-27T-MV |
InputV:28V; outputV:24V; --W; 30A military DC-DC converter. For military applications InputV:270V; outputV:48V; 50W; 10A military DC-DC converter. For military applications InputV:270V; outputV:48V; --W; 30A military DC-DC converter. For military applications InputV:28V; outputV:15V; 50W; 10A military DC-DC converter. For military applications InputV:270V; outputV:15V; 50W; 10A military DC-DC converter. For military applications InputV:155V; outputV:24V; 50W; 10A military DC-DC converter. For military applications InputV:270V; outputV:24V; 50W; 10A military DC-DC converter. For military applications InputV:165V; outputV:24V; 50W; 10A military DC-DC converter. For military applications Military DC-DC Converters 50 to 100W InputV:28V; outputV:24V; 50W; 10A military DC-DC converter. For military applications InputV:155V; outputV:15V; 50W; 10A military DC-DC converter. For military applications InputV:165V; outputV:15V; 50W; 10A military DC-DC converter. For military applications InputV:28V; outputV:48V; --W; 30A military DC-DC converter. For military applications InputV:165V; outputV:48V; --W; 30A military DC-DC converter. For military applications InputV:28V; outputV:48V; 50W; 10A military DC-DC converter. For military applications Military DC-DC Converters 50 to 100W
|
http:// Vicor Corporation
|
MN-PK97-02XA5 MN-PK97-03GA5 MN-PK97-03XB5 MN-PK97- |
PVC, HAR approved
|
SHIELD s.r.l.
|
AHU1NBSB110 AHU1LBSB110 AHU1NBSB12 AHU2NBSB12 AHU2 |
UL Approved Illuminated Pushbutton
|
CIT Relay & Switch
|
DH22U1NBSB110 DH22U1NBSB12 DH22U2NBSB12 DH22U2LBSB |
UL Approved Illuminated Pushbutton
|
CIT Relay & Switch
|
JWS11BBA-A JWS21BBA-A JWS11BBAC-A JWS11RBAC-A JWS2 |
Internationally Approved Rockers
|
Nihon Kaiheiki Industry Co. Ltd. Nihon Kaiheiki Industry Co.... Nihon Kaiheiki Industry...
|
1242 RJ26FW501 RJ26FX501 |
Bulk Metal? Foil Technology Precision Trimming Potentiometers, QPL Approved 1/4 Inch Bulk Metal㈢ Foil Technology Precision Trimming Potentiometers, QPL Approved 1/4 Inch
|
http:// Vishay Siliconix
|
JWL12BH1 JWL22BH1 JWM12BH1 JWM22BH1 JWMW22BA JWMW2 |
Internationally Approved TV Rated Rockers
|
Nihon Kaiheiki Industry Co. Ltd. Nihon Kaiheiki Industry Co.... Nihon Kaiheiki Industry...
|
CMFMILITARY |
Military, MIL-R-10509 Qualified, Type RN, Military, MIL-R-22684 Qualified, Type RL, Very Low Noise, Very Low Voltage Coefficient, Controlled Temperature Coefficient
|
Vishay
|