PART |
Description |
Maker |
KA317MRTF |
Adjustable Voltage Regulator (Positive); Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, PSSO2
|
Fairchild Semiconductor, Corp.
|
OM1322STM OM1322N2M OM1322NKM OM1322NMM OM1322NTM |
1.2 V-37 V ADJUSTABLE NEGATIVE REGULATOR, MSFM3 Hi-Rel Adjustable Voltage 3-Terminal Negative Regulator 1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703403 1.5放大器的负电压调节器调节批准降序703403
|
Omnirel International Rectifier ETC[ETC] List of Unclassifed Manufacturers TE Connectivity, Ltd.
|
IP117M-LCC4 IP117MHV-LCC4 IP117MA-LCC4 IP117MAHV-L |
0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE 0.5 AMP Positive Adjustable Voltage Regulator In Ceramic Surface Mount Package(0.5 A 正可调稳压器( 陶瓷表贴封装)) Voltage Regulator 电压调节 0.5 AMP Positive Adjustable Voltage Regulator In Ceramic Surface Mount Package(0.5 A 姝e?璋?ǔ???( ?剁?琛ㄨ创灏??)) 0.5A Adjustable Positive Voltage Regulator
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited Abracon, Corp. SEMELAB LTD
|
HS-117 HS-117RH 5962F9954701QYA HSYE-117RHPROTO HS |
5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 5.0 AMP POSITIVE VOLTAGE REGULATOR 1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, MSFM3 Radiation Hardened Adjustable Positive Voltage Regulator
|
Intersil, Corp. Intersil Corporation
|
SHD526150 |
LINEAR VOLTAGE REGULATOR THREE TERMINAL-POSITIVE-ADJUSTABLE 3.0 Amp, Low Dropout Voltage TO-257 Hermetic Package
|
List of Unclassifed Manufacturers ETC
|
LNT1C104SEG LNT1A105SEG LNT1A473SEG LNT1C105SEG LN |
Single, Low Voltage, Rail-to-Rail Output Operational Amplifier 100 mA, Adjustable Output 1.2 to 37 V, Voltage Regulator with ±4% Tolerance 2 A, 30 V Schottky Rectifier 100 mA, Adjustable Output 1.2 to 37 V, Voltage Regulator with ±4% Tolerance 铝电解电容器 5 V ECL 4-Input OR/NOR 铝电解电容器 3-32 V Dual Operational Amplifier 铝电解电容器 ALUMINUM ELECTROLYTIC CAPACITORS 铝电解电容器 3.3 V / 5 V ECL 4 Divider 铝电解电容器
|
Nichicon Corporation Nichicon, Corp.
|
LM396K |
10 Amp Adjustable Voltage Regulator
|
NS
|
ICL7663ACPA-2 |
Fixed & Adjustable Voltage Regulator
|
|
UA78HGA 78HGKC |
Positive Adjustable 5-Amp Voltage Regulator Positive Adjustable 5 Amp Voltage Regulator
|
Fairchild Semiconductor
|
ADM8697 ADM8697ARW |
bqTINY-II Dual Input USB/AC Adpater 1-Cell Li-Ion Charger w/Charge Enable & AC Present, No Taper 10-SON -40 to 85 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO16 P Supervisor with Chip Enable Signals, Adjustable Low Line Voltage Monitor, Adjustable Watchdog Timer, Low Line, Power Fail and Watchdog Status Outputs, Reduced Power Consumption. Upgrade for ADM697
|
Analog Devices, Inc.
|
TSM102AIDT |
DUAL OP-AMP DUAL COMPARATOR & ADJUSTABLE VOLTAGE REFERENCE
|
ST Microelectronics
|