PART |
Description |
Maker |
HD14502B |
Strobed Hex Inverter/Buffer
|
Hitachi Semiconductor
|
M54HC4049 M54HC4049B1R M54HC4049C1R M54HC4049F1R M |
HC4050 HEX BUFFER/CONVERTER, HC4049 HEX BUFFER/CONVERTER (INVERTER) HC4050 HEX BUFFER/CONVERTER HC4049 HEX BUFFER/CONVERTER INVERTER HC4049 HEX BUFFER/CONVERTER (INVERTER)HC4050 HEX BUFFER/CONVERTER
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] http://
|
MC14050B |
Hex Non-Inverter Buffer
|
ON Semiconductor
|
M74HC4049TTR |
HEX BUFFER/CONVERTER (INVERTER)
|
SGS Thomson Microelectronics
|
74F368PC |
Hex Inverter Buffer with 3-STATE Outputs
|
Fairchild Semiconductor
|
M54HC404904 M54HC4049D M54HC4049D1 M54HC4049K M54H |
RAD-HARD HEX BUFFER/CONVERTER (INVERTER)
|
ST Microelectronics STMicroelectronics
|
74LCX0601 |
Low Voltage Hex Inverter/Buffer with Open Drain Outputs
|
Fairchild Semiconductor
|
74LCX04M 74LCX04TTR 74LCX04MTR -74LCX04M |
LVC/LCX/Z SERIES, HEX 1-INPUT INVERT GATE, PDSO14 LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS CMOS HEX INVERTER WITH 5V TOLERANT INPUT
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
74AC14 74AC14B 74AC14M 74AC14MTR 5040 74AC14TTR |
HEX SCHMITT INVERTER From old datasheet system HEX INVERTER
|
STMICROELECTRONICS[STMicroelectronics]
|
74HC04D 74HC04PW-T 74HCT04 74HC04DB 74HCT04BQ 74HC |
Hex inverter - Description: Hex Inverter ; Logic switching levels: CMOS ; Number of pins: 14 ; Output drive capability: /- 5.2 mA ; Power dissipation considerations: Low Power or Battery Applications ; Propagation delay: 7@5V ns; Voltage: 2.0-6.0 V
|
NXP Semiconductors N.V.
|
MC74ACT05DR2 MC74ACT05DR2G MC74AC05N MC74ACT05D 74 |
Hex Inverter with Open−Drain Outputs AC SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Hex Inverter with Open−Drain Outputs
|
ONSEMI[ON Semiconductor]
|
AT89C52-12QA AT89C52-24AI AT89C52-16JA AT89C52-16Q |
Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SOIC -40 to 125 Hex Inverter 14-VQFN -40 to 125 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SSOP -40 to 125 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PQFP44 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PDIP40 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQFP44 8-Bit Microcontroller with 8K Bytes Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP44
|
Atmel Corp. Atmel, Corp.
|