Part Number Hot Search : 
BZX2C11V G240128 2N3635 NGAANUA 1N4753 MB8993X B280Y B89PV
Product Description
Full Text Search
  inverter buffer Datasheet PDF File

For inverter buffer Found Datasheets File :: 1496    Search Time::1.188ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    CS86

Fujitsu Component Limited.
Fujitsu Microelectronics
Fujitsu Limited
Fujitsu Media Devices Limited
Part No. CS86
OCR Text .... Logic cells * Adder * AND-OR inverter * Clock buffer * Latch * NAND * AND * NOR * OR-AND * Scan Flip Flop * ENOR * Boundary Scan Register * Bus Driver * AND-OR * Decoder * NON-Scan Flip Flop * inverter * buffer * OR-AND inverter * OR * D...
Description The CS86 series of 0.18 mm standard cells is a line of CMOS ASICs based on higher integration implemented

File Size 51.49K  /  16 Page

View it Online

Download Datasheet





    Fujitsu Limited
Part No. CE77
OCR Text ...time : t pd = 33 ps (2.5 v, inverter cell high speed type, f/o = 1, no load)  gate power consumption : 0.02 w/mhz (1.5 v, f/o = ...buffer cells with noise reduction circuits  inputs with on-chip input pull-up/pull-down resistors (...
Description Semicustom CMOS Embedded array

File Size 159.00K  /  24 Page

View it Online

Download Datasheet

    CLA76000ACP208 CLA76000GC172 CLA76000GCP132 CLA76000GCP196 CLA76000GG160 CLA75000AC132 CLA76000AC180 CLA76000GC196 CLA76

Vishay Intertechnology, Inc.
TOKO, Inc.
BI Technologies, Corp.
Thomas
Aavid Thermalloy, LLC
Part No. CLA76000ACP208 CLA76000GC172 CLA76000GCP132 CLA76000GCP196 CLA76000GG160 CLA75000AC132 CLA76000AC180 CLA76000GC196 CLA76000GP160 CLA76000GCP172 CLA76000ACP144 CLA75000AC144 CLA77000ACP144 CLA78000ACP144 CLA77000GCP256 CLA78000GCP256 CLA72000HG68 CLA72000GG64 CLA73000HG68 CLA71000HG68 CLA71000GG64 CLA73000GG64 CLA70000MP16L CLA71000GG52 CLA70000MC24 CLA70000DP40 CLA78000AC257 CLA70000HG44 CLA73000GG100 CLA73000GG120 CLA73000GP80 CLA73000LC84 CLA74000GG80 CLA74000GP80 CLA74000GG100 CLA74000GG120 CLA73000GP120 CLA73000HC84 CLA77000AC180
OCR Text ...elay cell 2inv dual driver inv2 inverter, dual drive inv4 inverter, quad drive inv8 inverter, octal drive nand2 2 input nand gate nd3 3 inpu...buffer cells ibccmos1 cmos input buffer + large 2 input nand gate ibccmos2 cmos input buffer + data ...
Description ASIC 专用集成电路

File Size 245.07K  /  17 Page

View it Online

Download Datasheet

    Fujitsu Limited
Part No. CS201
OCR Text ...ate delay time : 11 ps (1.2 v, inverter, f/o = 1)  gate power consumption : 1.77 nw/gate (operating condition: 1.2 v, operating rate 0....buffer ? clock buffer ? decoder ? delay buffer ? enor ? eor ? inverter ? latch ? nand ? nor...
Description Semicustom CMOS Standard Cell

File Size 64.67K  /  9 Page

View it Online

Download Datasheet

    Fujitsu Limited
Part No. CS91
OCR Text ...time : t pd = 16 ps (1.2 v, inverter, f/o = 1)  gate power consumption : pd = 6.6 nw/mhz/bc (1.2 v, inverter, f/o = 1)  suppor...buffer cell dedicated to crystal oscillator  ip macros* : cpu (arm9, arm7tdmi) , dsp, pci, ieee13...
Description Standard cell array

File Size 42.47K  /  9 Page

View it Online

Download Datasheet

    74LCX06 74LCX06M 74LCX06MTC 74LCX06SJ

Fairchild Semiconductor
Part No. 74LCX06 74LCX06M 74LCX06MTC 74LCX06SJ
OCR Text inverter/buffer with Open Drain Outputs October 1999 Revised October 1999 74LCX06 Low Voltage Hex inverter/buffer with Open Drain Outputs General Description The LCX06 contains six inverters/buffers. The inputs tolerate voltages up ...
Description Low Voltage Hex inverter/buffer with Open Drain Outputs

File Size 59.39K  /  6 Page

View it Online

Download Datasheet

    Clairex Technologies
Part No. CLL134 CLL134W CLL137 CLL137W CLL135W CLL136 CLL136W CLL130 CLL130W CLL131 CLL131W CLL133 CLL133W
OCR Text ...put stages: a. buffer or inverter b. open collector or internal 10k ? pull-up ? supply voltage 4.5v to 18v ? 7:1 user sensitivity adjustment on cll130-cll133 and cll130w-cll133w series ? acce...
Description buffer, Open Collector Output, 3 Lead TO-18 metal can
buffer, Open Collector Output, 3 Lead flat glass TO-18
inverter w/10K pull-up Resistor, 3 Lead TO-18 metal can
inverter w/10K pull-up Resistor, 3 Lead flat glass TO-18
inverter, Open Collector Output, 3 Lead flat glass TO-18
buffer w/10K pull-up Resistor, 3 Lead TO-18 metal can
inverter, Open Collector Output, 3 Lead TO-18 metal can
buffer w/10K pull-up Resistor, 3 Lead flat glass TO-18
buffer w/10K pull-up Resistor, 4 Lead TO-72 metal can
buffer w/10K pull-up Resistor, 4 Lead flat glass TO-72
inverter w/10K pull-up Resistor, 4 Lead TO-72 metal can
inverter w/10K pull-up Resistor, 4 Lead flat glass TO-72
inverter, Open Collector Output, 4 Lead TO-72 metal can
inverter, Open Collector Output, 4 Lead flat glass TO-72

File Size 190.48K  /  4 Page

View it Online

Download Datasheet

    NXP Semiconductors N.V.
Part No. UBA2013T/N3518
OCR Text ...igned to operate in a very wide inverter supply voltage range. the ic can be con?ured to be supplied directly from a low voltage supply up t...buffer capacitor must be connected between this pin and the shb-pin. this capacitor is charged when ...
Description
File Size 1,202.87K  /  33 Page

View it Online

Download Datasheet

For inverter buffer Found Datasheets File :: 1496    Search Time::1.188ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of inverter buffer

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.3572070598602