PART |
Description |
Maker |
GS8161E32D-166 GS8161E32D-166I GS8161E3T-200 GS816 |
14-Bit Registered Buffer With SSTL_2 Inputs and Outputs 48-TVSOP 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs 1M×18512k×32512k×36 18M位同步突发静态存储器 20-Bit SSTL_3 Interface Buffer With 3-State Outputs 64-TSSOP 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 25-Bit Configurable Registered Buffer With Address-Parity Test 96-LFBGA 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs 1M×1812k×3212k×36 18M位同步突发静态存储器 Quad 2-input Exclusive-OR gates 14-PDIP 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 25-Bit Configurable Registered Buffer with SSTL_18 Inputs and Outputs 96-LFBGA 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 20-Bit SSTL_3 Interface Universal Bus Driver With 3-State Outputs 64-TSSOP 0 to 70 Quad 2-input Exclusive-OR gates 14-SOIC 0 to 70 13-Bit to 26-Bit Registered Buffer with SSTL_2 Inputs and Outputs 56-VQFN 0 to 70
|
http:// GSI Technology Electronic Theatre Controls, Inc.
|
GS8161Z32D-166 GS8161Z32D-166I GS8161Z32D-166T GS8 |
512K X 36 ZBT SRAM, 6 ns, PBGA165 Dual Voltage Clamp 8-SM8 -40 to 85 35.7流水线和流量,通过同步唑的SRAM 10-Bit Voltage Clamp 24-SOIC -40 to 85 35.7流水线和流量,通过同步唑的SRAM 10-Bit Voltage Clamp 24-TVSOP -40 to 85 35.7流水线和流量,通过同步唑的SRAM 24-Bit to 48-Bit Registered Buffer with SSTL_2 Inputs and Outputs 114-BGA MICROSTAR 0 to 70 35.7流水线和流量,通过同步唑的SRAM RECTIFIER SCHOTTKY SINGLE 1A 20V 30A-Ifsm 0.5Vf 0.5A-IR SMA 5K/REEL 35.7流水线和流量,通过同步唑的SRAM 512K X 36 ZBT SRAM, 7 ns, PQFP100 TQFP-100 18Mb Pipelined and Flow Through Synchronous NBT SRAM 35.7流水线和流量,通过同步唑的SRAM GIGABASE 350 CAT5E PATCH 4 FT, SNAGLESS, PURPLE 35.7流水线和流量,通过同步唑的SRAM 22-Bit Voltage Clamp 48-TVSOP -40 to 85 Dual Voltage Clamp 8-US8 -40 to 85 GIGABASE 350 CAT5E PATCH 25 FT, SNAGLESS, PURPLE 8192 x 18 Synchronous FIFO Memory 80-LQFP 0 to 70 1024 x 18 Synchronous FIFO Memory 64-TQFP 0 to 70 RECTIFIER SCHOTTKY SINGLE 1A 30V 25A-Ifsm 0.41Vf 1A-IR SMA 5K/REEL CAT5E PATCH CORD PURPLE 5FT Replaced by SN74TVC16222A : 22-Bit Voltage Clamp 48-TSSOP -40 to 85 2048 x 18 Synchronous FIFO Memory 64-TQFP 0 to 70 13-Bit to 26-Bit Registered Buffer with SSTL_2 Inputs and Outputs 64-TSSOP 0 to 70 ENHANCED PATCH CORD PURPLE 3 FT 13-Bit to 26-Bit Registered Buffer with SSTL_2 Inputs and Outputs 56-VQFN 0 to 70 14-Bit Registered Buffer With SSTL_2 Inputs and Outputs 48-TSSOP 0 to 70 26-Bit Registered Buffer with SSTL_2 Inputs and Outputs 96-LFBGA 0 to 70 Enhanced Product 26-Bit Registered Buffer With Sstl_2 Inputs And Lvcmos Outputs 96-LFBGA -40 to 85 10-Bit Voltage Clamp 24-TSSOP -40 to 85 4096 x 18 Synchronous FIFO Memory 64-TQFP 0 to 70 10-Bit Voltage Clamp 24-SSOP/QSOP -40 to 85 22-Bit Voltage Clamp 48-SSOP -40 to 85
|
http:// GSI Technology, Inc. Electronic Theatre Controls, Inc.
|
74ALVC162835A 74ALVC162835ADGG |
74ALVC162835A; 18-bit registered driver with 30 Ohm termination resistors (3-State) 18-bit registered driver with 30W 18-bit registered driver with 30ohm termination resistors (3-State) BUFFER/DRIVER|SINGLE|18-BIT|AVC/ALVC-CMOS|TSSOP|56PIN|PLASTIC 缓冲驱动器|单|18位|AVC/ALVC-CMOS|TSSOP|56引脚|塑料
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
PI74SSTV16857K PI74SSTV16857A PI74SSTV16857 |
14-Bit Registered Buffer
|
Pericom Semiconductor Corporation
|
SSTUA32866EC SSTUA32866EC-G SSTUA32866 |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
|
PHILIPS[Philips Semiconductors]
|
SSTUB32866EC_G SSTUB32866EC_S SSTUB32866 |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
|
PHILIPS[Philips Semiconductors]
|
SSTUA32866 SSTUA32866EC SSTUA32866EC_G SSTUA32866E |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
|
NXP Semiconductors
|
HD74SSTV16857A HD74SSTV16857ANEL HD74SSTV16857ATEL |
1:1 14-bit SSTL_2 Registered Buffer
|
Renesas Electronics Corporation
|
IDT74SSTUBF32865ABKG8 IDT74SSTUBF32865A |
28-BIT 1:2 REGISTERED BUFFER WITH PARITY
|
Integrated Device Technology
|
AS80SSTVF16857-48VT AS80SSTVF16857 AS80SSTVF16857- |
DDR 14-Bit Registered Buffer
|
ALSC[Alliance Semiconductor Corporation]
|
ICSSSTV32852YHT |
DDR 24-Bit to 48-Bit Registered Buffer 复员24位到48位注册缓冲区
|
Electronic Theatre Controls, Inc.
|