|
|
|
http:// GSI Technology, Inc. Electronic Theatre Controls, Inc.
|
Part No. |
GS8161Z32D-166 GS8161Z32D-166I GS8161Z32D-166T GS8161Z32D-133I GS8161Z32D-133IT GS8161Z32D-133T GS8161Z32D-225 GS8161Z32D-225I GS8161Z32D-225T GS8161Z32D-225IT GS8161Z32D-150I GS8161Z32D-250 GS8161Z32D-150T GS8161Z32D-150IT GS8161Z18D-200 GS8161Z32D-250I GS8161Z36T-166T GS8161Z32T-166 GS8161Z32T-225IT GS8161Z32T-166IT GS8161Z32T-166T GS8161Z18D-225 GS8161Z18D-225I GS8161Z18D-225IT GS8161Z18D-225T GS8161Z18T-150I GS8161Z18T-133T GS8161Z18D-166I GS8161Z18D-133I GS8161Z18T-133IT GS8161Z36T-166IT GS8161Z36D-250IT GS8161Z18T-166IT GS8161Z18D-133T GS8161Z32T-133T GS8161Z36T-150IT GS8161Z36T-133IT GS8161Z32T-133IT GS8161Z36D-225T GS8161Z36D-150T GS8161Z36D-250T GS8161Z36T-225I GS8161Z36T-225IT GS8161Z36T-225T GS8161Z18D-150T GS8161Z32D-250T GS8161Z18T-250 GS8161Z32D-250IT GS8161Z32T-225T GS8161Z18T-250I GS8161Z18T-250T GS8161Z18T-225T GS8161Z18T-250IT GS8161Z18D-133IT GS8161Z36D-133T GS8161Z36T-133T GS8161Z36D-166I GS8161Z18T-225IT GS8161Z32T-200IT GS8161Z36D-133IT GS8161Z32D-200IT GSITECHNOLOGY-GS8161Z32D-200IT GS8161Z36T-200 GS8161Z36T-150 GS8161Z36T-150I GS8161Z36T-133 GS8161Z36T-166 GS8161Z36T-133I GS8161Z36T-166I
|
Description |
512K X 36 ZBT SRAM, 6 ns, PBGA165 Dual Voltage Clamp 8-SM8 -40 to 85 35.7流水线和流量,通过同步唑的SRAM 10-Bit Voltage Clamp 24-SOIC -40 to 85 35.7流水线和流量,通过同步唑的SRAM 10-Bit Voltage Clamp 24-TVSOP -40 to 85 35.7流水线和流量,通过同步唑的SRAM 24-Bit to 48-Bit registered buffer with SSTL_2 Inputs and Outputs 114-BGA MICROSTAR 0 to 70 35.7流水线和流量,通过同步唑的SRAM RECTIFIER SCHOTTKY SINGLE 1A 20V 30A-Ifsm 0.5Vf 0.5A-IR SMA 5K/REEL 35.7流水线和流量,通过同步唑的SRAM 512K X 36 ZBT SRAM, 7 ns, PQFP100 TQFP-100 18Mb Pipelined and Flow Through Synchronous NBT SRAM 35.7流水线和流量,通过同步唑的SRAM GIGABASE 350 CAT5E PATCH 4 FT, SNAGLESS, PURPLE 35.7流水线和流量,通过同步唑的SRAM 22-Bit Voltage Clamp 48-TVSOP -40 to 85 Dual Voltage Clamp 8-US8 -40 to 85 GIGABASE 350 CAT5E PATCH 25 FT, SNAGLESS, PURPLE 8192 x 18 Synchronous FIFO Memory 80-LQFP 0 to 70 1024 x 18 Synchronous FIFO Memory 64-TQFP 0 to 70 RECTIFIER SCHOTTKY SINGLE 1A 30V 25A-Ifsm 0.41Vf 1A-IR SMA 5K/REEL CAT5E PATCH CORD PURPLE 5FT Replaced by SN74TVC16222A : 22-Bit Voltage Clamp 48-TSSOP -40 to 85 2048 x 18 Synchronous FIFO Memory 64-TQFP 0 to 70 13-Bit to 26-Bit registered buffer with SSTL_2 Inputs and Outputs 64-TSSOP 0 to 70 ENHANCED PATCH CORD PURPLE 3 FT 13-Bit to 26-Bit registered buffer with SSTL_2 Inputs and Outputs 56-VQFN 0 to 70 14-bit registered buffer With SSTL_2 Inputs and Outputs 48-TSSOP 0 to 70 26-Bit registered buffer with SSTL_2 Inputs and Outputs 96-LFBGA 0 to 70 Enhanced Product 26-Bit registered buffer With Sstl_2 Inputs And Lvcmos Outputs 96-LFBGA -40 to 85 10-Bit Voltage Clamp 24-TSSOP -40 to 85 4096 x 18 Synchronous FIFO Memory 64-TQFP 0 to 70 10-Bit Voltage Clamp 24-SSOP/QSOP -40 to 85 22-Bit Voltage Clamp 48-SSOP -40 to 85
|
File Size |
600.26K /
36 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|