PART |
Description |
Maker |
ST7232405 ST72F324K6TC ST72324 ST72324_05 ST72F324 |
5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
|
STMICROELECTRONICS[STMicroelectronics]
|
ST72F324L ST72F324LJ2T ST72F324LJ4T6 ST72F324LK6TA |
3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
|
STMICROELECTRONICS[STMicroelectronics]
|
T89C51RD2-3CSIM ATMELCORP-AT89LP213-20PU TSC80251A |
8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 8-BIT, 12 MHz, MICROCONTROLLER, PQFP44 20MHZ, TQFP, IND TEMP, GREEN(MCU AVR) MCU AVR32 256K FLASH 100TQFP MCU AVR 2K FLASH 20MHZ 20VQFN 16MHZ, TQFP, IND TEMP, GREEN, 5.0(MCU AVR) -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 10MHZ, PDIP, IND TEMP, GREEN(MCU AVR) MCU AVR 256K FLASH 1.8V 64-TQFP MCU AVR 64K FLASH 1.6V 100-TQFP 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 8-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP64 MCU AVR 4K FLASH 15MHZ 20-QFN 8MHZ, MLF, IND TEMP, GREEN, 1.8V(MCU AVR) IC MCU 512KB FLASH 144TFBGA MCU AVR 32K FLASH 1.6V 44-QFN BGA,ROHS-A,IND TEMP(ARM) 20MHZ,3X3 QFN/MLF, IND.TEMP, GREEN, 5V(MCU AVR) MCU AVR 64K FLASH 1.8V 64-TQFP MCU AVR 16K FLASH 4MHZ 36-LGA MCU AVR32 128K FLASH 48-QFN 8-BIT, 60 MHz, MICROCONTROLLER, PDIP40
|
ATMEL CORP TEMIC SEMICONDUCTORS
|
CA308T_S_AT_AS CA308T/S/AT/AS CA108S/AT/AS CA208S/ |
5V range 8-bit MCU with 8 to 32K Flash, 10-bit ADC, 4 timers, SPI, SCI interface Triple 2-channel analog multiplexer/demultiplexer 12 A Snubberless", logic level and standard triacs Voltage-FeedbackOperationalAmplifier
|
|
PIC16F74 PIC16F74I_L PIC16F74I_P PIC16F74I_PT PIC1 |
28/40-Pin 8-Bit CMOS FLASH Microcontrollers IC-SMD-8-BIT MCU
IC-8-BIT MCU
|
Microchip Technology
|
BUT102 |
3.3V range 8-bit MCU for automotive with 16/32 Kbyte Flash or 16 Kbyte ROM, 10-bit ADC, 4 timers, SPI and SCI interfaces 晶体管|晶体管|进步党| 300V五(巴西)总裁| 50A条一(c)|
|
STMicroelectronics N.V.
|
SST89E54RD2-40-I-PJ SST89V52RD2-40-I-PJ SST89V58RD |
DIODE SWITCH 80V 25MA SOT-353 FlashFlex51单片 XSTR GP SWITCH 75V 0.6A 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQFP44 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP40 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQFP44 FlashFlex51 MCU FlashFlex51单片 FlashFlex51 MCU 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC44 FlashFlex51 MCU 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PDIP40 TRANS DUAL NPN 50V 30MA SOT-353
|
Silicon Storage Technol... SILICON STORAGE TECHNOLOGY INC Silicon Storage Technology, Inc.
|
ZGP323LEH2032C ZGP323LSH2804C ZGP323LEH2816C ZGP32 |
IC Z8 GP MCU 32K OTP 20SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO20 IC Z8 GP MCU 4K OTP 28SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO28 IC Z8 GP MCU 16K OTP 28SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO28 IC Z8 GP MCU 8K OTP 48SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO48 IC Z8 GP MCU 8K OTP 40DIP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDIP40 IC Z8 GP MCU 8K OTP 20SOIC 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO20
|
ZiLOG, Inc.
|
ADUC844 ADUC844BCP32-3 ADUC844BCP32-5 ADUC844BCP62 |
MicroConverter/ Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU MicroConverter? 1-Cycle 8052 MCU 24-Bit ADC 16-Bit ADC 12-Bit DAC 62 K-Byte Flash MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU
|
AD[Analog Devices]
|
MC68HC805B6 |
8-Bit Microcontroller Units (MCU).(8位微控制 8位微控制器单元(MCU)。(8位微控制器)
|
Motorola Mobility Holdings, Inc.
|
HT66F201109 |
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
HT66F2011 |
Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
|